Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL95710UIU10Z Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL95710UIU10Z
Description  Terminal Voltage 3V or 5V, 128 Taps Up/Down Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95710UIU10Z Datasheet(HTML) 1 Page - Intersil Corporation

  ISL95710UIU10Z Datasheet HTML 1Page - Intersil Corporation ISL95710UIU10Z Datasheet HTML 2Page - Intersil Corporation ISL95710UIU10Z Datasheet HTML 3Page - Intersil Corporation ISL95710UIU10Z Datasheet HTML 4Page - Intersil Corporation ISL95710UIU10Z Datasheet HTML 5Page - Intersil Corporation ISL95710UIU10Z Datasheet HTML 6Page - Intersil Corporation ISL95710UIU10Z Datasheet HTML 7Page - Intersil Corporation ISL95710UIU10Z Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
®
FN8240.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil, Inc. Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL95710
Digitally Controlled Potentiometer (XDCP™)
Terminal Voltage ±3V or ±5V, 128 Taps
Up/Down Interface
The Intersil ISL95710 is a digitally controlled potentiometer
(XDCP). The device consists of a resistor array, wiper
switches, a control section, and nonvolatile memory. The
wiper position is controlled by a Up/Down interface.
The potentiometer is implemented by a resistor array
composed of 127 resistive elements and a wiper switching
network. Between each element and at either end are tap
points accessible to the wiper terminal. The position of the
wiper element is controlled by the CS, U/D, and INC inputs.
The position of the wiper can be stored in nonvolatile
memory and then be recalled upon a subsequent power-up
operation.
The device can be used as a three-terminal potentiometer or
as a two-terminal variable resistor in a wide variety of
applications including:
• Industrial and automotive control
• Parameter and bias adjustments
• Amplifier bias and control
Features
• Non-Volatile Solid-State Potentiometer
• Up/Down Interface with Chip Select Enable
• DCP Terminal Voltage, ±3V or ±5V
• 128 Wiper Tap Points
- Wiper position stored in nonvolatile memory and
recalled on power-up
• 127 Resistive Elements
- Typical RTOTAL tempco = ±50ppm/°C
- End to end resistance range ±20%
• Low Power CMOS
- Standby current, 1µA
- Active current, 3mA max
-VCC = 3V to 5.5V
- V- = -3V to -5.5V
• High Reliability
- Endurance, 200,000 data changes per bit
- Register data retention, 50 years
•RTOTAL Values = 10kΩ, 50kΩ
• Package
-10 Ld MSOP
- Pb-free plus anneal available (RoHS compliant)
Pinout
ISL95710
(10 LD MSOP)
TOP VIEW
Ordering Information
PART NUMBER
(BRAND)
RES
OPTION
(
Ω)
TEMP
RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL95710WIU10Z
(AKR) (Notes 1, 2)
10K
-40 to +85
10 Ld
MSOP
M10.118
ISL95710UIU10Z
(AKP) (Notes 1, 2)
50K
-40 to +85
10 Ld
MSOP
M10.118
NOTES:
1. Add “-T” suffix for tape and reel.
2. Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and
100% matte tin plate termination finish, which are RoHS
compliant and compatible with both SnPb and Pb-free soldering
operations. Intersil Pb-free products are MSL classified at Pb-
free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
GND
INC
U/D
V-
1
2
3
4
10
9
8
7
RH
RW
NC
VCC
5
RL
6
CS
Data Sheet
August 17, 2005


Similar Part No. - ISL95710UIU10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95710UIU10Z INTERSIL-ISL95710UIU10Z Datasheet
440Kb / 10P
   Digitally Controlled Potentiometer
logo
Renesas Technology Corp
ISL95710UIU10Z RENESAS-ISL95710UIU10Z Datasheet
711Kb / 10P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V to 짹5V, 128 Taps, Up/Down Interface
More results

Similar Description - ISL95710UIU10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23710 INTERSIL-ISL23710 Datasheet
232Kb / 8P
   Terminal Voltage -3V or -5V, 128 Taps Up/Down Interface
ISL23711 INTERSIL-ISL23711 Datasheet
270Kb / 9P
   Terminal Voltage - 3V or - 5V, 128 Taps IC Serial Interface
ISL95711 INTERSIL-ISL95711 Datasheet
333Kb / 12P
   Terminal Voltage 3V or 5V, 128 Taps I2C Serial Interface
ISL95310 INTERSIL-ISL95310 Datasheet
135Kb / 8P
   Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
logo
Renesas Technology Corp
ISL23710 RENESAS-ISL23710 Datasheet
428Kb / 8P
   Volatile Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹3V or 짹5V, 128 Taps Up/Down Interface
ISL95710 RENESAS-ISL95710 Datasheet
711Kb / 10P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V to 짹5V, 128 Taps, Up/Down Interface
ISL95310 RENESAS-ISL95310 Datasheet
474Kb / 9P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
logo
Intersil Corporation
ISL95311 INTERSIL-ISL95311 Datasheet
259Kb / 11P
   Terminal Voltage 0V to 13.2V, 128 Taps I2C Interface
logo
Renesas Technology Corp
ISL95711 RENESAS-ISL95711 Datasheet
871Kb / 14P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V or 짹5V, 128 Taps I2C Serial Interface
ISL23711 RENESAS-ISL23711 Datasheet
510Kb / 10P
   Volatile Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹3V or 짹5V, 128 Taps I2C Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com