Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9200EVAL1 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL9200EVAL1
Description  Charging System Safety Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9200EVAL1 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL9200EVAL1 Datasheet HTML 3Page - Intersil Corporation ISL9200EVAL1 Datasheet HTML 4Page - Intersil Corporation ISL9200EVAL1 Datasheet HTML 5Page - Intersil Corporation ISL9200EVAL1 Datasheet HTML 6Page - Intersil Corporation ISL9200EVAL1 Datasheet HTML 7Page - Intersil Corporation ISL9200EVAL1 Datasheet HTML 8Page - Intersil Corporation ISL9200EVAL1 Datasheet HTML 9Page - Intersil Corporation ISL9200EVAL1 Datasheet HTML 10Page - Intersil Corporation ISL9200EVAL1 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
FN9241.0
October 4, 2005
Theory of Operation
The ISL9200 is an integrated circuit (IC) optimized to provide
a redundant safety protection to a Li-ion battery from
charging system failures. The IC monitors the input voltage,
the battery voltage, and the charge current. When any of the
above three parameters exceeds its limit, the IC turns off an
internal P-channel MOSFET to remove the power from the
charging system. In addition to the above protected
parameters, the IC also monitors its own internal
temperature and turns off the P-channel MOSFET when the
temperature exceeds 140°C. Together with the battery
charger IC and the protection module in a battery pack, the
charging system has triple-level protection from over-
charging the Li-ion battery and is two-fault tolerant. The
ISL9200 protects up to 30V input voltage.
Power-Up
The ISL9200 has a power-on reset (POR) threshold of 2.6V
with a built-in hysteresis of 100mV. Before the input voltage
reaches the POR threshold, the internal power PFET is off.
Approximately 10ms after the input voltage exceeds the
POR threshold, the IC resets itself and begins the soft-start.
The 10ms delay allows any transients at the input during a
hot insertion of the power supply to settle down before the IC
starts to operate. The soft-start slowly turns on the power
PFET to reduce the inrush current as well as the input
voltage drop during the transition. The power-up behavior is
illustrated in Figure 2.
Input Overvoltage Protection (OVP)
The input voltage is monitored by the comparator CP1 in the
Block Diagram (Figure 1). CP1 has an accurate reference of
1.2V from the bandgap reference. The OVP threshold is set
by the resistive divider consisting of R1 and R2. The
FIGURE 20. EN INPUT THRESHOLD vs TEMPERATURE
FIGURE 21. EN PIN INTERNAL PULL-DOWN RESISTANCE
FIGURE 22. ON RESISTANCE vs TEMPERATURE AT DIFFERENT INPUT VOLTAGES
Typical Operating Performance The test conditions for the Typical Operating Performance are: VIN = 5V, TA = 25°C,
RILIM = 25.5kΩ, RVB = 200kΩ, Unless Otherwise Noted. (Continued)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
150
160
170
180
190
200
210
220
230
240
250
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
0
0.1
0.2
0.3
0.4
0.5
-50
-20
10
40
70
100
130
3V
4.3V
5V
6.5V
TEMPERATURE (°C)
ISL9200


Similar Part No. - ISL9200EVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9200EVAL1 INTERSIL-ISL9200EVAL1 Datasheet
489Kb / 11P
   Charging System Safety Circuit
ISL9200EVAL1 INTERSIL-ISL9200EVAL1 Datasheet
533Kb / 11P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9200EVAL1 RENESAS-ISL9200EVAL1 Datasheet
864Kb / 11P
   Charging System Safety Circuit
ISL9200EVAL1 RENESAS-ISL9200EVAL1 Datasheet
823Kb / 11P
   Charging System Safety Circuit
More results

Similar Description - ISL9200EVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9209C INTERSIL-ISL9209C Datasheet
611Kb / 11P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9211A RENESAS-ISL9211A Datasheet
624Kb / 13P
   Charging System Safety Circuit
logo
Intersil Corporation
ISL9212A INTERSIL-ISL9212A Datasheet
489Kb / 11P
   Charging System Safety Circuit
ISL9212B INTERSIL-ISL9212B Datasheet
534Kb / 11P
   Charging System Safety Circuit
ISL9209B INTERSIL-ISL9209B Datasheet
599Kb / 11P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9212B RENESAS-ISL9212B Datasheet
877Kb / 11P
   Charging System Safety Circuit
logo
Intersil Corporation
ISL9212 INTERSIL-ISL9212 Datasheet
535Kb / 11P
   Charging System Safety Circuit
ISL9211A INTERSIL-ISL9211A Datasheet
385Kb / 12P
   Charging System Safety Circuit
ISL9209BIRZ INTERSIL-ISL9209BIRZ Datasheet
602Kb / 11P
   Charging System Safety Circuit
March 21, 2007
ISL9211BIRU58XZ-T INTERSIL-ISL9211BIRU58XZ-T Datasheet
380Kb / 12P
   Charging System Safety Circuit
November 4, 2014
ISL9211A INTERSIL-ISL9211A Datasheet
202Kb / 12P
   Charging System Safety Circuit
August 25, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com