Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33202DG Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC33202DG
Description  Rail-to-Rail Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33202DG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC33202DG Datasheet HTML 2Page - ON Semiconductor MC33202DG Datasheet HTML 3Page - ON Semiconductor MC33202DG Datasheet HTML 4Page - ON Semiconductor MC33202DG Datasheet HTML 5Page - ON Semiconductor MC33202DG Datasheet HTML 6Page - ON Semiconductor MC33202DG Datasheet HTML 7Page - ON Semiconductor MC33202DG Datasheet HTML 8Page - ON Semiconductor MC33202DG Datasheet HTML 9Page - ON Semiconductor MC33202DG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MC33201, MC33202, MC33204, NCV33202, NCV33204
http://onsemi.com
6
40
20
100
80
60
Vout, OUTPUT VOLTAGE (V)
0
f, FREQUENCY (Hz)
12
0
9.0
3.0
6.0
VCC = +6.0 V
VEE = −6.0 V
RL = 600 W
AV = +1.0
TA = 25°C
Figure 8. Output Voltage Swing
versus Supply Voltage
Figure 9. Output Saturation Voltage
versus Load Current
IL, LOAD CURRENT (mA)
VEE
Figure 10. Output Voltage
versus Frequency
12
10
6.0
2.0
0
VCC,VEE SUPPLY VOLTAGE (V)
Figure 11. Common Mode Rejection
versus Frequency
Figure 12. Power Supply Rejection
versus Frequency
Figure 13. Output Short Circuit Current
versus Output Voltage
120
80
60
f, FREQUENCY (Hz)
8.0
100
80
60
40
f, FREQUENCY (Hz)
0
20
VCC = +6.0 V
VEE = −6.0 V
TA = −55° to +125°C
100
40
20
0
VCC = +6.0 V
VEE = −6.0 V
TA = −55° to +125°C
VCC = +6.0 V
VEE = −6.0 V
TA = 25°C
4.0
TA = 25°C
TA = −55°C
PSR+
PSR−
Source
Sink
VCC = +5.0 V
VEE = −5.0 V
TA = 125°C
TA = 125°C
TA = −55°C
TA = 25°C
10
100
1.0 k
10 k
100 k
1.0 M
0
1.0
2.0
3.0
4.0
5.0
6.0
1.0 k
100 k
1.0 M
10 k
015
20
±1.0
± 2.0
10
5.0
10
100
1.0 k
10 k
100 k
1.0 M
± 3.0
± 4.0
± 5.0
± 6.0
RL = 600 W
TA = 25°C
VCC
VCC − 0.2 V
VCC − 0.4 V
VEE + 0.4 V
VEE + 0.2 V


Similar Part No. - MC33202DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33202DG ONSEMI-MC33202DG Datasheet
264Kb / 19P
   Low Voltage, Rail?뭪o?뭃ail Operational Amplifiers
October, 2006 ??Rev. 14
MC33202DG ONSEMI-MC33202DG Datasheet
215Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
April, 2014 ??Rev. 17
MC33202DG ONSEMI-MC33202DG Datasheet
258Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
July, 2018 ??Rev. 18
More results

Similar Description - MC33202DG

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1582 GMT-G1582 Datasheet
604Kb / 1P
   Rail-to-Rail Operational Amplifiers
G1564 GMT-G1564 Datasheet
416Kb / 1P
   Quadruple Rail-to-Rail Operational Amplifiers
logo
Texas Instruments
OPA347 TI-OPA347_07 Datasheet
958Kb / 25P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
   Output Rail-to-Rail Operational Amplifiers
logo
Texas Instruments
OPA27CJ TI-OPA27CJ Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA37EZ TI-OPA37EZ Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
logo
Global Mixed-mode Techn...
G1563 GMT-G1563 Datasheet
651Kb / 1P
   Dual Rail-to-Rail Operational Amplifiers
G1584 GMT-G1584 Datasheet
711Kb / 1P
   Quadruple Rail-to-Rail Operational Amplifiers
logo
Texas Instruments
OPA37AZ TI1-OPA37AZ Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347 TI-OPA347 Datasheet
470Kb / 21P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com