Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9203R5220 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL9203R5220
Description  Li-ion/Li Polymer Battery Charger
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9203R5220 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL9203R5220 Datasheet HTML 1Page - Intersil Corporation ISL9203R5220 Datasheet HTML 2Page - Intersil Corporation ISL9203R5220 Datasheet HTML 3Page - Intersil Corporation ISL9203R5220 Datasheet HTML 4Page - Intersil Corporation ISL9203R5220 Datasheet HTML 5Page - Intersil Corporation ISL9203R5220 Datasheet HTML 6Page - Intersil Corporation ISL9203R5220 Datasheet HTML 7Page - Intersil Corporation ISL9203R5220 Datasheet HTML 8Page - Intersil Corporation ISL9203R5220 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
FN9242.0
October 13, 2005
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 7V
Output Pin Voltage (BAT, VSEN, V2P8). . . . . . . . . . . . . -0.3 to 5.5V
Signal Input Voltage (TIME, IREF). . . . . . . . . . . . . . . . . -0.3 to 3.2V
Output Pin Voltage (STATUS) . . . . . . . . . . . . . . . . . . . . . . -0.3 to 7V
Charge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.6A
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . .4500V
Machine Model (Per EIAJ ED-4701 Method C-111). . . . . . . .200V
Recommended Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . .-20°C to 70°C
Supply Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.3V to 6.5V
Thermal Resistance (Typical, Notes 1, 2)
θJA (°C/W) θJC (°C/W)
3x3 DFN Package . . . . . . . . . . . . . . . .
46
4
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2.
θJC, “case temperature” location is at the center of the exposed metal pad on the package underside. See Tech Brief TB379.
Electrical Specifications
Typical values are tested at VIN = 5V and 25°C Ambient Temperature, maximum and minimum values are
guaranteed over 0°C to 70°C Ambient Temperature with a supply voltage in the range of 4.3V to 6.5V, unless
otherwise noted.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POWER-ON RESET
Rising VIN Threshold
3.0
3.4
4.0
V
Falling VIN Threshold
2.3
2.4
2.65
V
STANDBY CURRENT
VBAT Pin Sink Current
ISTANDBY
VIN floating or EN = LOW
-
-
3.0
µA
VIN Pin Supply Current
IVIN
VBAT floating and EN pulled low
-
30
250
µA
VIN Pin Supply Current
IVIN
VBAT floating and EN floating
-
1
2
mA
VOLTAGE REGULATION
Output Voltage
VCH
4.158
4.20
4.242
V
Dropout Voltage
VBAT = 3.7V, Charge current = 1A
-
320
550
mV
CHARGE CURRENT
Constant Charge Current (Note 3)
ICHARGE
RIREF = 80kΩ, VBAT = 3.7V
0.9
1.0
1.1
A
Constant Charge Current
ICHARGE
RIREF = 1.21MΩ, VBAT = 3.7V
33
66
100
mA
Trickle Charge Current
ITRICKLE
RIREF = 80kΩ, VBAT = 2.0V
85
110
135
mA
Trickle Charge Current
ITRICKLE
RIREF = 1.21MΩ, VBAT = 2.0V
2
7
15
mA
End-of-Charge Threshold
IMIN
RIREF = 80kΩ
85
110
135
mA
End-of-Charge Threshold
IMIN
RIREF = 1.21MΩ
2-
30
mA
RECHARGE THRESHOLD
Recharge Voltage Threshold
VRECHRG
3.85
4.00
4.10
V
TRICKLE CHARGE THRESHOLD
Trickle Charge Threshold Voltage
VMIN
2.7
2.8
3.0
V
ISL9203R5220


Similar Part No. - ISL9203R5220

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9203R5220 INTERSIL-ISL9203R5220 Datasheet
402Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL9203R5220 RENESAS-ISL9203R5220 Datasheet
707Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Intersil Corporation
ISL9203R5220 INTERSIL-ISL9203R5220_06 Datasheet
402Kb / 14P
   Li-ion/Li Polymer Battery Charger
More results

Similar Description - ISL9203R5220

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
logo
uPI Group Inc.
UP8001A UPI-UP8001A Datasheet
443Kb / 16P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL78692 RENESAS-ISL78692 Datasheet
990Kb / 18P
   Li-ion/Li-Polymer Battery Charger
logo
Intersil Corporation
ISL6298CR4Z INTERSIL-ISL6298CR4Z Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
March 9, 2006
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com