Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6614IRZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6614IRZ
Description  Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6614IRZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6614IRZ Datasheet HTML 3Page - Intersil Corporation ISL6614IRZ Datasheet HTML 4Page - Intersil Corporation ISL6614IRZ Datasheet HTML 5Page - Intersil Corporation ISL6614IRZ Datasheet HTML 6Page - Intersil Corporation ISL6614IRZ Datasheet HTML 7Page - Intersil Corporation ISL6614IRZ Datasheet HTML 8Page - Intersil Corporation ISL6614IRZ Datasheet HTML 9Page - Intersil Corporation ISL6614IRZ Datasheet HTML 10Page - Intersil Corporation ISL6614IRZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FN9155.4
July 25, 2005
Functional Pin Description
PACKAGE PIN #
PIN
SYMBOL
FUNCTION
SOIC
DFN
1
15
PWM1
The PWM signal is the control input for the Channel 1 driver. The PWM signal can enter three distinct states during
operation, see the three-state PWM Input section under DESCRIPTION for further details. Connect this pin to the PWM
output of the controller.
2
16
PWM2
The PWM signal is the control input for the Channel 2 driver. The PWM signal can enter three distinct states during
operation, see the three-state PWM Input section under DESCRIPTION for further details. Connect this pin to the PWM
output of the controller.
3
1
GND
Bias and reference ground. All signals are referenced to this node.
4
2
LGATE1
Lower gate drive output of Channel 1. Connect to gate of the low-side power N-Channel MOSFET.
5
3
PVCC
This pin supplies power to both the lower and higher gate drives in ISL6614. Its operating range is +5V to 12V.
Place a high quality low ESR ceramic capacitor from this pin to GND.
6
4
PGND
It is the power ground return of both low gate drivers.
-
5,8
N/C
No Connection.
7
6
LGATE2
Lower gate drive output of Channel 2. Connect to gate of the low-side power N-Channel MOSFET.
8
7
PHASE2 Connect this pin to the SOURCE of the upper MOSFET and the DRAIN of the lower MOSFET in Channel 2. This
pin provides a return path for the upper gate drive.
9
9
UGATE2 Upper gate drive output of Channel 2. Connect to gate of high-side power N-Channel MOSFET.
10
10
BOOT2
Floating bootstrap supply pin for the upper gate drive of Channel 2. Connect the bootstrap capacitor between this
pin and the PHASE2 pin. The bootstrap capacitor provides the charge to turn on the upper MOSFET. See the
Internal Bootstrap Device section under DESCRIPTION for guidance in choosing the capacitor value.
11
11
BOOT1
Floating bootstrap supply pin for the upper gate drive of Channel 1. Connect the bootstrap capacitor between this
pin and the PHASE1 pin. The bootstrap capacitor provides the charge to turn on the upper MOSFET. See the
Internal Bootstrap Device section under DESCRIPTION for guidance in choosing the capacitor value.
12
12
UGATE1 Upper gate drive output of Channel 1. Connect to gate of high-side power N-Channel MOSFET.
13
13
PHASE1 Connect this pin to the SOURCE of the upper MOSFET and the DRAIN of the lower MOSFET in Channel 1. This
pin provides a return path for the upper gate drive.
14
14
VCC
Connect this pin to a +12V bias supply. It supplies power to internal analog circuits. Place a high quality low ESR
ceramic capacitor from this pin to GND.
-
17
PAD
Connect this pad to the power ground plane (GND) via thermally enhanced connection.
ISL6614


Similar Part No. - ISL6614IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6614IRZ RENESAS-ISL6614IRZ Datasheet
603Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
More results

Similar Description - ISL6614IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6614 RENESAS-ISL6614 Datasheet
603Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Intersil Corporation
PX3511A INTERSIL-PX3511A Datasheet
229Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6612CBZ(Note2) INTERSIL-ISL6612CBZ(Note2) Datasheet
363Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
June 15, 2010
ISL6594A INTERSIL-ISL6594A_06 Datasheet
247Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A INTERSIL-ISL6594A Datasheet
242Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6612 RENESAS-ISL6612 Datasheet
601Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A RENESAS-ISL6594A Datasheet
656Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Intersil Corporation
ISL6612 INTERSIL-ISL6612_07 Datasheet
250Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6612 INTERSIL-ISL6612 Datasheet
322Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594D INTERSIL-ISL6594D Datasheet
264Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com