Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33264D-3.0 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC33264D-3.0
Description  LOW DROPOUT MICROPOWER VOLTAGE REGULATORS WITH ON/OFF CONTROL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33264D-3.0 Datasheet(HTML) 1 Page - ON Semiconductor

  MC33264D-3.0 Datasheet HTML 1Page - ON Semiconductor MC33264D-3.0 Datasheet HTML 2Page - ON Semiconductor MC33264D-3.0 Datasheet HTML 3Page - ON Semiconductor MC33264D-3.0 Datasheet HTML 4Page - ON Semiconductor MC33264D-3.0 Datasheet HTML 5Page - ON Semiconductor MC33264D-3.0 Datasheet HTML 6Page - ON Semiconductor MC33264D-3.0 Datasheet HTML 7Page - ON Semiconductor MC33264D-3.0 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
8
Micro–8
MC33264
SEMICONDUCTOR
TECHNICAL DATA
LOW DROPOUT
MICROPOWER VOLTAGE
REGULATORS WITH
ON/OFF CONTROL
DM SUFFIX
PLASTIC PACKAGE
CASE 846A
(Micro–8)
8
1
1
7
6
5
2
3
4
(Top View)
Input
On/Off
On/Off
Output
PIN CONNECTIONS
Order this document by MC33264/D
8
1
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
N/C
Base
Gnd
Adjust
Device
Operating
Temperature Range Package
ORDERING INFORMATION
MC33264D–2.8
MC33264D–3.0
MC33264D–3.3
MC33264D–3.8
MC33264D–4.0
MC33264D–4.75
MC33264D–5.0
TA = – 40° to +85°C
SO–8
MC33264DM–2.8
MC33264DM–3.0
MC33264DM–3.3
MC33264DM–3.8
MC33264DM–4.0
MC33264DM–4.75
MC33264DM–5.0
1
MOTOROLA ANALOG IC DEVICE DATA
Micropower smallCAP™
Voltage Regulators with
On/Off Control
The MC33264 series are micropower low dropout voltage regulators
available in SO–8 and Micro–8 surface mount packages and a wide range of
output voltages. These devices feature a very low quiescent current (100
µA
in the ON mode; 0.1
µA in the OFF mode), and are capable of supplying
output currents up to 100 mA. Internal current and thermal limiting protection
is provided. They require only a small output capacitance for stability.
Additionally, the MC33264 has either active HIGH or active LOW control
(Pins 2 and 3) that allows a logic level signal to turn–off or turn–on the
regulator output.
Due to the low input–to–output voltage differential and bias current
specifications, these devices are ideally suited for battery powered
computer, consumer, and industrial equipment where an extension of useful
battery life is desirable.
MC33264 Features:
Low Quiescent Current (0.3 µA in OFF Mode; 95 µA in ON Mode)
Low Input–to–Output Voltage Differential of 47 mV at 10 mA, and
131 mV at 50 mA
Multiple Output Voltages Available
Extremely Tight Line and Load Regulation
Stable with Output Capacitance of Only
0.22
µF for 4.0 V, 4.75 V and 5.0 V Output Voltages
0.33
µF for 2.8 V, 3.0 V, 3.3 V and 3.8 V Output Voltages
Internal Current and Thermal Limiting
Logic Level ON/OFF Control
Functionally Equivalent to TK115XXMC and LP2980
On/Off
Representative Block Diagram
This device contains 37 active transistors.
Thermal and
Anti–Sat
Protection
1.23 V
Vref
Vout
Base
Adj
Gnd
Vin
On/Off
1
2
3
8
7
6
5
MC33264
52.5 k
Rint
© Motorola, Inc. 1998
Rev 3


Similar Part No. - MC33264D-3.0

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33260 ONSEMI-MC33260 Datasheet
436Kb / 20P
   GreenLine Compact Power Factor Controller:Innovative Circuit for Cost Effective Solutions
November, 1999 ??Rev. 1
MC33260 ONSEMI-MC33260 Datasheet
221Kb / 22P
   GreenLine TM Compact Power Factor Controller: Innovative Circuit for Cost Effective Solutions
September, 2005 ??Rev. 9
MC33260 ONSEMI-MC33260 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
MC33260 ONSEMI-MC33260 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
MC33260D ONSEMI-MC33260D Datasheet
221Kb / 22P
   GreenLine TM Compact Power Factor Controller: Innovative Circuit for Cost Effective Solutions
September, 2005 ??Rev. 9
More results

Similar Description - MC33264D-3.0

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
NJM2387A NJRC-NJM2387A Datasheet
272Kb / 10P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-15
logo
Tiger Electronic Co.,Lt...
KIA78R25F TGS-KIA78R25F Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
KIA78RXX TGS-KIA78RXX Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
logo
ON Semiconductor
MC33375 ONSEMI-MC33375_06 Datasheet
155Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com