Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33201VD Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC33201VD
Description  Rail-to-Rail Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33201VD Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC33201VD Datasheet HTML 5Page - ON Semiconductor MC33201VD Datasheet HTML 6Page - ON Semiconductor MC33201VD Datasheet HTML 7Page - ON Semiconductor MC33201VD Datasheet HTML 8Page - ON Semiconductor MC33201VD Datasheet HTML 9Page - ON Semiconductor MC33201VD Datasheet HTML 10Page - ON Semiconductor MC33201VD Datasheet HTML 11Page - ON Semiconductor MC33201VD Datasheet HTML 12Page - ON Semiconductor MC33201VD Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MC33201, MC33202, MC33204, NCV33202, NCV33204
http://onsemi.com
9
DETAILED OPERATING DESCRIPTION
General Information
The MC33201/2/4 family of operational amplifiers are
unique in their ability to swing rail−to−rail on both the input
and the output with a completely bipolar design. This offers
low noise, high output current capability and a wide
common mode input voltage range even with low supply
voltages. Operation is guaranteed over an extended
temperature range and at supply voltages of 2.0 V, 3.3 V and
5.0 V and ground.
Since the common mode input voltage range extends from
VCC to VEE, it can be operated with either single or split
voltage supplies. The MC33201/2/4 are guaranteed not to
latch or phase reverse over the entire common mode range,
however, the inputs should not be allowed to exceed
maximum ratings.
Circuit Information
Rail−to−rail performance is achieved at the input of the
amplifiers by using parallel NPN−PNP differential input
stages. When the inputs are within 800 mV of the negative
rail, the PNP stage is on. When the inputs are more than 800
mV greater than VEE, the NPN stage is on. This switching of
input pairs will cause a reversal of input bias currents (see
Figure 6). Also, slight differences in offset voltage may be
noted between the NPN and PNP pairs. Cross−coupling
techniques have been used to keep this change to a minimum.
In addition to its rail−to−rail performance, the output stage
is current boosted to provide 80 mA of output current,
enabling the op amp to drive 600
W loads. Because of this
high output current capability, care should be taken not to
exceed the 150
°C maximum junction temperature.
t, TIME (10
ms/DIV)
Figure 26. Noninverting Amplifier Slew Rate
Figure 27. Small Signal Transient Response
t, TIME (5.0
ms/DIV)
Figure 28. Large Signal Transient Response
VCC = +6.0 V
VEE = −6.0 V
RL = 600 W
CL = 100 pF
TA = 25°C
VCC = +6.0 V
VEE = −6.0 V
RL = 600 W
CL = 100 pF
AV = 1.0
TA = 25°C
VCC = +6.0 V
VEE = −6.0 V
RL = 600 W
CL = 100 pF
TA = 25°C
t, TIME (10
ms/DIV)
Surface mount board layout is a critical portion of the total
design. The footprint for the semiconductor packages must be
the correct size to ensure proper solder connection interface
between the board and the package. With the correct pad
geometry, the packages will self−align when subjected to a
solder reflow process.


Similar Part No. - MC33201VD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33201VD ONSEMI-MC33201VD Datasheet
264Kb / 19P
   Low Voltage, Rail?뭪o?뭃ail Operational Amplifiers
October, 2006 ??Rev. 14
MC33201VDG ONSEMI-MC33201VDG Datasheet
264Kb / 19P
   Low Voltage, Rail?뭪o?뭃ail Operational Amplifiers
October, 2006 ??Rev. 14
MC33201VDG ONSEMI-MC33201VDG Datasheet
215Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
April, 2014 ??Rev. 17
MC33201VDG ONSEMI-MC33201VDG Datasheet
258Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
July, 2018 ??Rev. 18
MC33201VDR2G ONSEMI-MC33201VDR2G Datasheet
215Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
April, 2014 ??Rev. 17
More results

Similar Description - MC33201VD

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1582 GMT-G1582 Datasheet
604Kb / 1P
   Rail-to-Rail Operational Amplifiers
G1564 GMT-G1564 Datasheet
416Kb / 1P
   Quadruple Rail-to-Rail Operational Amplifiers
logo
Texas Instruments
OPA347 TI-OPA347_07 Datasheet
958Kb / 25P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
   Output Rail-to-Rail Operational Amplifiers
logo
Texas Instruments
OPA27CJ TI-OPA27CJ Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA37EZ TI-OPA37EZ Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
logo
Global Mixed-mode Techn...
G1563 GMT-G1563 Datasheet
651Kb / 1P
   Dual Rail-to-Rail Operational Amplifiers
G1584 GMT-G1584 Datasheet
711Kb / 1P
   Quadruple Rail-to-Rail Operational Amplifiers
logo
Texas Instruments
OPA37AZ TI1-OPA37AZ Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347 TI-OPA347 Datasheet
470Kb / 21P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com