Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6566AIRZ-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6566AIRZ-T
Description  Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6566AIRZ-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6566AIRZ-T Datasheet HTML 1Page - Intersil Corporation ISL6566AIRZ-T Datasheet HTML 2Page - Intersil Corporation ISL6566AIRZ-T Datasheet HTML 3Page - Intersil Corporation ISL6566AIRZ-T Datasheet HTML 4Page - Intersil Corporation ISL6566AIRZ-T Datasheet HTML 5Page - Intersil Corporation ISL6566AIRZ-T Datasheet HTML 6Page - Intersil Corporation ISL6566AIRZ-T Datasheet HTML 7Page - Intersil Corporation ISL6566AIRZ-T Datasheet HTML 8Page - Intersil Corporation ISL6566AIRZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
®
FN9200.2
ISL6566A
Three-Phase Buck PWM Controller with
Two Integrated MOSFET Drivers and One
External Driver Signal
The ISL6566A three-phase PWM control IC provides a
precision voltage regulation system for advanced
microprocessors. The integration of power MOSFET drivers
into the controller IC marks a departure from the separate
PWM controller and driver configuration of previous multi-
phase product families. By reducing the number of external
parts, this integration is optimized for a cost and space
saving power management solution.
Outstanding features of this controller IC include programmable
VID codes compatible with Intel VRM9, VRM10, as well as
AMD Hammer microprocessors. A unity gain, differential
amplifier is provided for remote voltage sensing, compensating
for any potential difference between remote and local grounds.
The output voltage can also be positively or negatively offset
through the use of a single external resistor.
A unique feature of the ISL6566A is the combined use of
both DCR and rDS(ON) current sensing. Load line voltage
positioning (droop) and overcurrent protection are
accomplished through continuous inductor DCR current
sensing, while rDS(ON) current sensing is used for accurate
channel-current balance. Using both methods of current
sampling utilizes the best advantages of each technique.
Protection features of this controller IC include a set of
sophisticated overvoltage, undervoltage, and overcurrent
protection. Overvoltage results in the converter turning the
lower MOSFETs ON to clamp the rising output voltage and
protect the microprocessor. The overcurrent protection level is
set through a single external resistor. Furthermore, the
ISL6566A includes protection against an open circuit on the
remote sensing inputs. Combined, these features provide
advanced protection for the microprocessor and power system.
Features
• Integrated Multi-Phase Power Conversion
- 1 or 2-Phase Operation with Internal Drivers
- 3-Phase Operation with External PWM Driver Signal
• Precision Core Voltage Regulation
- Differential Remote Voltage Sensing
-
±0.5% System Accuracy Over Temperature
- Adjustable Reference-Voltage Offset
• Precision Channel Current Sharing
- Uses Loss-Less rDS(ON) Current Sampling
• Accurate Load Line Programming
- Uses Loss-Less Inductor DCR Current Sampling
• Variable Gate Drive Bias: 5V to 12V
• Microprocessor Voltage Identification Inputs
- Up to a 6-Bit DAC
- Selectable between Intel’s VRM9, VRM10, or AMD
Hammer DAC codes
- Dynamic VID-on-the-fly Technology
• Multi-tiered Overvoltage and Overcurrent Protection
• Digital Soft-Start
• Selectable Operation Frequency up to 1.5MHz Per Phase
• Pb-Free Plus Anneal Available (RoHS Compliant)
Pinout
ISL6566A (QFN)
TOP VIEW
Ordering Information
PART NUMBER*
TEMP.
(°C)
PACKAGE
PKG.
DWG. #
ISL6566ACR
0 to 70 40 Ld 6x6 QFN
L40.6x6
ISL6566ACRZ (Note)
0 to 70 40 Ld 6x6 QFN (Pb-free) L40.6x6
ISL6566ACRZA (Note) 0 to 70 40 Ld 6x6 QFN (Pb-free) L40.6x6
ISL6566AIR
-40 to 85 40 Ld 6x6 QFN
L40.6x6
ISL6566AIRZ (Note)
-40 to 85 40 Ld 6x6 QFN (Pb-free) L40.6x6
ISL6566AIRZA (Note) -40 to 85 40 Ld 6x6 QFN (Pb-free) L40.6x6
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020
*Add “-T” suffix for tape and reel.
VID1
VID0
VID12.5
VRM10
REF
OFS
VCC
COMP
FB
VDIFF
1
40
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
39
38
37
36
35
34
33
32
31
11
12
13
14
15
16
17
18
19
20
BOOT1
PHASE1
NC
PWM3
NC
ISEN3
EN_PH3
NC
PHASE2
BOOT2
41
GND
Data Sheet
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
July 27, 2005


Similar Part No. - ISL6566AIRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6566AIRZ RENESAS-ISL6566AIRZ Datasheet
1Mb / 29P
   Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal
ISL6566AIRZA RENESAS-ISL6566AIRZA Datasheet
1Mb / 29P
   Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal
More results

Similar Description - ISL6566AIRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6566A RENESAS-ISL6566A Datasheet
1Mb / 29P
   Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal
logo
Anpec Electronics Corop...
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098 Datasheet
657Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315 Datasheet
519Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6315 RENESAS-ISL6315 Datasheet
907Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315_07 Datasheet
392Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6563 INTERSIL-ISL6563 Datasheet
516Kb / 19P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL8101 INTERSIL-ISL8101 Datasheet
404Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6567 RENESAS-ISL6567 Datasheet
1Mb / 26P
   Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com