Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6548CRZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6548CRZ
Description  ACPI Regulator/Controller for Dual Channel DDR Memory Systems
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6548CRZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6548CRZ Datasheet HTML 5Page - Intersil Corporation ISL6548CRZ Datasheet HTML 6Page - Intersil Corporation ISL6548CRZ Datasheet HTML 7Page - Intersil Corporation ISL6548CRZ Datasheet HTML 8Page - Intersil Corporation ISL6548CRZ Datasheet HTML 9Page - Intersil Corporation ISL6548CRZ Datasheet HTML 10Page - Intersil Corporation ISL6548CRZ Datasheet HTML 11Page - Intersil Corporation ISL6548CRZ Datasheet HTML 12Page - Intersil Corporation ISL6548CRZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
FN9188.1
February 9, 2005
The digital soft-start for the PWM regulator is accomplished by
clamping the error amplifier reference input to a level
proportional to the internal digital soft-start voltage. As the soft-
start voltage slews up, the PWM comparator generates PHASE
pulses of increasing width that charge the output capacitor(s).
This method provides a rapid and controlled output voltage rise.
The linear regulators, with the exception of the internal
VTT_DDR LDO, are soft-started in a similar manner. The
error amplifier reference is clamped to the internal digital
soft-start voltage. As the soft-start voltage ramps up, the
respective DRIVE pin voltages increase, thus enhancing the
N-MOSFETs and charging the output capacitors in a
controlled manner.
At time t3, the VDDQ_DDR and upper VGMCH LDO output
rails are in regulation and the lower VGMCH LDO is soft-
started. At time t4, the VGMCH rail is in regulation and the
VTT_GMCH/CPU linear regulator is soft-started. At time t5,
the VTT_GMCH/CPU rail is in regulation and the VTT_DDR
internal regulator is soft-started.
The VTT_DDR LDO soft-starts in a manner unlike the other
regulators. When the VTT_DDR regulator is disabled, the
reference is internally shorted to the VTT_DDR output. This
allows the termination voltage to float during the S3 sleep
state. When the ISL6548 enables the VTT_DDR regulator or
enters S0 state from a sleep state, this short is released and
the internal divide down resistors which set the VTT_DDR
voltage to 50% of VDDQ_DDR will provide a controlled
voltage rise on the capacitor that is tied to the VREF_IN pin.
The voltage on this capacitor is the reference for the
VTT_DDR regulator and the output will track it as it settles to
50% of the VDDQ voltage. The combination of the internal
resistors and the VREF_IN capacitor will determine the rise
time of the VTT_DDR regulator (see the Functional Pin
Description section for proper sizing of the VREF_IN
capacitor).
At time t6, a full soft-start cycle has passed from the time that
the VTT_DDR regulator was enabled. At this time the
VIDPGD comparator is enabled. Once enabled if the
VTT_GMCH/CPU output is within regulation, the VIDPGD pin
will be forced to a high impedance state.
Active to Sleep (S0 to S3 Transition)
When SLP_S3 goes LOW with SLP_S5 still HIGH, the
ISL6548 will disable all the regulators except for the VDDQ
regulator, which is continually supplied by the 5VDUAL rail.
VIDPGD will also transition LOW. When VTT is disabled, the
internal reference for the VTT regulator is internally shorted
to the VTT rail. This allows the VTT rail to float. When
floating, the voltage on the VTT rail will depend on the
leakage characteristics of the memory and MCH I/O pins. It
is important to note that the VTT rail may not bleed down to
0V. Figure 1 shows how the individual regulators are
affected by the S3 state at time t7.
Sleep to Active (S3 to S0 Transition)
When SLP_S3 transitions from LOW to HIGH with SLP_S5
held HIGH and after the 12V rail exceeds POR, the ISL6548
will initiate the soft-start sequence. This sequence is very
similar to the mechanical start soft-start sequencing. The
transition from S3 to S0 is represented in Figure 1 between
times t8 and t14.
At time t8, the SLP_S3 signal transitions HIGH. This enables
the ATX, which brings up the 12V rail. At time t9, the 12V rail
has exceeded the POR threshold and the ISL6548 enters a
reset mode that lasts for 3 soft-start cycles. At time t10, the 3
soft-start cycle reset is ended and the individual regulators
are enabled and soft-started in the same sequence as the
mechanical cold start sequence, with the exception that the
VDDQ regulator is already enabled and in regulation.
Active to Shutdown (S0 to S5 Transition)
When the system transitions from active, S0, state to
shutdown, S4/S5, state, the ISL6548 IC disables all
regulators and forces the VIDPGD pin LOW. This transition
is represented on Figure 1 at time t15.
Fault Protection
The ISL6548 monitors the VDDQ regulator for under and
overvoltage events. The VDDQ regulator also has overcurrent
protection. The internal VTT_DDR LDO regulator is monitored
for under and overvoltage events. All other regulators are
monitored for undervoltage events.
An overvoltage event on either the VDDQ or VTT_DDR
regulator will cause an immediate shutdown of all regulators.
This can only be cleared by toggling the SLP_S5 signal such
that the system enters the S5 sleep state and then
transitions back to the active, S0, state.
If a regulator experiences any other fault condition (an
undervoltage or an overcurrent on VDDQ), then that
regulator, and only that regulator, will be disabled and an
internal fault counter will be incremented by 1. If the disabled
regulator is used as the input for another regulator, then that
cascoded regulator will also experience a fault condition due
to a loss of input. The cascoded regulator will be disabled
and the fault counter incremented by 1.
At every fault occurrence, the internal fault counter is
incremented by 1 and an internal Fault Reset Counter is
cleared to zero. The Fault Reset Counter will increment once
for every clock cycle (1 clock cycle is typically 1/250kHz, or
4
µs). If the Fault Reset Counter reaches a count of 16384
before another fault occurs, then the Fault Counter is
cleared to 0. If a fault occurs prior to the Fault Reset Counter
reaching a count of 16384, then the Fault Reset Counter is
set back to zero.
The ISL6548 will immediately shut down when the Fault
Counter reaches a count of 4 when the system is restarting
from an S5 state into the active, or S0, state. The ISL6548
ISL6548


Similar Part No. - ISL6548CRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6548CRZA INTERSIL-ISL6548CRZA Datasheet
473Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6548CRZA RENESAS-ISL6548CRZA Datasheet
747Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548CRZA-T INTERSIL-ISL6548CRZA-T Datasheet
473Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6548CRZA-T RENESAS-ISL6548CRZA-T Datasheet
747Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results

Similar Description - ISL6548CRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6532C INTERSIL-ISL6532C Datasheet
506Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532A RENESAS-ISL6532A Datasheet
890Kb / 18P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6537ACRZ-T INTERSIL-ISL6537ACRZ-T Datasheet
413Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Richtek Technology Corp...
RT9644 RICHTEK-RT9644 Datasheet
357Kb / 17P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A_06 Datasheet
500Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532 RENESAS-ISL6532 Datasheet
772Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A RENESAS-ISL6548A Datasheet
788Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A Datasheet
494Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548_06 Datasheet
473Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6532 INTERSIL-ISL6532 Datasheet
365Kb / 14P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com