Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6522BIRZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6522BIRZ
Description  Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6522BIRZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6522BIRZ Datasheet HTML 1Page - Intersil Corporation ISL6522BIRZ Datasheet HTML 2Page - Intersil Corporation ISL6522BIRZ Datasheet HTML 3Page - Intersil Corporation ISL6522BIRZ Datasheet HTML 4Page - Intersil Corporation ISL6522BIRZ Datasheet HTML 5Page - Intersil Corporation ISL6522BIRZ Datasheet HTML 6Page - Intersil Corporation ISL6522BIRZ Datasheet HTML 7Page - Intersil Corporation ISL6522BIRZ Datasheet HTML 8Page - Intersil Corporation ISL6522BIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
Soft START
Soft-Start Current
ISS
-10-
µA
Peak Soft Start Voltage
VSS
-4.5
-
V
GATE DRIVERS
Upper Gate Source
IUGATE
VBOOT - VPHASE = 12V, VUGATE = 6V
350
500
-
mA
Upper Gate Sink
RUGATE
ISL6522BC, IUGATE = 0.3A
-
5.0
8.75
ISL6522BI, IUGATE = 0.3A
-
5.0
9.25
Lower Gate Source
ILGATE
VCC = 12V, VLGATE = 6V
300
450
-
mA
Lower Gate Sink
RLGATE
ISL6522BC, ILGATE = 0.3A
-
3.2
5.55
ISL6522BI, ILGATE = 0.3A
-
3.2
5.85
PROTECTION
OCSET Current Source
IOCSET
VOCSET = 4.5VDC
170
200
230
µA
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Typical Performance Curves
FIGURE 1. RT RESISTANCE vs FREQUENCY
FIGURE 2. BIAS SUPPLY CURRENT vs FREQUENCY
10
100
1000
SWITCHING FREQUENCY (kHz)
10
100
1000
RT PULLUP
TO +12V
RT PULLDOWN
TO VSS
100
200
300
400
500
600
700
800
900
1000
80
70
60
50
40
30
20
10
0
SWITCHING FREQUENCY (kHz)
CGATE = 1000pF
CGATE = 3300pF
CGATE = 10pF
ISL6522B


Similar Part No. - ISL6522BIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6522BIRZ RENESAS-ISL6522BIRZ Datasheet
831Kb / 16P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results

Similar Description - ISL6522BIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525 Datasheet
120Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012_04 Datasheet
357Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522 INTERSIL-ISL6522_06 Datasheet
482Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525CB INTERSIL-ISL6525CB Datasheet
527Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
logo
Renesas Technology Corp
ISL6525 RENESAS-ISL6525 Datasheet
754Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
ISL6522A INTERSIL-ISL6522A Datasheet
441Kb / 13P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525_04 Datasheet
521Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
ISL6522A RENESAS-ISL6522A Datasheet
753Kb / 14P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com