Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6410IR-T5K Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6410IR-T5K
Description  Single Synchronous Buck Regulators with Integrated FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6410IR-T5K Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6410IR-T5K Datasheet HTML 3Page - Intersil Corporation ISL6410IR-T5K Datasheet HTML 4Page - Intersil Corporation ISL6410IR-T5K Datasheet HTML 5Page - Intersil Corporation ISL6410IR-T5K Datasheet HTML 6Page - Intersil Corporation ISL6410IR-T5K Datasheet HTML 7Page - Intersil Corporation ISL6410IR-T5K Datasheet HTML 8Page - Intersil Corporation ISL6410IR-T5K Datasheet HTML 9Page - Intersil Corporation ISL6410IR-T5K Datasheet HTML 10Page - Intersil Corporation ISL6410IR-T5K Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Pin Description
VIN - Supply voltage for the IC. It is recommended to place a
1µF decoupling capacitor as close as possible to the IC.
GND - Small signal ground for the PWM controller stage. All
internal control circuits are referenced to this pin.
PG - The Power good is an open-drain output. A pull-up
resistor should be connected between PG and VIN. It is
asserted active high when the output voltage reaches
94.5% of the nominal value.
FB - The Feedback pin is used to sense the output voltage,
and should be connected to VOUT for normal operation.
VSET - This pin is used to program the output voltages.
Refer to Table 1 below for details.
SYNC - This pin is used for synchronization. The converter
switching frequency can be synchronized to an external
CMOS clock signal in the range of (500kHz to 1MHz).
EN - A logic high enables the converter, logic low forces the
device into shutdown mode reducing the supply current to
less than 10µA at 25°C. This pin should be pulled up to VCC
via a 10K resistor.
L - This pin is the drain junction of the internal power
MOSFETs and is to be connected to the external inductor.
PGND - Power ground. Connect all power grounds to this pin.
PVCC - This pin provides the Input supply for the internal
MOSFETs. It is recommended to place a 1µF decoupling
capacitor as close as possible to the IC.
CT - Timing capacitor connection to set the 25ms minimum
pulse width for the RESET signal.
RESET - The outputs of the reset supervisory circuit, which
monitors VIN. The IC asserts these RESET signals
whenever the supply voltage drops below a preset threshold
and keeps it asserted for at least 25ms after VCC (VIN) has
risen above the reset threshold. These outputs are push-
pull. RESET is LOW when re-setting the microprocessor.
The PWM will continue to operate until VIN drops below the
UVLO threshold.
Functional Description
The ISL6410, ISL6410A is a synchronous buck regulator
with integrated N- and P-channel power MOSFET and
provides pre-set pin programmable outputs. Synchronous
rectification with internal MOSFETs is used to achieve higher
efficiency and reduced number of external components.
Operating frequency of 750kHz typical allows the use of
small inductor and capacitor values. The device can be
synchronized to an external clock signal in the range of
500kHz to 1MHz. The PG output indicates loss of regulation
on PWM output.
The PWM is based on the peak current mode control
topology with internal slope compensation. At the beginning
of each clock cycle, the high side P-channel MOSFET is
turned on. The current in the inductor ramps up and is
sensed via an internal circuit. On exceeding a preset limit the
high side switch is turned off causing the PWM comparator
to trip. This occurs whenever the output voltage is in
regulation or when the inductor current reaches the current
limit. After a minimum dead time to prevent shoot through
current, the low side N-channel MOSFET turns on and the
current ramps down. As the clock cycle is completed, the low
side switch turns off and the next clock cycle is initiated.
The control loop is internally compensated thus reducing the
amount of external components.
The switch current is internally sensed and the maximum
current limit is 1300mA peak.
Synchronization
The typical operating frequency for the converter is 750kHz.
It is possible to synchronize the converter to an external
clock frequency in the range of 500kHz to 1000kHz when an
external signal is applied to SYNC pin. The device will
automatically detect and synchronize to the rising edge of
the first clock pulse. If the clock signal is stopped, the
converter automatically switches back to the internal clock
and continues its operation without interruption. The switch
over will be initiated if no rising edge triggers are present on
the SYNC pin for a duration of four clock cycles.
Soft-Start
As the EN (Enable) pin goes high, the soft-start function will
generate an internal voltage ramp. This causes the start-up
current to slowly rise preventing output voltage overshoot
and high inrush currents. The soft-start duration is typically
5.5ms with 750kHz switching frequency. When the soft-start
is completed, the error amplifier will be connected directly to
the internal voltage reference.
Enable
Logic low on EN pin forces the PWM section into shutdown.
In the shutdown mode all the major blocks of the PWM
including power switches, drivers, voltage reference, and
oscillator are turned off.
Undervoltage Lockout
An undervoltage lockout circuit prevents the converter from
turning on when the voltage on VIN is less than the values
specified in the Input UVLO Threshold section of the
electrical specification.
TABLE 1.
VSET
ISL6410
Vo
ISL6410A
Vo
High
1.8V
3.3V
Open (NC)
1.5V
1.8V
Low
1.2V
1.2V
ISL6410, ISL6410A


Similar Part No. - ISL6410IR-T5K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6410IR RENESAS-ISL6410IR Datasheet
1Mb / 26P
   Single Synchronous Buck Regulators with Integrated FET
ISL6410IRZ RENESAS-ISL6410IRZ Datasheet
1Mb / 26P
   Single Synchronous Buck Regulators with Integrated FET
More results

Similar Description - ISL6410IR-T5K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6410 RENESAS-ISL6410 Datasheet
1Mb / 26P
   Single Synchronous Buck Regulators with Integrated FET
logo
Rohm
BD9329AEFJ ROHM-BD9329AEFJ_15 Datasheet
1Mb / 23P
   Synchronous Buck Converter with Integrated FET
BD8967FVM ROHM-BD8967FVM_15 Datasheet
745Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9122GUL ROHM-BD9122GUL_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9134MUV ROHM-BD9134MUV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD8961NV ROHM-BD8961NV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9106FVM ROHM-BD9106FVM_14 Datasheet
3Mb / 50P
   Synchronous Buck Converter with Integrated FET
BD9123MUV ROHM-BD9123MUV_14 Datasheet
1Mb / 28P
   Synchronous Buck Converter with Integrated FET
BD9137MUV ROHM-BD9137MUV_14 Datasheet
2Mb / 26P
   Synchronous Buck Converter with Integrated FET
BD8963EFJ ROHM-BD8963EFJ_14 Datasheet
1Mb / 28P
   Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com