Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33172D Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC33172D
Description  Low Power, Single Supply Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33172D Datasheet(HTML) 4 Page - ON Semiconductor

  MC33172D Datasheet HTML 1Page - ON Semiconductor MC33172D Datasheet HTML 2Page - ON Semiconductor MC33172D Datasheet HTML 3Page - ON Semiconductor MC33172D Datasheet HTML 4Page - ON Semiconductor MC33172D Datasheet HTML 5Page - ON Semiconductor MC33172D Datasheet HTML 6Page - ON Semiconductor MC33172D Datasheet HTML 7Page - ON Semiconductor MC33172D Datasheet HTML 8Page - ON Semiconductor MC33172D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC33171 MC33172 MC33174
4
MOTOROLA ANALOG IC DEVICE DATA
AC ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = –15 V, RL connected to ground, TA = +25°C, unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Slew Rate (Vin = –10 V to +10 V, RL = 10 k, CL = 100 pF)
AV +1
AV –1
SR
1.6
2.1
2.1
V/
µs
Gain Bandwidth Product (f = 100 kHz)
GBW
1.4
1.8
MHz
Power Bandwidth
AV = +1.0 RL = 10 k, VO = 20 Vpp, THD = 5%
BWp
35
kHz
Phase Margin
RL = 10 k
RL = 10 k, CL = 100 pF
φm
60
45
Degree
s
Gain Margin
RL = 10 k
RL = 10 k, CL = 100 pF
Am
15
5.0
dB
Equivalent Input Noise Voltage
RS = 100 Ω, f = 1.0 kHz
en
32
nV/ Hz
Equivalent Input Noise Current (f = 1.0 kHz)
In
0.2
pA/
Hz
Differential Input Resistance
Vcm = 0 V
Rin
300
M
Input Capacitance
Ci
0.8
pF
Total Harmonic Distortion
AV = +10, RL = 10 k, 2.0 Vpp ≤ VO ≤ 20 Vpp, f = 10 kHz
THD
0.03
%
Channel Separation (f = 10 kHz)
CS
120
dB
Open Loop Output Impedance (f = 1.0 MHz)
zo
100
Figure 1. Input Common Mode Voltage Range
versus Temperature
Figure 2. Split Supply Output Saturation
versus Load Current
TA, AMBIENT TEMPERATURE (°C)
VCC
VCC/VEE = ±1.5 V to ± 22 V
∆VIO = 5.0 mV
IL, LOAD CURRENT (±mA)
Source
Sink
VEE
VCC
VEE
VCC/VEE = ± 5.0 V to ± 22 V
TA = 25°C
0
–2.4
0.1
0
–0.8
–1.6
0
–1.0
1.0
0
–55
–25
0
25
50
75
100
125
0
1.0
2.0
3.0
4.0


Similar Part No. - MC33172D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC33172D STMICROELECTRONICS-MC33172D Datasheet
50Kb / 5P
   LOW POWER DUAL BIPOLAR OPERATIONAL AMPLIFIERS
December 1997
MC33172D STMICROELECTRONICS-MC33172D Datasheet
79Kb / 5P
   LOW POWER DUAL BIPOLAR OPERATIONAL AMPLIFIERS
November 2001
logo
ON Semiconductor
MC33172D ONSEMI-MC33172D Datasheet
227Kb / 16P
   Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers
October, 2006 ??Rev. 9
logo
STMicroelectronics
MC33172D STMICROELECTRONICS-MC33172D Datasheet
142Kb / 9P
   Low power dual bipolar operational amplifiers
logo
ON Semiconductor
MC33172DG ONSEMI-MC33172DG Datasheet
227Kb / 16P
   Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers
October, 2006 ??Rev. 9
More results

Similar Description - MC33172D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA234 TI1-OPA234 Datasheet
1Mb / 23P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA234 BURR-BROWN-OPA234 Datasheet
2Mb / 18P
   Low Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA4234PA TI-OPA4234PA Datasheet
1Mb / 22P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA2234M TI1-OPA2234M Datasheet
964Kb / 19P
[Old version datasheet]   LOW-POWER, PRECISION SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA234 BURR-BROWN-OPA234 Datasheet
671Kb / 19P
   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2234M TI-OPA2234M_15 Datasheet
928Kb / 20P
[Old version datasheet]   LOW-POWER, PRECISION SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA631 BURR-BROWN-OPA631 Datasheet
176Kb / 17P
   Low Power, Single-Supply OPERATIONAL AMPLIFIERS TM
logo
Texas Instruments
OPA170 TI1-OPA170 Datasheet
1Mb / 28P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
SEPTEMBER2011
OPA170 TI1-OPA170_12 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LMC6035 NSC-LMC6035 Datasheet
792Kb / 20P
   Low Power 2.7V Single Supply CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com