Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V630ME01 Datasheet(PDF) 1 Page - Z-Communications, Inc

Part # V630ME01
Description  LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZCOMM [Z-Communications, Inc]
Direct Link  http://www.zcomm.com
Logo ZCOMM - Z-Communications, Inc

V630ME01 Datasheet(HTML) 1 Page - Z-Communications, Inc

  V630ME01 Datasheet HTML 1Page - Z-Communications, Inc V630ME01 Datasheet HTML 2Page - Z-Communications, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LFSuffix = RoHS Compliant. All specifications are subject to change without notice.
© Z-Communications, Inc. All Rights Reserved.
Page 1 of 2
FRM-S-002 B
PHASE NOISE (1 Hz BW, typical)
OFFSET (Hz)
Performance Specifications
Typ
Units
Min
Max
60
-95
-10
11
7
50
50
Oscillation Frequency Range
Phase Noise @ 10 kHz offset (1 Hz BW)
Harmonic Suppression (2nd)
Tuning Voltage
Tuning Sensitivity (avg.)
Power Output
Load Impedance
Input Capacitance
Pushing
Pulling (
dB Return Loss, Any Phase)
Operating Temperature Range
MHz
dBc/Hz
dBc
Vdc
MHz/V
dBm
pF
MHz/V
MHz
°C
2085
2220
12
0.5
4.5
Package Style
27
85
-40
4.5
-9
Power Supply Requirements
Typ
Units
Min
Max
5
11
Vdc
mA
Supply Voltage (Vcc, nom.)
Supply Current (Icc)
13
WLAN
Digital Radios
Earthstations
Applications
Voltage-Controlled Oscillator
Surface Mount Module
V630ME01
G2
Rev
Additional Notes
Application Notes
• AN-101: Mounting and Grounding
• AN-102: Output Loading
• AN-107: Manual Soldering
14118 Stowe Drive, Suite B
Poway, CA 92064
TEL: (858) 621-2700 | FAX: (858) 486-1927
URL: www.zcomm.com
EMAIL: applications@zcomm.com
MINI-14S


Similar Part No. - V630ME01

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V630ME01 ZCOMM-V630ME01 Datasheet
87Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
V630ME01 ZCOMM-V630ME01 Datasheet
83Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
V630ME01-LF ZCOMM-V630ME01-LF Datasheet
77Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
V630ME01 ZCOMM-V630ME01_10 Datasheet
87Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
More results

Similar Description - V630ME01

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
CRO2065B ZCOMM-CRO2065B Datasheet
48Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CRO2117A ZCOMM-CRO2117A Datasheet
100Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
SMV0186A ZCOMM-SMV0186A Datasheet
175Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
SMV1204L ZCOMM-SMV1204L Datasheet
132Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
SMV1350B ZCOMM-SMV1350B Datasheet
147Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
V612ME04 ZCOMM-V612ME04 Datasheet
158Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
V613ME16 ZCOMM-V613ME16 Datasheet
71Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
V626ME03 ZCOMM-V626ME03 Datasheet
162Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
V626ME10 ZCOMM-V626ME10 Datasheet
98Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
V630ME02 ZCOMM-V630ME02 Datasheet
189Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
V630ME05 ZCOMM-V630ME05 Datasheet
158Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com