Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6440IA-T Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6440IA-T
Description  300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6440IA-T Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6440IA-T Datasheet HTML 5Page - Intersil Corporation ISL6440IA-T Datasheet HTML 6Page - Intersil Corporation ISL6440IA-T Datasheet HTML 7Page - Intersil Corporation ISL6440IA-T Datasheet HTML 8Page - Intersil Corporation ISL6440IA-T Datasheet HTML 9Page - Intersil Corporation ISL6440IA-T Datasheet HTML 10Page - Intersil Corporation ISL6440IA-T Datasheet HTML 11Page - Intersil Corporation ISL6440IA-T Datasheet HTML 12Page - Intersil Corporation ISL6440IA-T Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
FN9040.2
October 4, 2005
Soft-Start Operation
When soft-start is initiated, the voltage on the SS pin of the
enabled PWM channels starts to ramp gradually, due to the
5
µA current sourced into the external capacitor. The output
voltage follows the soft-start voltage.
When the SS pin voltage reaches 0.8V, the output voltage of
the enabled PWM channel reaches the regulation point, and
the soft-start pin voltage continues to rise. At this point the
PGOOD and fault circuitry is enabled. This completes the
soft-start sequence. Any further rise of SS pin voltage does
not affect the output voltage. By varying the values of the
soft-start capacitors, it is possible to provide sequencing of the
main outputs at start-up. The soft-start time can be obtained
from the following equation:
The soft-start capacitors can be chosen to provide startup
tracking for the two PWM outputs. This can be achieved by
choosing the soft-start capacitors such that the soft-start
capacitor ration equals the respective PWM output voltage
ratio. For example, if I use PWM1 = 1.2V and PWM2 = 3.3V
then the soft-start capacitor ration should be, CSS1/CSS1 =
1.2/3.3 = 0.364. Figure 14 shows that soft-start waveform
with CSS1 = 0.01µF and CSS2 = 0.027µF.
Output Voltage Programming
A resistive divider from the output to ground sets the output
voltage of either PWM channel. The center point of the
divider shall be connected to FBx pin. The output voltage
value is determined by the following equation.
where R1 is the top resistor of the feedback divider network
and R2 is the resistor connected from FB1 or FB2 to ground.
Out-of-Phase Operation
The two PWM controllers in the ISL6440 operate 180o out-
of-phase to reduce input ripple current. This reduces the
input capacitor ripple current requirements, reduces power
supply-induced noise, and improves EMI. This effectively
helps to lower component cost, save board space and
reduce EMI.
Dual PWMs typically operate in-phase and turn on both
upper FETs at the same time. The input capacitor must then
support the instantaneous current requirements of both
controllers simultaneously, resulting in increased ripple
voltage and current. The higher RMS ripple current lowers
the efficiency due to the power loss associated with the ESR
of the input capacitor. This typically requires more low-ESR
capacitors in parallel to minimize the input voltage ripple and
ESR-related losses, or to meet the required ripple current
rating.
With dual synchronized out-of-phase operation, the high-
side MOSFETs of the ISL6440 turn on 180o out-of-phase.
The instantaneous input current peaks of both regulators no
longer overlap, resulting in reduced RMS ripple current and
input voltage ripple. This reduces the required input
capacitor ripple current rating, allowing fewer or less
expensive capacitors, and reducing the shielding
requirements for EMI. The typical operating curves show the
synchronized 180 degree out-of-phase operation.
TSOFT
0.8V
CSS
5
µA
-----------


=
FIGURE 13. SOFT-START OPERATION
VCC5 1V/DIV
SS1 1V/DIV
VOUT1 1V/DIV
FIGURE 14. PWM1 AND PWM2 OUTPUT TRACKING DURING
STARTUP
VOUT1 1V/DIV
VOUT2 1V/DIV
VOUTx
0.8V
R1 R2
+
R2
----------------------


=
ISL6440


Similar Part No. - ISL6440IA-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6440IA RENESAS-ISL6440IA Datasheet
692Kb / 15P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
ISL6440IAZ RENESAS-ISL6440IAZ Datasheet
692Kb / 15P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
More results

Similar Description - ISL6440IA-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6402 INTERSIL-ISL6402 Datasheet
422Kb / 19P
   300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6443 INTERSIL-ISL6443 Datasheet
397Kb / 18P
   300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Renesas Technology Corp
ISL6440 RENESAS-ISL6440 Datasheet
692Kb / 15P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
logo
Intersil Corporation
ISL6445 INTERSIL-ISL6445 Datasheet
259Kb / 15P
   1.4MHz Dual, 180 Out-of-Phase, Step-Down PWM Controller
logo
Maxim Integrated Produc...
MAX8529 MAXIM-MAX8529 Datasheet
447Kb / 21P
   1.5MHz Dual 180 Out-of-Phase PWM Step-Down Controller with POR
Rev 0; 1/03
logo
Intersil Corporation
ISL6443A INTERSIL-ISL6443A Datasheet
299Kb / 19P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6443 INTERSIL-ISL6443_06 Datasheet
349Kb / 18P
   300kHz Dual, 180째 Out-of-Phase, Step- Down PWM and Single Linear Controller
logo
Renesas Technology Corp
ISL6443A RENESAS-ISL6443A Datasheet
944Kb / 20P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6402 RENESAS-ISL6402 Datasheet
837Kb / 19P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6443 RENESAS-ISL6443 Datasheet
831Kb / 18P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com