Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6410AIU-T Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6410AIU-T
Description  Single Synchronous Buck Regulators with Integrated FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6410AIU-T Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6410AIU-T Datasheet HTML 1Page - Intersil Corporation ISL6410AIU-T Datasheet HTML 2Page - Intersil Corporation ISL6410AIU-T Datasheet HTML 3Page - Intersil Corporation ISL6410AIU-T Datasheet HTML 4Page - Intersil Corporation ISL6410AIU-T Datasheet HTML 5Page - Intersil Corporation ISL6410AIU-T Datasheet HTML 6Page - Intersil Corporation ISL6410AIU-T Datasheet HTML 7Page - Intersil Corporation ISL6410AIU-T Datasheet HTML 8Page - Intersil Corporation ISL6410AIU-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Functional Block Diagram for QFN Version
SOFT
START
COMPENSATION
EA
GM
750kHz
OSCILLATOR
SLOPE
COMPENSATION
EN
PWM
OVERCURRENT,
OVERVOLTAGE
LOGIC
POWER GOOD
PWM
VOUT
UVLO
PWM
REFERENCE
0.45V
GATE
DRIVE
CURRENT
SENSE
L
PGND
FB
PG
EN
SYNC
VIN
GND
VSET
PVCC
10µF
VIN
10µF
8.2µH
L1
VOUT
0.1µF
NOTES:
1. VIN is 3.3V for ISL6410 and 5.0V for ISL6410A.
2. VSET in the above schematic is connected to VIN, so the VOUT is 1.8V for ISL6410 and 3.3V for ISL6410A.
16
3
9
7
10
4
5
13
14
15
PG
8
RESET
BLOCK
RESET
11
VIN
2 C
T


Similar Part No. - ISL6410AIU-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6410AIU RENESAS-ISL6410AIU Datasheet
1Mb / 26P
   Single Synchronous Buck Regulators with Integrated FET
ISL6410AIUZ RENESAS-ISL6410AIUZ Datasheet
1Mb / 26P
   Single Synchronous Buck Regulators with Integrated FET
More results

Similar Description - ISL6410AIU-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6410 RENESAS-ISL6410 Datasheet
1Mb / 26P
   Single Synchronous Buck Regulators with Integrated FET
logo
Rohm
BD9329AEFJ ROHM-BD9329AEFJ_15 Datasheet
1Mb / 23P
   Synchronous Buck Converter with Integrated FET
BD8967FVM ROHM-BD8967FVM_15 Datasheet
745Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9122GUL ROHM-BD9122GUL_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9134MUV ROHM-BD9134MUV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD8961NV ROHM-BD8961NV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9106FVM ROHM-BD9106FVM_14 Datasheet
3Mb / 50P
   Synchronous Buck Converter with Integrated FET
BD9123MUV ROHM-BD9123MUV_14 Datasheet
1Mb / 28P
   Synchronous Buck Converter with Integrated FET
BD9137MUV ROHM-BD9137MUV_14 Datasheet
2Mb / 26P
   Synchronous Buck Converter with Integrated FET
BD8963EFJ ROHM-BD8963EFJ_14 Datasheet
1Mb / 28P
   Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com