Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6440 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6440
Description  300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6440 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6440 Datasheet HTML 1Page - Intersil Corporation ISL6440 Datasheet HTML 2Page - Intersil Corporation ISL6440 Datasheet HTML 3Page - Intersil Corporation ISL6440 Datasheet HTML 4Page - Intersil Corporation ISL6440 Datasheet HTML 5Page - Intersil Corporation ISL6440 Datasheet HTML 6Page - Intersil Corporation ISL6440 Datasheet HTML 7Page - Intersil Corporation ISL6440 Datasheet HTML 8Page - Intersil Corporation ISL6440 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Block Diagram
ERROR AMP 1
FB1
180k
PWM1
+ 0.8V
ISEN1
SAMPLE
CURRENT
SAMPLE
CURRENT
PHASE1
VCC_5V
UGATE1
BOOT1
LGATE1
PGND
+
0.8V REFERENCE
OCSET1
ERROR AMP 2
ADAPTIVE DEAD-TIME
VSEN2
18.5pF
1400k
180k
PWM2
+
0.8V
ISEN2
SAMPLE
CURRENT
SAMPLE
CURRENT
PHASE2
VCC
UGATE2
BOOT2
LGATE2
PGND
DIODE EMULATION
V/I SAMPLE TIMING
+
0.8V REFERENCE
OCSET2
VIN
VCC
DUTY CYCLE RAMP GENERATOR
PWM CHANNEL PHASE CONTROL
OC2
OC1
2 CLOCK CYCLES
SAME STATE FOR
REQUIRED TO LATCH
OVERCURRENT FAULT
2 CLOCK CYCLES
SAME STATE FOR
REQUIRED TO LATCH
OVERCURRENT FAULT
VIN
PGOOD
UV
PGOOD
18.5pF
1400k
UV
PGOOD
ADAPTIVE DEAD-TIME
DIODE EMULATION
V/I SAMPLE TIMING
OC1
POR
FAULT LATCH
BIAS SUPPLIES
REFERENCE
ENABLE
SOFT-START
SGND
SD1
SD2
SS1
SOFT2
OC2
REF
REF
16k
16k
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
VCC
FB3


Similar Part No. - ISL6440

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6440 RENESAS-ISL6440 Datasheet
692Kb / 15P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
logo
Intersil Corporation
ISL6440A INTERSIL-ISL6440A Datasheet
749Kb / 16P
   Advanced PWM and Triple Linear Power Controller for Gateway Applications
ISL6440ACB INTERSIL-ISL6440ACB Datasheet
749Kb / 16P
   Advanced PWM and Triple Linear Power Controller for Gateway Applications
logo
Renesas Technology Corp
ISL6440IA RENESAS-ISL6440IA Datasheet
692Kb / 15P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
ISL6440IAZ RENESAS-ISL6440IAZ Datasheet
692Kb / 15P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
More results

Similar Description - ISL6440

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6402 INTERSIL-ISL6402 Datasheet
422Kb / 19P
   300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6443 INTERSIL-ISL6443 Datasheet
397Kb / 18P
   300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Renesas Technology Corp
ISL6440 RENESAS-ISL6440 Datasheet
692Kb / 15P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
logo
Intersil Corporation
ISL6445 INTERSIL-ISL6445 Datasheet
259Kb / 15P
   1.4MHz Dual, 180 Out-of-Phase, Step-Down PWM Controller
logo
Maxim Integrated Produc...
MAX8529 MAXIM-MAX8529 Datasheet
447Kb / 21P
   1.5MHz Dual 180 Out-of-Phase PWM Step-Down Controller with POR
Rev 0; 1/03
logo
Intersil Corporation
ISL6443A INTERSIL-ISL6443A Datasheet
299Kb / 19P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6443 INTERSIL-ISL6443_06 Datasheet
349Kb / 18P
   300kHz Dual, 180째 Out-of-Phase, Step- Down PWM and Single Linear Controller
logo
Renesas Technology Corp
ISL6443A RENESAS-ISL6443A Datasheet
944Kb / 20P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6402 RENESAS-ISL6402 Datasheet
837Kb / 19P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6443 RENESAS-ISL6443 Datasheet
831Kb / 18P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com