Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6424 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6424
Description  Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6424 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6424 Datasheet HTML 4Page - Intersil Corporation ISL6424 Datasheet HTML 5Page - Intersil Corporation ISL6424 Datasheet HTML 6Page - Intersil Corporation ISL6424 Datasheet HTML 7Page - Intersil Corporation ISL6424 Datasheet HTML 8Page - Intersil Corporation ISL6424 Datasheet HTML 9Page - Intersil Corporation ISL6424 Datasheet HTML 10Page - Intersil Corporation ISL6424 Datasheet HTML 11Page - Intersil Corporation ISL6424 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FN9175.3
September 13, 2005
System Register Format
• R, W = Read and Write bit
• R = Read-only bit
All bits reset to 0 at Power-On
Transmitted Data (I2C bus WRITE mode)
When the R/W bit in the chip is set to 0, the main
microprocessor can write on the system registers (SR1/SR2)
of the ISL6424 via I2C bus. These will be written by the
microprocessor as shown below. The spare bits of SR1/SR2
can be used for other functions.
TABLE 3. SYSTEM REGISTER 1 (SR1)
R, W
R, W
R, W
R, W
R, W
R, W
R, W
R
SR1
DCL
ISEL1
ENT1
LLC1
VSEL1
EN1
OLF1
TABLE 4. SYSTEM REGISTER 2 (SR2)
R, W
R, W
R, W
R, W
R, W
R, W
R
R
SR2
ISEL2
ENT2
LLC2
VSEL2
EN2
OTF
OLF2
TABLE 5. SYSTEM REGISTER (SR1 AND SR2) CONFIGURATION
SR
DCL
ISEL1
ENT1
LLC1
VSEL1
EN1
OLF1
FUNCTION
0
X
X
X
0
0
X
X
SR1 is selected
0
X
X
X
0
0
1
X
Vout1 = 13V, Vboost1 = 13V + Vdrop
0
X
X
X
0
1
1
X
Vout1 = 18V, Vboost1 = 18V + Vdrop
0
X
X
X
1
0
1
X
Vout1 = 14V, Vboost1 = 14V + Vdrop
0
X
X
X
1
1
1
X
Vout1 = 19V, Vboost1 = 19V + Vdrop
0
X
X
0
X
X
1
X
22kHz tone is controlled by DSQIN1 pin
0
X
X
1
X
X
1
X
22kHz tone is ON, DSQIN1 is disabled
0
X
0
X
X
X
1
X
Iout1 = 425mA max.
0
X
1
X
X
X
1
X
Iout1 = 775mA max.
0
1
XX
XX
1
X
Dynamic current limit NOT selected
0
0
XX
XX
1
X
Dynamic current limit selected
0
X
X
X
X
X
0
X
PWM and Linear for channel 1 disabled
SR
ISEL2
ENT2
LLC2
VSEL2
EN2
OTF
OLF2
FUNCTION
1
X
XX
XXX
X
SR2 is selected
1
X
X
0
0
1
X
X
Vout2 = 13V, Vboost2 = 13V + Vdrop
1
X
X
0
1
1
X
X
Vout2 = 18V, Vboost2 = 18V + Vdrop
1
X
X
1
0
1
X
X
Vout2 = 14V, Vboost2 = 14V + Vdrop
1
X
X
1
1
1
X
X
Vout2 = 19V, Vboost2 = 19V + Vdrop
1
X
0
X
X
1
X
X
22kHz tone is controlled by DSQIN2 pin
1
X
1
X
X
1
X
X
22kHz tone is ON, DSQIN2 is disabled
1
0
X
X
X
1
X
X
Iout2 = 425mA max.
1
1
X
X
X
1
X
X
Iout2 = 775mA max.
1
X
X
X
X
0
X
X
PWM and Linear for channel 2 disabled
NOTE: OTF and OLF1&2 are “Read Only” bits and X is a “Don’t Care” for the function specified.
ISL6424


Similar Part No. - ISL6424

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6424 RENESAS-ISL6424 Datasheet
647Kb / 13P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6424ER RENESAS-ISL6424ER Datasheet
647Kb / 13P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6424ERZ RENESAS-ISL6424ERZ Datasheet
647Kb / 13P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
More results

Similar Description - ISL6424

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6422 INTERSIL-ISL6422 Datasheet
304Kb / 19P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6422BERZ INTERSIL-ISL6422BERZ Datasheet
394Kb / 19P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
September 8, 2015
ISL6422B INTERSIL-ISL6422B Datasheet
293Kb / 18P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Renesas Technology Corp
ISL6422B RENESAS-ISL6422B Datasheet
989Kb / 19P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6424 RENESAS-ISL6424 Datasheet
647Kb / 13P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Intersil Corporation
ISL6405 INTERSIL-ISL6405 Datasheet
233Kb / 13P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
logo
Renesas Technology Corp
ISL6422 RENESAS-ISL6422 Datasheet
843Kb / 20P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Intersil Corporation
ISL6423B INTERSIL-ISL6423B Datasheet
246Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6421 INTERSIL-ISL6421 Datasheet
261Kb / 10P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
logo
Renesas Technology Corp
ISL6425 RENESAS-ISL6425 Datasheet
586Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com