Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6402IVZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6402IVZ
Description  300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6402IVZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6402IVZ Datasheet HTML 4Page - Intersil Corporation ISL6402IVZ Datasheet HTML 5Page - Intersil Corporation ISL6402IVZ Datasheet HTML 6Page - Intersil Corporation ISL6402IVZ Datasheet HTML 7Page - Intersil Corporation ISL6402IVZ Datasheet HTML 8Page - Intersil Corporation ISL6402IVZ Datasheet HTML 9Page - Intersil Corporation ISL6402IVZ Datasheet HTML 10Page - Intersil Corporation ISL6402IVZ Datasheet HTML 11Page - Intersil Corporation ISL6402IVZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
FN9123.3
November 8, 2004
Typical Performance Curves
(Oscilloscope Plots Are Taken Using the ISL6402EVAL4A Evaluation Board, VIN = 12V, Unless Otherwise Noted)
FIGURE 1. PWM1 LOAD REGULATION
FIGURE 2. PWM2 LOAD REGULATION
FIGURE 3. REFERENCE VOLTAGE VARIATION OVER
TEMPERATURE
FIGURE 4. SOFT-START WAVEFORMS WITH PGOOD
FIGURE 5. PWM1 WAVEFORMS
FIGURE 6. PWM2 WAVEFORMS
3.3
3.32
3.33
3.35
3.38
3.39
3.4
01
2.5
3.5
LOAD CURRENT (A)
4.5
0.5
1.5
2
3
4
3.37
3.36
3.34
3.31
3.3
3.32
3.33
3.35
3.38
3.39
3.4
01
2.5
3.5
LOAD CURRENT (A)
4.5
0.5
1.5
2
3
4
3.37
3.36
3.34
3.31
-40
-20
20
40
80
0.75
0.81
0.85
TEMPERATURE (°C)
0.78
0.83
0.8
0.77
0
60
0.84
0.82
0.79
0.76
PGOOD 5V/DIV
VOUT3 2V/DIV
VOUT2 2V/DIV
VOUT1 2V/DIV
VOUT1 20mV/DIV, AC COUPLED
IL1 0.5A/DIV, AC COUPLED
PHASE1 10V/DIV
VOUT2 20mV/DIV, AC COUPLED
IL2 0.5A/DIV, AC COUPLED
PHASE2 10V/DIV
ISL6402


Similar Part No. - ISL6402IVZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6402IVZ RENESAS-ISL6402IVZ Datasheet
837Kb / 19P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6402IVZ-T RENESAS-ISL6402IVZ-T Datasheet
837Kb / 19P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6402IVZ-TK RENESAS-ISL6402IVZ-TK Datasheet
837Kb / 19P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
More results

Similar Description - ISL6402IVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6443 INTERSIL-ISL6443 Datasheet
397Kb / 18P
   300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6440 INTERSIL-ISL6440 Datasheet
346Kb / 15P
   300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM Controller
ISL6443A INTERSIL-ISL6443A Datasheet
299Kb / 19P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6443 INTERSIL-ISL6443_06 Datasheet
349Kb / 18P
   300kHz Dual, 180째 Out-of-Phase, Step- Down PWM and Single Linear Controller
logo
Renesas Technology Corp
ISL6443A RENESAS-ISL6443A Datasheet
944Kb / 20P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6402 RENESAS-ISL6402 Datasheet
837Kb / 19P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6443 RENESAS-ISL6443 Datasheet
831Kb / 18P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6402A RENESAS-ISL6402A Datasheet
797Kb / 18P
   1.4MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller
Dec 1, 2004
logo
Intersil Corporation
ISL6441 INTERSIL-ISL6441 Datasheet
340Kb / 18P
   1.4MHz Dual, 180 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6402A INTERSIL-ISL6402A Datasheet
390Kb / 18P
   1.4MHz Dual, 180 Out-of-Phase, Step- Down PWM and Single Linear Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com