Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6308EVAL1 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6308EVAL1
Description  Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6308EVAL1 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6308EVAL1 Datasheet HTML 2Page - Intersil Corporation ISL6308EVAL1 Datasheet HTML 3Page - Intersil Corporation ISL6308EVAL1 Datasheet HTML 4Page - Intersil Corporation ISL6308EVAL1 Datasheet HTML 5Page - Intersil Corporation ISL6308EVAL1 Datasheet HTML 6Page - Intersil Corporation ISL6308EVAL1 Datasheet HTML 7Page - Intersil Corporation ISL6308EVAL1 Datasheet HTML 8Page - Intersil Corporation ISL6308EVAL1 Datasheet HTML 9Page - Intersil Corporation ISL6308EVAL1 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6
FN9208.2
October 19, 2005
ERROR AMPLIFIER
DC Gain (Note 3)
RL = 10K to ground
-
96
-
dB
Gain-Bandwidth Product (Note 3)
CL = 100pF, RL = 10K to ground
-
20
-
MHz
Slew Rate (Note 3)
CL = 100pF, Load = ±400µA-
8
-
V/
µs
Maximum Output Voltage
Load = 1mA
3.90
4.20
-
V
Minimum Output Voltage
Load = -1mA
-
0.85
1.0
V
REMOTE SENSE DIFFERENTIAL AMPLIFIER
Input Bias Current (VSEN)
(VSEN = 1.5V)
49
55
60
µA
Bandwidth (Note 3)
-20
-
MHz
Slew Rate (Note 3)
-8
-
V/
µs
OVERCURRENT PROTECTION
OCSET trip current
93
100
107
µA
OCSET Accuracy
OC comparator offset (OCSET and ISUM Difference)
-5
0
5
mV
ICOMP Offset
ISEN amplifier offset
-5
0
5
mV
PROTECTION
Undervoltage Threshold
VSEN falling
80
82
84
%VID
Undervoltage Hysteresis
VSEN Rising
-
3
-
%VID
Overvoltage Threshold while IC Disabled
1.62
1.67
1.72
V
Overvoltage Threshold
VSEN Rising
DAC +
125mV
DAC +
150mV
DAC +
175mV
V
Overvoltage Hysteresis
VSEN Falling
-
50
-
mV
Open Sense-Line Protection Threshold
IREF Rising and Falling
VDIFF
+ 0.9V
VDIFF +
1V
VDIFF
+ 1.1V
V
OVP Output High Drive Voltage
IOVP = 50mA, VCC = 5V
2.2
3.9
V
SWITCHING TIME
UGATE Rise Time (Note 3)
tRUGATE; VPVCC = 12V, 3nF Load, 10% to 90%
-
26
-
ns
LGATE Rise Time (Note 3)
tRLGATE; VPVCC = 12V, 3nF Load, 10% to 90%
-
18
-
ns
UGATE Fall Time (Note 3)
tFUGATE; VPVCC = 12V, 3nF Load, 90% to 10%
-
18
-
ns
LGATE Fall Time (Note 3)
tFLGATE; VPVCC = 12V, 3nF Load, 90% to 10%
-
12
-
ns
UGATE Turn-On Non-overlap (Note 3)
tPDHUGATE; VPVCC = 12V, 3nF Load, Adaptive
-
10
-
ns
LGATE Turn-On Non-overlap (Note 3)
tPDHLGATE; VPVCC = 12V, 3nF Load, Adaptive
-
10
-
ns
GATE DRIVE RESISTANCE (Note 3)
Upper Drive Source Resistance
VPVCC = 12V, 150mA Source Current
1.25
2.0
3.0
Upper Drive Sink Resistance
VPVCC = 12V, 150mA Sink Current
0.9
1.6
3.0
Lower Drive Source Resistance
VPVCC = 12V, 150mA Source Current
0.85
1.4
2.2
Lower Drive Sink Resistance
VPVCC = 12V, 150mA Sink Current
0.60
0.94
1.35
OVER TEMPERATURE SHUTDOWN
Thermal Shutdown Setpoint (Note 3)
-
160
-
°C
Thermal Recovery Setpoint (Note 3)
-
100
-
°C
NOTE:
3. Parameter magnitude guaranteed by design. Not 100% tested.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6308


Similar Part No. - ISL6308EVAL1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6308EVAL1Z RENESAS-ISL6308EVAL1Z Datasheet
1Mb / 28P
   Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
More results

Similar Description - ISL6308EVAL1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6308 RENESAS-ISL6308 Datasheet
1Mb / 28P
   Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6308A INTERSIL-ISL6308A Datasheet
660Kb / 28P
   Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
ISL8103 INTERSIL-ISL8103 Datasheet
770Kb / 27P
   Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6308A RENESAS-ISL6308A Datasheet
1Mb / 28P
   Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
ISL8103 RENESAS-ISL8103 Datasheet
1Mb / 28P
   Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6310 INTERSIL-ISL6310 Datasheet
593Kb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6310 RENESAS-ISL6310 Datasheet
1Mb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6310 INTERSIL-ISL6310_06 Datasheet
639Kb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
ISL8102 INTERSIL-ISL8102 Datasheet
711Kb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL8102 RENESAS-ISL8102 Datasheet
1Mb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com