Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6297CRZ-T Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6297CRZ-T
Description  Li-ion/Li Polymer Battery Charger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6297CRZ-T Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6297CRZ-T Datasheet HTML 1Page - Intersil Corporation ISL6297CRZ-T Datasheet HTML 2Page - Intersil Corporation ISL6297CRZ-T Datasheet HTML 3Page - Intersil Corporation ISL6297CRZ-T Datasheet HTML 4Page - Intersil Corporation ISL6297CRZ-T Datasheet HTML 5Page - Intersil Corporation ISL6297CRZ-T Datasheet HTML 6Page - Intersil Corporation ISL6297CRZ-T Datasheet HTML 7Page - Intersil Corporation ISL6297CRZ-T Datasheet HTML 8Page - Intersil Corporation ISL6297CRZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
FN9215.0
September 27, 2005
BATTERY TEMPERATURE MONITORING
Low Temperature Threshold
VTMIN
V2P9 = 2.88V
1.94
2.0
2.06
V
Low Temperature Hysteresis
135
167
199
mV
High Temperature Threshold
VTMAX
V2P9 = 2.88V
.704
.718
.732
V
High Temperature Hysteresis
160
185
200
mV
DT Pin MOSFET On Resistance
RDT
-25
-
Charge Current Foldback Threshold (Note 4)
TFOLD
-
100
-
°C
Current Foldback Gain (Note 5)
GFOLD
-
100
-
mA/°C
OSCILLATOR
Oscillation Period
TOSC
CTIME = 15nF
2.7
3.0
3.3
ms
LOGIC INPUT AND OUTPUT
EN Input Low
--
0.8
V
EN Pin External Pull Down to Disable
-
-
50
k
LED Sink Current (RED, GRN)
Pin Voltage = 1.0V
5
10
-
mA
LED Leakage Current
--
1
µA
NOTES:
3. The actual current may be lower due to the thermal foldback.
4. Guaranteed by design and characterization to be typically 100oC ±15%.
5. Guaranteed by design and characterization.
Electrical Specifications
Typical values are tested at VIN = 5V and 25°C ambient temperature. Maximum and minimum values are
guaranteed over recommended operating conditions, unless otherwise noted. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6297


Similar Part No. - ISL6297CRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6297CRZ INTERSIL-ISL6297CRZ Datasheet
368Kb / 16P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6297CRZ RENESAS-ISL6297CRZ Datasheet
786Kb / 17P
   Li-ion/Li Polymer Battery Charger
More results

Similar Description - ISL6297CRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
logo
uPI Group Inc.
UP8001A UPI-UP8001A Datasheet
443Kb / 16P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL78692 RENESAS-ISL78692 Datasheet
990Kb / 18P
   Li-ion/Li-Polymer Battery Charger
logo
Intersil Corporation
ISL6298CR4Z INTERSIL-ISL6298CR4Z Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
March 9, 2006
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com