Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6299IRZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6299IRZ
Description  Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6299IRZ Datasheet(HTML) 7 Page - Intersil Corporation

  ISL6299IRZ Datasheet HTML 1Page - Intersil Corporation ISL6299IRZ Datasheet HTML 2Page - Intersil Corporation ISL6299IRZ Datasheet HTML 3Page - Intersil Corporation ISL6299IRZ Datasheet HTML 4Page - Intersil Corporation ISL6299IRZ Datasheet HTML 5Page - Intersil Corporation ISL6299IRZ Datasheet HTML 6Page - Intersil Corporation ISL6299IRZ Datasheet HTML 7Page - Intersil Corporation ISL6299IRZ Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
FN9184.0
March 17, 2005
Trickle Charge Current
When the battery voltage is below the minimum battery
voltage VMIN given in the electrical specification, the charger
operates in a trickle/preconditioning mode, where the charge
current is typically 14% of the programmed charge current
for the cradle input. If power comes from the USB input, the
trickle mode current is approximately 53mA.
End-of-Charge Indication
The CHG pin internal open-drain MOSFET turns off when
the charge current falls below the IMIN threshold, which is
programmable for the cradle input and fixed for the USB
input. Once the end-of charge-current is reached, the CHG
status will be latched. The latch can be reset at one of the
following conditions:
1. The part is disabled and re-enabled
2. The selected input source has been removed and re-
applied
3. The USBON turns LOW and turns back to HIGH for the
USB input
4. The BAT pin voltage falls below the CV mode threshold
Regardless of the CHG pin status, however, the charger
does not turn off as long as an input power source is
attached.
Power Presence Indication
When either the USB or the cradle input voltage is above the
POR threshold, the PPR pin internal open-drain MOSFET
turns on indicating the presence of input power.
Power-Good Range
Even if there is a power present, the charger will not deliver
any current to the output if the power-good conditions are
not met. The following two conditions together define the
power-good voltage range:
1. VCDRL or VUSB > VPOR
2. VCDRL or VUSB - VBAT > VOS
where the VOS is the offset voltage for the input and output
voltage comparator, discussed shortly. Both VPOR, VOS
have hysteresis, as given in the Electrical Specification table.
The charger will not charge the battery if the input voltage
does not meet the power-good conditions.
Thermal Foldback (Thermaguard™)
The thermal foldback function reduces the charge current
when the internal temperature reaches the thermal foldback
threshold, which is typically 100°C. This protects the charger
from excessive thermal stress at high input voltages.
ISL6299


Similar Part No. - ISL6299IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6299A INTERSIL-ISL6299A Datasheet
222Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
ISL6299A INTERSIL-ISL6299A Datasheet
232Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Renesas Technology Corp
ISL6299A RENESAS-ISL6299A Datasheet
416Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Intersil Corporation
ISL6299AIRZ INTERSIL-ISL6299AIRZ Datasheet
222Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
ISL6299AIRZ INTERSIL-ISL6299AIRZ Datasheet
232Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
More results

Similar Description - ISL6299IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6293 RENESAS-ISL6293 Datasheet
429Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
logo
Intersil Corporation
ISL6299A INTERSIL-ISL6299A_06 Datasheet
232Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
ISL6299A INTERSIL-ISL6299A Datasheet
222Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Renesas Technology Corp
ISL6299A RENESAS-ISL6299A Datasheet
416Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Intersil Corporation
ISL9214AIRZ INTERSIL-ISL9214AIRZ Datasheet
202Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
May 5, 2008
logo
Renesas Technology Corp
ISL9214 RENESAS-ISL9214 Datasheet
533Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Intersil Corporation
ISL9214A INTERSIL-ISL9214A Datasheet
205Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
ISL9214 INTERSIL-ISL9214 Datasheet
193Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
ISL6293 INTERSIL-ISL6293 Datasheet
208Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
ISL6293 INTERSIL-ISL6293_06 Datasheet
222Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com