Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6292DCRZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6292DCRZ
Description  Li-ion/Li Polymer Battery Charger
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6292DCRZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6292DCRZ Datasheet HTML 1Page - Intersil Corporation ISL6292DCRZ Datasheet HTML 2Page - Intersil Corporation ISL6292DCRZ Datasheet HTML 3Page - Intersil Corporation ISL6292DCRZ Datasheet HTML 4Page - Intersil Corporation ISL6292DCRZ Datasheet HTML 5Page - Intersil Corporation ISL6292DCRZ Datasheet HTML 6Page - Intersil Corporation ISL6292DCRZ Datasheet HTML 7Page - Intersil Corporation ISL6292DCRZ Datasheet HTML 8Page - Intersil Corporation ISL6292DCRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
TEMPERATURE MONITORING
Low Battery Temperature Threshold
VTMIN
V2P8 = 3.0V
1.40
1.50
1.60
V
Low Temperature Threshold Hysteresis
V2P8 = 3.0V
-
214
-
mV
High Battery Temperature Threshold
VTMAX
V2P8 = 3.0V
.587
0.605
.623
V
High Temperature Threshold Hysteresis
V2P8 = 3.0V
-
55
-
mV
Battery Removal Threshold
VRMV
V2P8 = 3.0V
-
2.25
-
V
Charge Current Foldback Threshold (Note 5)
TFOLD
85
100
115
°C
Current Foldback Gain (Note 5)
GFOLD
-100
-
mA/°C
OSCILLATOR
Oscillation Period
TOSC
CTIME = 15nF
2.4
3.0
3.6
ms
LOGIC INPUT AND OUTPUT
TOEN Input High
2.0
-
-
V
TOEN and EN Input Low
--
0.8
V
IREF and IMIN Input High
1.2
-
-
V
IREF and IMIN Input Low
--
0.4
V
STAT1/STAT2 Sink Current
Pin Voltage = 0.8V
5
-
-
mA
NOTES:
3. The POR falling edge voltage is guaranteed to be lower than the Trickle Charge Threshold Voltage (VMIN) by actual tests.
4. The actual charge current may be affected by the thermal foldback function if the thermal dissipation capability is not enough or by the on
resistance of the power MOSFET if the charger input voltage is too close to the output voltage.
5. Guaranteed by design, not a tested parameter.
Electrical Specifications
Typical values are tested at VIN = 5V and 25°C Ambient Temperature, maximum and minimum values are
guaranteed over 0°C to 70°C Ambient Temperature with a supply voltage in the range of 4.3V to 6.5V, unless
otherwise noted. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6292D


Similar Part No. - ISL6292DCRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6292DCRZ RENESAS-ISL6292DCRZ Datasheet
695Kb / 13P
   Li-ion/Li Polymer Battery Charger
ISL6292DCRZ-T RENESAS-ISL6292DCRZ-T Datasheet
695Kb / 13P
   Li-ion/Li Polymer Battery Charger
More results

Similar Description - ISL6292DCRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
logo
uPI Group Inc.
UP8001A UPI-UP8001A Datasheet
443Kb / 16P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL78692 RENESAS-ISL78692 Datasheet
990Kb / 18P
   Li-ion/Li-Polymer Battery Charger
logo
Intersil Corporation
ISL6298CR4Z INTERSIL-ISL6298CR4Z Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
March 9, 2006
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com