Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6292C Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6292C
Description  Li-ion/Li Polymer Battery Charger
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6292C Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6292C Datasheet HTML 3Page - Intersil Corporation ISL6292C Datasheet HTML 4Page - Intersil Corporation ISL6292C Datasheet HTML 5Page - Intersil Corporation ISL6292C Datasheet HTML 6Page - Intersil Corporation ISL6292C Datasheet HTML 7Page - Intersil Corporation ISL6292C Datasheet HTML 8Page - Intersil Corporation ISL6292C Datasheet HTML 9Page - Intersil Corporation ISL6292C Datasheet HTML 10Page - Intersil Corporation ISL6292C Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FN9133.2
July 22, 2005
ISL6292C, the EOC current is internally set to 1/10 of the CC
charge current, that is,
(EQ. 6)
At the EOC, the STATUS signal rises to HIGH and is latched.
The latch is not reset until a recharge cycle or a new charge
cycle starts.
Charge Current Thermal Foldback
Over-heating is always a concern in a linear charger. The
maximum power dissipation usually occurs at the beginning
of a charge cycle when the battery voltage is at its minimum
but the charge current is at its maximum. The charge current
thermal foldback function in the ISL6292C frees users from
the over-heating concern.
Figure 7 shows the current signals at the summing node of
the current error amplifier CA in the Block Diagram. IR is the
reference. IT is the current from the Temperature Monitoring
block. The IT has no impact on the charge current until the
internal temperature reaches approximately 100°C; then IT
rises at a rate of 1
µA/°C. When IT rises, the current control
loop forces the sensed current ISEN to reduce at the same
rate. As a mirrored current, the charge current is 100,000
times that of the sensed current and reduces at a rate of
100mA/°C. For a charger with the constant charge current
set at 1A, the charge current is reduced to zero when the
internal temperature rises to 110°C. The actual charge
current settles between 100°C to 110°C.
Usually the charge current should not drop below IMIN
because of the thermal foldback. For some extreme cases if
that does happen, the charger does not indicate end-of-
charge unless the battery voltage is already above the
recharge threshold.
2.8V Bias Voltage
The ISL6292C provides a 2.8V voltage for biasing the
internal control and logic circuit. This voltage is also
available for external circuits such as the NTC thermistor
circuit. The maximum allowed external load is 2mA.
Indications
The ISL6292C has three indications: the input presence, the
charge status, and the fault indication. The input presence is
indicated by the V2P8 pin while the other two indications are
presented by the STATUS pin and FAULT pin respectively.
Figure 8 shows the V2P8 pin voltage vs. the input voltage.
Table 2 summarizes the other two pins.
Shutdown
The ISL6292C can be shutdown by pulling the EN pin to
ground. When shut down, the charger draws typically less
than 30
µA current from the input power and the 2.8V output
at the V2P8 pin is also turned off. The EN pin needs be
driven with an open-drain or open-collector logic output, so
that the EN pin is floating when the charger is enabled. If the
EN pin is driven by an external source, the POR threshold
voltage will be affected.
Input and Output Capacitor Selection
Typically any type of capacitors can be used for the input
and the output. Use of a 0.47
µF or higher value ceramic
capacitor for the input is recommended. When the battery is
attached to the charger, the output capacitor can be any
ceramic type with the value higher than 0.1
µF. However, if
there is a chance the charger will be used as an LDO linear
regulator, a 10
µF tantalum capacitor is recommended.
IMIN
1
10
------ IREF
=
FIGURE 7. CURRENT SIGNALS AT THE AMPLIFIER CA INPUT.
TEMPERATURE
100OC
I
R
I
T
I
SEN
TABLE 2. STATUS INDICATIONS
FAULT STATUS
INDICATION
High
High
Charge completed with no fault (Inhibit) or
Standby
High
Low
Charging in one of the three modes
Low
High
Fault
NOTE: Both outputs are pulled up with external resistors.
FIGURE 8. THE V2P8 PIN OUTPUT vs THE INPUT VOLTAGE
AT THE VIN PIN. VERTICAL: 1V/DIV,
HORIZONTAL: 100ms/DIV
3.4V
2.4V
2.8V
V
IN
V2P8
ISL6292C


Similar Part No. - ISL6292C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6292C RENESAS-ISL6292C Datasheet
680Kb / 11P
   Li-ion/Li Polymer Battery Charger
ISL6292CCR3Z RENESAS-ISL6292CCR3Z Datasheet
680Kb / 11P
   Li-ion/Li Polymer Battery Charger
ISL6292CCR3Z-T RENESAS-ISL6292CCR3Z-T Datasheet
680Kb / 11P
   Li-ion/Li Polymer Battery Charger
More results

Similar Description - ISL6292C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
uPI Group Inc.
UP8001A UPI-UP8001A Datasheet
443Kb / 16P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL78692 RENESAS-ISL78692 Datasheet
990Kb / 18P
   Li-ion/Li-Polymer Battery Charger
logo
Intersil Corporation
ISL6298CR4Z INTERSIL-ISL6298CR4Z Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
March 9, 2006
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com