Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33079P Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC33079P
Description  DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33079P Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC33079P Datasheet HTML 4Page - ON Semiconductor MC33079P Datasheet HTML 5Page - ON Semiconductor MC33079P Datasheet HTML 6Page - ON Semiconductor MC33079P Datasheet HTML 7Page - ON Semiconductor MC33079P Datasheet HTML 8Page - ON Semiconductor MC33079P Datasheet HTML 9Page - ON Semiconductor MC33079P Datasheet HTML 10Page - ON Semiconductor MC33079P Datasheet HTML 11Page - ON Semiconductor MC33079P Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MC33078 MC33079
8
MOTOROLA ANALOG IC DEVICE DATA
+
Phase
Gain
R1
R2
VO
VCC = +15 V
VEE = –15 V
RT = R1 +R2
AV = +100
VO = 0 V
TA = 25°C
Figure 29. Phase Margin and Gain Margin versus
Differential Source Resistance
Figure 30. Inverting Amplifier Slew Rate
Figure 31. Noninverting Amplifier Slew Rate
Figure 32. Noninverting Amplifier Overshoot
Figure 33. Low Frequency Noise Voltage
versus Time
RT, DIFFERENTIAL SOURCE RESISTANCE (Ω)
10
100
1.0 k
10 k
100 k
VCC = +15 V
VEE = –15 V
AV = –1.0
RL = 2.0 kΩ
CL = 100 pF
TA = 25°C
t, TIME (2.0
µs/DIV)
VCC = +15 V
VEE = –15 V
AV = +1.0
RL = 2.0 kΩ
CL = 100 pF
TA = 25°C
t, TIME (2.0
µs/DIV)
VCC = +15 V
VEE = –15 V
RL = 2.0 kΩ
CL = 100 pF
AV = +1.0
TA = 25°C
t, TIME (200
µs/DIV)
t, TIME (1.0 sec/DIV)
14
12
10
8.0
6.0
4.0
2.0
0
70
60
50
40
30
20
10
0
VCC = +15 V
VEE = –15 V
BW = 0.1 Hz to 10 Hz
TA = 25°C


Similar Part No. - MC33079P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33079P ONSEMI-MC33079P Datasheet
277Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
MC33079P ONSEMI-MC33079P Datasheet
421Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
November, 2011 ??Rev. 9
MC33079PG ONSEMI-MC33079PG Datasheet
277Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
MC33079PG ONSEMI-MC33079PG Datasheet
421Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
November, 2011 ??Rev. 9
More results

Similar Description - MC33079P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33078 ONSEMI-MC33078_06 Datasheet
277Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
MC33078 ONSEMI-MC33078_11 Datasheet
421Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
November, 2011 ??Rev. 9
logo
Linear Technology
OP-270 LINER-OP-270 Datasheet
266Kb / 4P
   Dual/Quad Low Noise, Precision Operational Amplifiers???
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079_05 Datasheet
239Kb / 12P
   LOW NOISE QUAD OPERATIONAL AMPLIFIERS
MC33079 STMICROELECTRONICS-MC33079 Datasheet
95Kb / 9P
   LOW NOISE QUAD OPERATIONAL AMPLIFIERS
November 1997
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102_04 Datasheet
523Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
Renesas Technology Corp
HA-5102 RENESAS-HA-5102 Datasheet
887Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
STMicroelectronics
TS524 STMICROELECTRONICS-TS524 Datasheet
128Kb / 5P
   PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
TS524 STMICROELECTRONICS-TS524_01 Datasheet
309Kb / 8P
   PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
MC33078 STMICROELECTRONICS-MC33078 Datasheet
99Kb / 9P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
November 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com