Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33157 Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC33157
Description  Half Bridge Controller and Driver for Industrial Linear Tubes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33157 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC33157 Datasheet HTML 4Page - ON Semiconductor MC33157 Datasheet HTML 5Page - ON Semiconductor MC33157 Datasheet HTML 6Page - ON Semiconductor MC33157 Datasheet HTML 7Page - ON Semiconductor MC33157 Datasheet HTML 8Page - ON Semiconductor MC33157 Datasheet HTML 9Page - ON Semiconductor MC33157 Datasheet HTML 10Page - ON Semiconductor MC33157 Datasheet HTML 11Page - ON Semiconductor MC33157 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MC33157
http://onsemi.com
8
DD
V
VON
U
VLO
U
ref
V
CPH
V
9.2 V typ
3.8 V typ
(PREHEAT)
STRIKE
Frequency
SWEEP
DETECTION
RESET
Output
OFF STATE
1
0
Rise time
w
t
1 s
w m
tph
STRIKE
lms
7.0 V typ
VLO
U
RESET
F1
F2
F3
F1
F2
F3
time
OFF STATE
f1 = fPH, preheating frequency adjusted by RPH and RENDSWEEP
f2 = fENDSWEEP, end of sweep frequency, adjusted by RENDSWEEP (pin 2). In any case f1 w f2
f3 = fOP, operating frequency controlled by the ICO current (pin 7) and capacitor COP
tPH = (CPH * 2/3 * Vref) / ( * ItPH)
“OFF” state: High side switch OFF, Low side switch ON
Figure 9. TIMING DIAGRAM (Normal startup sequence and UVLO reset)
Frequency
status
ref
+V
CSWP
V
STRIKE
DETECTION
RESET
FSweep
1
0
F3
time
OFF STATE
Previous On state
When RESET pin is released to a logic one, the system jumps to the preheat frequency as defined by RPH,
then executes a frequency sweep down to fENDSWEEP, as defined by RENDSWEEP, and waits until a strike
detection signal is applied to pin 9. There is no preheating timing performed after a reset coming from pin 10.
RESET logic level is CMOS compatible.
Note: Strike detection lever can be either digital – CMOS or analog as depicted here above, as long as the
signal fulfills the SDHIGH and SDLOW values and timing.
OFF STATE: both output MOSFET are biased in the off condition.
10 s
w m
F3
V
repeats indefinitely
No further logic action activated
CSWP
SD
SD
Figure 10. TIMING DIAGRAM (External reset)
LOW
HIGH
Output Frequency
status


Similar Part No. - MC33157

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33151 ONSEMI-MC33151 Datasheet
284Kb / 12P
   High Speed Dual MOSFET Drivers
April, 2000 ??Rev. 1
MC33151 ONSEMI-MC33151 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC33151 ONSEMI-MC33151 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
MC33151 ONSEMI-MC33151 Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
MC33151D ONSEMI-MC33151D Datasheet
284Kb / 12P
   High Speed Dual MOSFET Drivers
April, 2000 ??Rev. 1
More results

Similar Description - MC33157

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3101 IRF-IR3101 Datasheet
268Kb / 10P
   Half-Bridge FredFet and Integrated Driver
logo
STMicroelectronics
L6591 STMICROELECTRONICS-L6591 Datasheet
580Kb / 32P
   PWM controller for ZVS half-bridge
logo
International Rectifier
IR3103 IRF-IR3103 Datasheet
198Kb / 11P
   Half-Bridge FredFET and Integrated Driver
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com