Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33102P Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC33102P
Description  DUAL SLEEP-MODE OPERATIONAL AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33102P Datasheet(HTML) 4 Page - ON Semiconductor

  MC33102P Datasheet HTML 1Page - ON Semiconductor MC33102P Datasheet HTML 2Page - ON Semiconductor MC33102P Datasheet HTML 3Page - ON Semiconductor MC33102P Datasheet HTML 4Page - ON Semiconductor MC33102P Datasheet HTML 5Page - ON Semiconductor MC33102P Datasheet HTML 6Page - ON Semiconductor MC33102P Datasheet HTML 7Page - ON Semiconductor MC33102P Datasheet HTML 8Page - ON Semiconductor MC33102P Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MC33102
4
MOTOROLA ANALOG IC DEVICE DATA
AC ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = –15 V, TA = 25°C, unless otherwise noted.)
Characteristics
Figure
Symbol
Min
Typ
Max
Unit
Slew Rate (Vin = –5.0 V to +5.0 V, CL = 50 pF, AV = 1.0)
Sleepmode (RL = 1.0 MΩ)
Awakemode (RL = 600 Ω)
18
SR
0.10
1.0
0.16
1.7
V/
µs
Gain Bandwidth Product
Sleepmode (f = 10 kHz)
Awakemode (f = 20 kHz)
19
GBW
0.25
3.5
0.33
4.6
MHz
Sleepmode to Awakemode Transition Time
(ACL = 0.1, Vin = 0 V to +5.0 V)
RL = 600 Ω
RL = 10 kΩ
20, 21
ttr1
4.0
15
µs
Awakemode to Sleepmode Transition Time
22
ttr2
1.5
sec
Unity Gain Frequency (Open Loop)
Sleepmode (RL = 100 kΩ, CL = 0 pF)
Awakemode (RL = 600 Ω, CL = 0 pF)
fU
200
2500
kHz
Gain Margin
Sleepmode (RL = 100 kΩ, CL = 0 pF)
Awakemode (RL = 600 Ω, CL = 0 pF)
23, 25
AM
13
12
dB
Phase Margin
Sleepmode (RL = 100 kΩ, CL = 0 pF)
Awakemode (RL = 600 Ω, CL = 0 pF)
24, 26
∅M
60
60
Degrees
Channel Separation (f = 100 Hz to 20 kHz)
Sleepmode and Awakemode
29
CS
120
dB
Power Bandwidth (Awakemode)
(VO = 10 Vpp, RL = 100 kΩ, THD ≤ 1%)
BWP
20
kHz
Total Harmonic Distortion (VO = 2.0 Vpp, AV = 1.0)
Awakemode (RL = 600 Ω)
f = 1.0 kHz
f = 10 kHz
f = 20 kHz
30
THD
0.005
0.016
0.031
%
DC Output Impedance (VO = 0 V, AV = 10, IQ = 10 µA)
Sleepmode
Awakemode
31
RO
1.0 k
96
Differential Input Resistance (VCM = 0 V)
Sleepmode
Awakemode
Rin
1.3
0.17
M
Differential Input Capacitance (VCM = 0 V)
Sleepmode
Awakemode
Cin
0.4
4.0
pF
Equivalent Input Noise Voltage (f = 1.0 kHz, RS = 100 Ω)
Sleepmode
Awakemode
32
en
28
9.0
nV/ Hz
Equivalent Input Noise Current (f = 1.0 kHz)
Sleepmode
Awakemode
33
in
0.01
0.05
pA/ Hz


Similar Part No. - MC33102P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC3310 ETC-MC3310 Datasheet
1Mb / 83P
   Motion Processor
More results

Similar Description - MC33102P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33304 ONSEMI-MC33304 Datasheet
260Kb / 12P
   RAIL-TO-RAIL SLEEP-MODE OPERATIONAL AMPLIFIER
1996 REV 0
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com