Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPM6210ACA-T Datasheet(PDF) 3 Page - Intersil Corporation

Part # IPM6210ACA-T
Description  Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IPM6210ACA-T Datasheet(HTML) 3 Page - Intersil Corporation

  IPM6210ACA-T Datasheet HTML 1Page - Intersil Corporation IPM6210ACA-T Datasheet HTML 2Page - Intersil Corporation IPM6210ACA-T Datasheet HTML 3Page - Intersil Corporation IPM6210ACA-T Datasheet HTML 4Page - Intersil Corporation IPM6210ACA-T Datasheet HTML 5Page - Intersil Corporation IPM6210ACA-T Datasheet HTML 6Page - Intersil Corporation IPM6210ACA-T Datasheet HTML 7Page - Intersil Corporation IPM6210ACA-T Datasheet HTML 8Page - Intersil Corporation IPM6210ACA-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VCC .. ... .. .. .. .. .. .. .. .. .. ... .. .. ..+6.5V
Input Voltage, VIN . . . . . ... .. .. .. .. .. .. .. .. .. ... .. .. .+27.0V
V3in . . . . . . . . . . . . . . . ... .. .. .. .. .. .. .. .. .. ... .. .. .. +6.5V
PHASE1,2 .. .. .. .. .. ... .. .. .. .. .. .. .. .. .. ... .. .. .+33.0V
BOOT1,2 . .. .. .. .. .. ... .. .. .. .. .. .. .. .. .. ... .. .. . +33.0V
BOOT1,2 with respect to PHASE1,2 . .. .. .. .. .. .. . . . . . . . . +6.5V
PGOOD, RT/FAULT, and GATE Voltage . . . .GND - 0.3V to VCC +0.3V
Core Output or I/O Voltage .. .. .. .. .. .. .. . GND - 0.3Vto +6.5V
ESD Classification .. .. ... .. .. .. .. .. .. .. .. .. ... .. .. . Class 2
Recommended Operating Conditions
Supply Voltage, VCC .. ... .. .. .. .. .. .. .. .. .. ... . +5.0V ±5%
Input Voltage, VIN . . . . . ... .. .. .. .. .. .. .. .. .. . +7.5V to 24.0V
V3in . . . . . . . . . . . . . . . ... .. .. .. .. .. .. .. .. .. ... +3.3V
±10%
Ambient Temperature Range . .. .. .. .. .. .. .. .. .. -10oCto 85oC
Junction Temperature Range.. .. .. .. .. .. .. .. .. -10oCto 125oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W)
SSOP Package . .. .. ... .. .. .. .. .. .. .. .. .. ..
77
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range .. .. .. .. .. -65oCto 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SSOP - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationof the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted. Refer to Figures 1, 2 and 3
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY
Nominal Supply Current
ICC
GATE1, GATE2 Open
-
2
2.5
mA
Shutdown Supply Current
ICCS
-30
-
µA
Battery Pin Supply Current
IVIN
30
-
200
µA
Battery Pin Leakage Current at Shutdown
IVINSD
--
1
µA
POWER-ON RESET
Rising VCC Threshold
4.3
4.5
4.6
V
Falling VCC Threshold
3.9
4.1
4.3
V
OSCILLATOR
Free Running Frequency
255
300
345
kHz
Ramp Amplitude, peak-to-peak
VBAT =16V
-
2
-
V
Ramp Offset
-0.5
-
V
REFERENCE, DAC AND SOFT START
VID0-VID4 Input Low Voltage
--
1.2
V
VID0-VID4 Input High Voltage
1.8
-
-
V
VID0-VID4 Pull-up Current to VCC
-1
-
µA
DAC Voltage Accuracy
-1.0
-
+1.0
%
Soft-Start Current During Start-Up
ISS
VSS = 0V...0.9V
18
25
32
µA
Soft-Start Current During Mode Change
ISSM
VSS = 0.925V...2.0V
350
500
650
µA
ENABLE
Enable Voltage Low
VENLOW
IC Inhibited
-
-
1.2
V
Enable Voltage High
VENHIGH
IC Enabled
Input has Internal Pull-up Current Source 2
µA
(Typ)
2.0
-
-
V
PWM 1 CONVERTER
Output Voltage
VOUT1
Defined by the current VID code (Table 1)
0.925
-
2.0
V
Static Load Regulation
100mA < IVOUT1 < 15.0A
-2.0
-
+2.0
%
IPM6210A


Similar Part No. - IPM6210ACA-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IPM6210ACA-T RENESAS-IPM6210ACA-T Datasheet
860Kb / 15P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
Aug 2001
More results

Similar Description - IPM6210ACA-T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5231 FAIRCHILD-FAN5231 Datasheet
360Kb / 17P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
logo
Renesas Technology Corp
IPM6210A RENESAS-IPM6210A Datasheet
860Kb / 15P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
Aug 2001
ISL95822 RENESAS-ISL95822 Datasheet
185Kb / 2P
   Dual-Phase PWM Regulator for VR12.5 and VR12.6 CPUs
logo
National Semiconductor ...
LM2633 NSC-LM2633 Datasheet
1Mb / 40P
   Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
logo
Texas Instruments
LM2633 TI1-LM2633 Datasheet
1Mb / 47P
[Old version datasheet]   Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
ISL6528 INTERSIL-ISL6528 Datasheet
390Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6528 RENESAS-ISL6528 Datasheet
742Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Texas Instruments
LM2633 TI-LM2633_15 Datasheet
1Mb / 51P
[Old version datasheet]   LM2633 Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
logo
Maxim Integrated Produc...
MAX1816 MAXIM-MAX1816 Datasheet
983Kb / 49P
   Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
19-2569; Rev 0; 10/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com