Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29C51004T90P Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # S29C51004T90P
Description  4 MEGABIT (524,288 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

S29C51004T90P Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  S29C51004T90P Datasheet HTML 1Page - List of Unclassifed Manufacturers S29C51004T90P Datasheet HTML 2Page - List of Unclassifed Manufacturers S29C51004T90P Datasheet HTML 3Page - List of Unclassifed Manufacturers S29C51004T90P Datasheet HTML 4Page - List of Unclassifed Manufacturers S29C51004T90P Datasheet HTML 5Page - List of Unclassifed Manufacturers S29C51004T90P Datasheet HTML 6Page - List of Unclassifed Manufacturers S29C51004T90P Datasheet HTML 7Page - List of Unclassifed Manufacturers S29C51004T90P Datasheet HTML 8Page - List of Unclassifed Manufacturers S29C51004T90P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
S29C51004T/S29C51004B
V1.0 May 2002
AC Electrical Characteristics
Read Cycle
Program (Erase/Program) Cycle
Parameter
Name
Parameter
-70
-90
-12
Unit
Min.
Max.
Min.
Max.
Min.
Max.
tRC
Read Cycle Time
70
90
120
ns
tAA
Address Access Time
70
90
120
ns
tACS
Chip Enable Access Time
70
90
120
ns
tOE
Output Enable Access Time
35
45
60
ns
tCLZ
CE Low to Output Active
0
0
0
ns
tOLZ
OE Low to Output Active
0
0
0
ns
tDF
OE or CE High to Output in High Z
0
30
0
40
0
50
ns
tOH
Output Hold from Address Change
0
0
0
ns
Parameter
Name
Parameter
-70
-90
-12
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
tWC
Write Cycle Time
70
90
120
ns
tAS
Address Setup Time
0
0
0
ns
tAH
Address Hold Time
45
45
50
ns
tCS
CE Setup Time
0
0
0
ns
tCH
CE Hold Time
0
0
0
ns
tOES
OE Setup Time
0
0
0
ns
tOEH
OE High Hold Time
0
0
0
ns
tWP
WE Pulse Width
35
45
50
ns
tWPH
WE Pulse Width High
20
30
35
ns
tDS
Data Setup Time
30
30
30
ns
tDH
Data Hold Time
0
0
0
ns
tWHWH1
Programming Cycle
35
35
35
µ s
tWHWH2
Sector Erase Cycle
10
10
10
ms
tWHWH3
Chip Erase Cycle
3.0
3.0
3.0
sec
SyncMOS Technologies Inc.
S29C51004T/S29C51004B
4 MEGABIT (524,288 x 8 BIT)
5 VOLT CMOS FLASH MEMORY


Similar Part No. - S29C51004T90P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S29C51001 ETC1-S29C51001 Datasheet
7Mb / 16P
   1 MEGABIT (131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
S29C51001B ETC1-S29C51001B Datasheet
7Mb / 16P
   1 MEGABIT (131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
S29C51001T ETC1-S29C51001T Datasheet
7Mb / 16P
   1 MEGABIT (131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
More results

Similar Description - S29C51004T90P

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29C51004T MOSEL-V29C51004T Datasheet
67Kb / 15P
   4 MEGABIT 524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C31004T MOSEL-V29C31004T Datasheet
68Kb / 15P
   4 MEGABIT 524,288 x 8 BIT 3.3 VOLT CMOS FLASH MEMORY
V29C51400T MOSEL-V29C51400T Datasheet
69Kb / 16P
   4 MEGABIT 262,144 x 16 BIT/524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
Advanced Micro Devices
AM29F040 AMD-AM29F040 Datasheet
446Kb / 33P
   4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
logo
Mosel Vitelic, Corp
V29LC51001 MOSEL-V29LC51001 Datasheet
52Kb / 12P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51002T MOSEL-V29C51002T Datasheet
74Kb / 16P
   2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29LC51002 MOSEL-V29LC51002 Datasheet
52Kb / 12P
   2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51001T MOSEL-V29C51001T Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
Advanced Micro Devices
AM29LV800T AMD-AM29LV800T Datasheet
207Kb / 48P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
logo
List of Unclassifed Man...
S29C51001T ETC1-S29C51001T Datasheet
7Mb / 16P
   1 MEGABIT (131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com