Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PKF5510SI Datasheet(PDF) 4 Page - Ericsson

Part # PKF5510SI
Description  5-6 W DC/DC Power Modules Wide Input Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKF5510SI Datasheet(HTML) 4 Page - Ericsson

  PKF5510SI Datasheet HTML 1Page - Ericsson PKF5510SI Datasheet HTML 2Page - Ericsson PKF5510SI Datasheet HTML 3Page - Ericsson PKF5510SI Datasheet HTML 4Page - Ericsson PKF5510SI Datasheet HTML 5Page - Ericsson PKF5510SI Datasheet HTML 6Page - Ericsson PKF5510SI Datasheet HTML 7Page - Ericsson PKF5510SI Datasheet HTML 8Page - Ericsson PKF5510SI Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
EN/LZT 146 32 R1A (Replaces EN/LZT 137 27 R3) © Ericsson Microelectronics, June 2000
Thermal Data
Over-temperature protection
The PKF 5000 series will automatically shut down when the internal
junction temperature of the control IC in the converter reaches typ.
150 °C.
It will automatically re-start when the junction temperature cools
below typ. 140 °C.
Palladium plating is used on the terminal pins. A pin temperature (Tp)
in excess of the solder fusing temperature (+183°C for Sn/Pb 63/37)
for more than 25 seconds and a peak temperature above 195°C, is
required to guarantee a reliable solder joint.
Both pin 1 and pin 9 must be monitored.
No responsibility is assumed if these recommendations are not
strictly followed.
Reflow Soldering Information
The PKF series of DC/DC power modules are manufactured in surface
mount technology. Extra precautions must therefore be taken when
reflow soldering the surface mount version. Neglecting the soldering
information given below may result in permanent damage or signifi-
cant degradation of power module performance.
The PKF series can be reflow soldered using IR, Natural Convection,
Forced Convection or Combined IR/Convection Technologies. The high
thermal mass of the component and its effect on
DT (°C) requires that
particular attention be paid to other temperature sensitive components.
IR Reflow technology may require the overall profile time to be ex-
tended to approximately 8–10 minutes to ensure an acceptable
DT.
Higher activity flux may be more suitable to overcome the increase in
oxidation and to avoid flux burn-up.
The general profile parameters detailed in the diagram, with this ex-
tended time to reach peak temperatures, would then be suitable.
Note! These are maximum parameters. Depending on process varia-
tions, an appropriate margin must be added.
Two-parameter model
This model provides a more precise description of the thermal charac-
teristics to be used for thermal calculations.
Thermally the power module can be considered as a component and
the case temperature can be used to characterize the properties. The
thermal data for a power module with the substrate in contact with
the case can be described with two thermal resistances. One from the
case to ambient air and one from case to PB (Printed Board).
The thermal characteristics can be calculated from the following
formula:
TPB = (TC–TA)×(Rth C–PB+Rth C–A)/Rth C–A–Pd×Rth C–PB+TA
Where:
Pd:
dissipated power, calculated as PO ×(l/
h–1)
TC:
max average case temperature
TA:
ambient air temperature at the lower side of the power
module
TPB:
temperature in the PB between the PKF connection pins
Rth C-PB: thermal resistance from case to PB under the power
module
Rth C-A:
thermal resistance from case to ambient air
v:
velocity of ambient air.
Rth C-PB is constant and Rth C-A is dependent on the air velocity.
Free convection is equal to an air velocity of approx. 0.2 – 0.3 m/s.
See figure below.


Similar Part No. - PKF5510SI

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
PKF36000S60JK SCHNEIDER-PKF36000S60JK Datasheet
65Kb / 2P
   Automatic Molded Case Switch 600V 600A, Kirk Keylock
PKF36025CU31A SCHNEIDER-PKF36025CU31A Datasheet
135Kb / 2P
   Molded Case Circuit Breaker 600V 250A
PKF36025CU33A SCHNEIDER-PKF36025CU33A Datasheet
152Kb / 2P
   Molded Case Circuit Breaker 600V 250A
PKF36025CU41A SCHNEIDER-PKF36025CU41A Datasheet
147Kb / 2P
   Molded Case Circuit Breaker 600V 250A
PKF36025CU43A SCHNEIDER-PKF36025CU43A Datasheet
141Kb / 2P
   Molded Case Circuit Breaker 600V 250A
More results

Similar Description - PKF5510SI

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PDCS06131 PMI-PDCS06131 Datasheet
30Kb / 2P
   5-6 WATT 2:1 WIDE INPUT DC/DC POWER MODULES (SQUARE PACKAGE)
PDCS06161 PMI-PDCS06161 Datasheet
27Kb / 2P
   5-6 WATT 2:1 WIDE INPUT DC/DC POWER MODULES (SQUARE PACKAGE)
PDCS06001 PMI-PDCS06001 Datasheet
31Kb / 2P
   5-6 WATT 2:1 WIDE INPUT RANGE DC/DC POWER MODULES (Rectangle Package)
PDCS06061Q PMI-PDCS06061Q Datasheet
28Kb / 2P
   5-6 WATT 4:1 WIDE INPUT RANGE DC/DC POWER MODULES (Rectangle Package)
logo
CINCON ELECTRONICS Corp...
EC4SAW CINCON-EC4SAW Datasheet
284Kb / 2P
   5-6 WATT WIDE INPUT DC-DC CONVERTERS
logo
Power Systems GmbH+Co.K...
LWS-0505E POWER-SYSTEMS-LWS-0505E Datasheet
222Kb / 6P
   DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
logo
Premier Magnetics, Inc.
PDCS06081 PMI-PDCS06081 Datasheet
33Kb / 3P
   5-6 WATT FIXED INPUT DC/DC POWER MODULES (Square Package)
logo
Ericsson
PKF4000 ERICSSON-PKF4000 Datasheet
1Mb / 24P
   3-7 W DC/DC Power Modules 48 V Input Series
PKG2000 ERICSSON-PKG2000 Datasheet
1Mb / 16P
   46-60 W DC/DC Power Modules 24 V Input Series
PKA2000 ERICSSON-PKA2000 Datasheet
864Kb / 20P
   25-40 W DC/DC Power Modules 24 V Input Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com