Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC852TVR80 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC852TVR80
Description  Hardware Specifications
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852TVR80 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC852TVR80 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC852TVR80 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC852TVR80 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC852TVR80 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC852TVR80 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC852TVR80 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC852TVR80 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC852TVR80 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC852TVR80 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
MPC852T Hardware Specifications, Rev. 3.1
Freescale Semiconductor
3
Features
System integration unit (SIU)
— Bus monitor
— Software watchdog
— Periodic interrupt timer (PIT)
— Clock synthesizer
— Decrementer and time base
— Reset controller
— IEEE 1149.1 test access port (JTAG)
Interrupts
— Seven external interrupt request (IRQ) lines
— Seven port pins with interrupt capability
— Eighteen internal interrupt sources
— Programmable priority between SCCs
— Programmable highest-priority request
Communications processor module (CPM)
— RISC controller
— Communication-specific commands (for example, GRACEFUL STOP TRANSMIT, ENTER HUNT MODE, and
RESTART TRANSMIT
)
— Supports continuous mode transmission and reception on all serial channels
— 8-Kbytes of dual-port RAM
— 8 serial DMA (SDMA) channels
— Three parallel I/O registers with open-drain capability
Two baud rate generators
— Independent (can be connected toany SCC3/4 or SMC1)
— Allows changes during operation
— Autobaud support option
Two SCCs (serial communication controllers)
— Ethernet/IEEE 802.3 optional on SCC3 & SCC4, supporting full 10-Mbps operation
— HDLC/SDLC
— HDLC bus (implements an HDLC-based local area network (LAN))
— Universal asynchronous receiver transmitter (UART)
— Totally transparent (bit streams)
— Totally transparent (frame-based with optional cyclic redundancy check (CRC))
One SMC (serial management channels)
— UART
One SPI (serial peripheral interface)
— Supports master and slave modes
— Supports multimaster operation on the same bus
PCMCIA interface
— Master (socket) interface, release 2.1 compliant


Similar Part No. - MPC852TVR80

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC852TVR100A FREESCALE-MPC852TVR100A Datasheet
1,003Kb / 80P
   Hardware Specifications
More results

Similar Description - MPC852TVR80

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC859T FREESCALE-MPC859T Datasheet
1Mb / 92P
   Hardware Specifications
MPC885 FREESCALE-MPC885 Datasheet
1Mb / 92P
   Hardware Specifications
MPC5200 FREESCALE-MPC5200 Datasheet
6Mb / 80P
   Hardware Specifications
KMPC8250ACZUMHBC FREESCALE-KMPC8250ACZUMHBC Datasheet
951Kb / 62P
   Hardware Specifications
MPC8250 FREESCALE-MPC8250_05 Datasheet
1Mb / 60P
   Hardware Specifications
MPC860 FREESCALE-MPC860 Datasheet
1Mb / 80P
   Hardware Specifications
MPC875 FREESCALE-MPC875 Datasheet
1Mb / 84P
   Hardware Specifications
MPC866 FREESCALE-MPC866 Datasheet
1Mb / 96P
   Hardware Specifications
logo
Motorola, Inc
MPC857T MOTOROLA-MPC857T Datasheet
1Mb / 88P
   Hardware Specifications
logo
Freescale Semiconductor...
MPC880 FREESCALE-MPC880 Datasheet
1Mb / 92P
   Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com