Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC852TVR66 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC852TVR66
Description  Hardware Specifications
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852TVR66 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC852TVR66 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC852TVR66 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC852TVR66 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC852TVR66 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC852TVR66 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC852TVR66 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC852TVR66 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC852TVR66 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC852TVR66 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
MPC852T Hardware Specifications, Rev. 3.1
Freescale Semiconductor
11
Mandatory Reset Configurations
One consequence of multiple power supplies is that when power is initially applied, the voltage rails ramp up at
different rates. The rates depend on the nature of the power supply, the type of load on each power supply, and the
manner in which different voltages are derived. The following restrictions apply:
VDDL must not exceed VDDH during power-on reset or power down.
VDDL must not exceed 1.9 V, and VDDH must not exceed 3.465.
These cautions are necessary for the long-term reliability of the part. If they are violated, the electrostatic discharge
(ESD) protection diodes are forward-biased, and excessive current can flow through these diodes. If the system
power supply design does not control the voltage sequencing, the circuit shown in Figure2 can be added to meet
these requirements. The MUR420 Schottky diodes control the maximum potential difference between the external
bus and core power supplies on power-on reset, and the 1N5820 diodes regulate the maximum potential difference
on power-down.
Figure 2. Example Voltage Sequencing Circuit
10 Mandatory Reset Configurations
The MPC852T requires a mandatory configuration during reset.
If hardware reset configuration word (HRCW) is enabled, by asserting the RSTCONF during HRESET assertion,
the HRCW[DBGC] value that is needed to be set to binary X1 in the hardware reset configuration word (HRCW)
and the SIUMCR[DBGC] should be programmed with the same value in the boot code after reset.
If hardware reset configuration word (HRCW) is disabled, by negating the RSTCONF during the HRESET
assertion, the SIUMCR[DBGC] should be programmed with binary X1 in the boot code after reset.
VDDH
VDDL
1N5820
MUR420


Similar Part No. - MPC852TVR66

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC852TVR100A FREESCALE-MPC852TVR100A Datasheet
1,003Kb / 80P
   Hardware Specifications
More results

Similar Description - MPC852TVR66

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC859T FREESCALE-MPC859T Datasheet
1Mb / 92P
   Hardware Specifications
MPC885 FREESCALE-MPC885 Datasheet
1Mb / 92P
   Hardware Specifications
MPC5200 FREESCALE-MPC5200 Datasheet
6Mb / 80P
   Hardware Specifications
KMPC8250ACZUMHBC FREESCALE-KMPC8250ACZUMHBC Datasheet
951Kb / 62P
   Hardware Specifications
MPC8250 FREESCALE-MPC8250_05 Datasheet
1Mb / 60P
   Hardware Specifications
MPC860 FREESCALE-MPC860 Datasheet
1Mb / 80P
   Hardware Specifications
MPC875 FREESCALE-MPC875 Datasheet
1Mb / 84P
   Hardware Specifications
MPC866 FREESCALE-MPC866 Datasheet
1Mb / 96P
   Hardware Specifications
logo
Motorola, Inc
MPC857T MOTOROLA-MPC857T Datasheet
1Mb / 88P
   Hardware Specifications
logo
Freescale Semiconductor...
MPC880 FREESCALE-MPC880 Datasheet
1Mb / 92P
   Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com