Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC852TVR66 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC852TVR66
Description  Hardware Specifications
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852TVR66 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC852TVR66 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC852TVR66 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC852TVR66 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC852TVR66 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC852TVR66 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC852TVR66 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC852TVR66 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC852TVR66 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC852TVR66 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
MPC852T Hardware Specifications, Rev. 3.1
Freescale Semiconductor
5
Maximum Tolerated Ratings
3
Maximum Tolerated Ratings
This section provides the maximum tolerated voltage and temperature ranges for the MPC852T. Table1 provides
the maximum ratings and operating temperatures.
This device contains circuitry protecting against damage that high-static voltage or electrical fields cause; however,
Motorola recommends taking normal precautions to avoid application of any voltages higher than maximum-rated
voltages to this high-impedance circuit. Reliability of operation is enhanced if unused inputs are tied to an
appropriate logic voltage level (for example, either GND or VDD). -- VDDH.
4
Thermal Characteristics
Table3 shows the thermal characteristics for the MPC852T.
Table 1. Maximum Tolerated Ratings
Rating
Symbol
Value
Unit
Supply voltage 1
1
The power supply of the device must start its ramp from 0.0 V.
VDDL (core
voltage)
– 0.3 to 3.4
V
VDDH (I/O voltage)
– 0.3 to 4
V
VDDSYN
– 0.3 to 3.4
V
Difference
between VDDL to
VDDSYN
100
mV
Input voltage 2
2
Functional operating conditions are provided with the DC electrical specifications in Table5.
Absolute maximum ratings are stress ratings only; functional operation at the maxima is not
guaranteed. Stresses beyond those listed may affect device reliability or cause permanent
damage to the device.
Caution: All inputs that tolerate 5 V cannot be more than 2.5 V greater than VDDH. This restriction
applies to power-up and normal operation (that is, if the MPC852T is unpowered, a voltage
greater than 2.5 V must not be applied to its inputs).
Vin
GND
– 0.3 to V
DDH
V
Storage temperature range
Tstg
– 55 to +150
°C
Table 2. Operating Temperatures
Rating
Symbol
Value
Unit
Temperature 1 (standard)
1
Minimum temperatures are guaranteed as ambient temperature, TA. Maximum temperatures
are guaranteed as junction temperature, Tj.
TA(min)
0
°C
Tj(max)
95
°C
Temperature (extended)
TA(min)
– 40
°C
Tj(max)
100
°C


Similar Part No. - MPC852TVR66

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC852TVR100A FREESCALE-MPC852TVR100A Datasheet
1,003Kb / 80P
   Hardware Specifications
More results

Similar Description - MPC852TVR66

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC859T FREESCALE-MPC859T Datasheet
1Mb / 92P
   Hardware Specifications
MPC885 FREESCALE-MPC885 Datasheet
1Mb / 92P
   Hardware Specifications
MPC5200 FREESCALE-MPC5200 Datasheet
6Mb / 80P
   Hardware Specifications
KMPC8250ACZUMHBC FREESCALE-KMPC8250ACZUMHBC Datasheet
951Kb / 62P
   Hardware Specifications
MPC8250 FREESCALE-MPC8250_05 Datasheet
1Mb / 60P
   Hardware Specifications
MPC860 FREESCALE-MPC860 Datasheet
1Mb / 80P
   Hardware Specifications
MPC875 FREESCALE-MPC875 Datasheet
1Mb / 84P
   Hardware Specifications
MPC866 FREESCALE-MPC866 Datasheet
1Mb / 96P
   Hardware Specifications
logo
Motorola, Inc
MPC857T MOTOROLA-MPC857T Datasheet
1Mb / 88P
   Hardware Specifications
logo
Freescale Semiconductor...
MPC880 FREESCALE-MPC880 Datasheet
1Mb / 92P
   Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com