Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC1489M Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC1489M
Description  Quad Line Receivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1489M Datasheet(HTML) 1 Page - ON Semiconductor

  MC1489M Datasheet HTML 1Page - ON Semiconductor MC1489M Datasheet HTML 2Page - ON Semiconductor MC1489M Datasheet HTML 3Page - ON Semiconductor MC1489M Datasheet HTML 4Page - ON Semiconductor MC1489M Datasheet HTML 5Page - ON Semiconductor MC1489M Datasheet HTML 6Page - ON Semiconductor MC1489M Datasheet HTML 7Page - ON Semiconductor MC1489M Datasheet HTML 8Page - ON Semiconductor MC1489M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2004
April, 2004 − Rev. 8
1
Publication Order Number:
MC1489/D
MC1489, MC1489A
Quad Line EIA−232D
Receivers
The MC1489 monolithic quad line receivers are designed to
interface data terminal equipment with data communications
equipment in conformance with the specifications of EIA Standard
No. EIA−232D.
Features
Input Resistance − 3.0 k to 7.0 kW
Input Signal Range − ± 30 V
Input Threshold Hysteresis Built In
Response Control
a) Logic Threshold Shifting
b) Input Noise Filtering
Pb−Free Packages are Available
MDTL Logic Output
Interconnecting
Cable
Interconnecting
Cable
MDTL Logic Input
Line Receiver
MC1489
Figure 1. Simplified Application
Line Driver
MC1488
PDIP−14
P SUFFIX
CASE 646
1
14
SOIC−14
D SUFFIX
CASE 751A
1
14
See general marking information in the device marking
section on page 8 of this data sheet.
DEVICE MARKING INFORMATION
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
1
1
14
SOEIAJ−14
M SUFFIX
CASE 965
PIN CONNECTIONS
Input D
13
Response
Control B
Input A
Response
Control A
1
Ground
Input B
2
Output C
Response
Control C
Output D
VCC
14
Response
Control D
Output A
Input C
Output B
8
9
10
11
12
7
5
3
4
6
http://onsemi.com
*For additional information on our Pb−Free strategy
and soldering details, please download the
ON Semiconductor Soldering and Mounting
Techniques Reference Manual, SOLDERRM/D.


Similar Part No. - MC1489M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1489M ONSEMI-MC1489M Datasheet
156Kb / 12P
   Quad Line EIA??32D Receivers
October, 2006 ??Rev. 10
MC1489MEL ONSEMI-MC1489MEL Datasheet
156Kb / 12P
   Quad Line EIA??32D Receivers
October, 2006 ??Rev. 10
MC1489MELG ONSEMI-MC1489MELG Datasheet
156Kb / 12P
   Quad Line EIA??32D Receivers
October, 2006 ??Rev. 10
MC1489MG ONSEMI-MC1489MG Datasheet
156Kb / 12P
   Quad Line EIA??32D Receivers
October, 2006 ??Rev. 10
More results

Similar Description - MC1489M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489_06 Datasheet
242Kb / 17P
   Quad line receivers
MC1489 STMICROELECTRONICS-MC1489 Datasheet
338Kb / 13P
   QUAD LINE RECEIVERS
logo
ARTSCHIP ELECTRONICS CO...
MC1489 ARTSCHIP-MC1489 Datasheet
2Mb / 9P
   QUAD LINE RECEIVERS
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
DS1650 NSC-DS1650 Datasheet
217Kb / 8P
   Quad Differential Line Receivers
logo
Texas Instruments
MC3450 TI1-MC3450_08 Datasheet
152Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
MC3450 TI-MC3450 Datasheet
139Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
logo
National Semiconductor ...
DS26F32M NSC-DS26F32M Datasheet
207Kb / 6P
   Quad Differential Line Receivers
DS26LS32AC NSC-DS26LS32AC Datasheet
201Kb / 8P
   Quad Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com