Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1722A-52PUBG Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1722A-52PUBG
Description  300mA Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1722A-52PUBG Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1722A-52PUBG Datasheet HTML 1Page - Analog Intergrations Corporation AIC1722A-52PUBG Datasheet HTML 2Page - Analog Intergrations Corporation AIC1722A-52PUBG Datasheet HTML 3Page - Analog Intergrations Corporation AIC1722A-52PUBG Datasheet HTML 4Page - Analog Intergrations Corporation AIC1722A-52PUBG Datasheet HTML 5Page - Analog Intergrations Corporation AIC1722A-52PUBG Datasheet HTML 6Page - Analog Intergrations Corporation AIC1722A-52PUBG Datasheet HTML 7Page - Analog Intergrations Corporation AIC1722A-52PUBG Datasheet HTML 8Page - Analog Intergrations Corporation AIC1722A-52PUBG Datasheet HTML 9Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AIC1722A
300mA Low Dropout Linear Regulator
FEATURES
Low Dropout Voltage of 470mV at 300mA Out-
put Current (3.0V Output Version).
Guaranteed 300mA Output Current.
Maximum Input Voltage is 8V
Low Ground Current at 55
µA.
2% Accuracy Output Voltage of 1.8V/ 2.0V
/2.5V /2.7V/ 3.0V/ 3.3V/ 3.5V/ 3.7V/ 3.8V/ 5.0V/
5.2V.
Needs only 1
µF for Stability.
Current and Thermal Limiting.
APPLICATIONS
Voltage Regulator for CD-ROM Drivers.
Voltage Regulator for LAN Cards.
Voltage Regulator for Microprocessor.
Wireless Communication Systems.
Battery Powered Systems.
DESCRIPTION
The AIC1722A is a 3-pin low dropout linear
regulator. The superior characteristics of the
AIC1722A include zero base current loss,
very low dropout voltage, and 2% accuracy
output
voltage.
Typical
ground
current
remains approximately 55
µA, from no load to
maximum loading conditions. Dropout voltage
at 300mA output current is exceptionally low.
Output current limiting and thermal limiting are
built in to provide maximal protection to the
AIC1722A against fault conditions.
The AIC1722A comes in the popular 3-pin
SOT-89, TO-92 and SOT-23 packages.
TYPICAL APPLICATION CIRCUIT
+
+
AIC1722A
1
µF
COUT
VOUT
VOUT
GND
VIN
1
µF
CIN
VIN
Low Dropout Linear Regulator
(CIN and COUT are electrolytic capacitor)
Analog Integrations Corporation
Si-Soft Research Center
DS-1722AP-01 070204
3A1, No.1, Li-Hsin Rd. I , Science Park , Hsinchu 300, Taiwan , R.O.C.
TEL: 886-3-5772500
FAX: 886-3-5772510
www.analog.com.tw
1


Similar Part No. - AIC1722A-52PUBG

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1722A-52XXA AIC-AIC1722A-52XXA Datasheet
250Kb / 13P
   300mA Low Dropout Linear Regulator
More results

Similar Description - AIC1722A-52PUBG

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
logo
Eutech Microelectronics...
EUP7968 EUTECH-EUP7968 Datasheet
212Kb / 9P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com