Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT8985AE1 Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # MT8985AE1
Description  Enhanced Digital Switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT8985AE1 Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button MT8985AE1 Datasheet HTML 6Page - Zarlink Semiconductor Inc MT8985AE1 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT8985AE1 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT8985AE1 Datasheet HTML 9Page - Zarlink Semiconductor Inc MT8985AE1 Datasheet HTML 10Page - Zarlink Semiconductor Inc MT8985AE1 Datasheet HTML 11Page - Zarlink Semiconductor Inc MT8985AE1 Datasheet HTML 12Page - Zarlink Semiconductor Inc MT8985AE1 Datasheet HTML 13Page - Zarlink Semiconductor Inc MT8985AE1 Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
MT8985
Data Sheet
10
Zarlink Semiconductor Inc.
Applications
Typical Exchange, PBX or Multiplexer
Figure 7 shows a typical implementation of line cards being interconnected through a central routing matrix that can
scale up in channel capacity to accommodate different number of ports depending on the application. In a
configuration where the switched services utilize concatenated or grouped time slots to carry voice, data and video
(channels of 128, 256 Kb/s, ISDN H0 and others), the central routing matrix has to guarantee constant throughput
delay to maintain the sequence integrity between input and output channels.
Figure 7 shows an example where
the MT8985 device guarantees data integrity when data flows from the T1/E1 to the S/U interface links and vice-
versa. Modern technologies available today such as Frame Relay network using dedicated fractional T1 are one of
the key applications for the MT8985 device.
Figure 7 - Typical Exchange, PBX or Multiplexer Configuration
S/U
Basic Rate Line Card
MT8930/31
MT8910
MT8972
ST-BUS
To other lines
Layers
2 & 3
Entity
MT8940/
MT8941
ROUTING
MATRIX
MT8985’s
MH89760/
MH89790
MT8920
µC
ST-BUS
ST-BUS
T1/E1
Link
To other lines
Primary Rate Card
C
P
U


Similar Part No. - MT8985AE1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8985AE MITEL-MT8985AE Datasheet
345Kb / 18P
   CMOS ST-BUS??FAMILY Enhanced Digital Switch
More results

Similar Description - MT8985AE1

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50020 ZARLINK-ZL50020 Datasheet
682Kb / 83P
   Enhanced 2 K Digital Switch
ZL50023 ZARLINK-ZL50023 Datasheet
1Mb / 80P
   Enhanced 4 K Digital Switch
ZL50016 ZARLINK-ZL50016 Datasheet
678Kb / 81P
   Enhanced 1 K Digital Switch
ZL50016 ZARLINK-ZL50016_06 Datasheet
673Kb / 81P
   Enhanced 1 K Digital Switch
ZL50023 ZARLINK-ZL50023_06 Datasheet
612Kb / 83P
   Enhanced 4 K Digital Switch
logo
Mitel Networks Corporat...
MT89L85 MITEL-MT89L85 Datasheet
134Kb / 20P
   CMOS ST-BUS??FAMILY Enhanced Digital Switch
MT8985 MITEL-MT8985 Datasheet
345Kb / 18P
   CMOS ST-BUS??FAMILY Enhanced Digital Switch
logo
Zarlink Semiconductor I...
ZL50018 ZARLINK-ZL50018 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50019 ZARLINK-ZL50019_06 Datasheet
920Kb / 121P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50015 ZARLINK-ZL50015 Datasheet
926Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com