Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBF0202PLT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMBF0202PLT1
Description  Power MOSFET 300 mAmps, 20 Volts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBF0202PLT1 Datasheet(HTML) 1 Page - ON Semiconductor

  MMBF0202PLT1 Datasheet HTML 1Page - ON Semiconductor MMBF0202PLT1 Datasheet HTML 2Page - ON Semiconductor MMBF0202PLT1 Datasheet HTML 3Page - ON Semiconductor MMBF0202PLT1 Datasheet HTML 4Page - ON Semiconductor MMBF0202PLT1 Datasheet HTML 5Page - ON Semiconductor MMBF0202PLT1 Datasheet HTML 6Page - ON Semiconductor MMBF0202PLT1 Datasheet HTML 7Page - ON Semiconductor MMBF0202PLT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2000
November, 2000 – Rev. 1
1
Publication Order Number:
MMBF0202PLT1/D
MMBF0202PLT1
Preferred Device
Power MOSFET
300 mAmps, 20 Volts
P–Channel SOT–23
These miniature surface mount MOSFETs low RDS(on) assure
minimal power loss and conserve energy, making these devices ideal
for use in small power management circuitry. Typical applications are
dc–dc converters, power management in portable and
battery–powered products such as computers, printers, PCMCIA
cards, cellular and cordless telephones.
Low RDS(on) Provides Higher Efficiency and Extends Battery Life
Miniature SOT–23 Surface Mount Package Saves Board Space
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
20
Vdc
Gate–to–Source Voltage – Continuous
VGS
± 20
Vdc
Drain Current
– Continuous @ TA = 25°C
– Continuous @ TA = 70°C
– Pulsed Drain Current (tp ≤ 10 µs)
ID
ID
IDM
300
240
750
mAdc
Total Power Dissipation @ TA = 25°C
(Note 1.)
PD
225
mW
Operating and Storage Temperature
Range
TJ, Tstg
– 55 to
150
°C
Thermal Resistance – Junction–to–Ambient
R
θJA
625
°C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8
″ from case for 10
seconds
TL
260
°C
1. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
3
1
2
Device
Package
Shipping
ORDERING INFORMATION
MMBF0202PLT1
SOT–23
3000 Tape & Reel
P–Channel
SOT–23
CASE 318
STYLE 21
http://onsemi.com
W
MARKING
DIAGRAM
P3
W
= Work Week
PIN ASSIGNMENT
3
2
1
Drain
Gate
2
1
3
Source
300 mAMPS
20 VOLTS
RDS(on) = 1.4 W
Preferred devices are recommended choices for future use
and best overall value.


Similar Part No. - MMBF0202PLT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBF0202PLT1 MOTOROLA-MMBF0202PLT1 Datasheet
190Kb / 6P
   P-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
More results

Similar Description - MMBF0202PLT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBF0201NLT1 ONSEMI-MMBF0201NLT1 Datasheet
86Kb / 8P
   Power MOSFET 300 mAmps, 20 Volts
November, 2000 ??Rev. 2
MMBF2201N ONSEMI-MMBF2201N Datasheet
103Kb / 4P
   Power MOSFET 300 mAmps, 20 Volts
August, 2013 ??Rev. 7
MMBF0201NLT1 ONSEMI-MMBF0201NLT1_06 Datasheet
62Kb / 5P
   Power MOSFET 300 mAmps, 20 Volts N?묬hannel SOT??3
January, 2006 ??Rev. 3
MGSF1P02LT1 ONSEMI-MGSF1P02LT1 Datasheet
82Kb / 8P
   Power MOSFET 750 mAmps, 20 Volts
November, 2000 ??Rev. 3
logo
Leshan Radio Company
LMGSF1N02LT1 LRC-LMGSF1N02LT1 Datasheet
131Kb / 4P
   Power MOSFET 750 mAmps, 20 Volts
logo
ON Semiconductor
MGSF1N02LT1 ONSEMI-MGSF1N02LT1 Datasheet
76Kb / 8P
   Power MOSFET 750 mAmps, 20 Volts
November, 2000 ??Rev. 3
logo
Unisonic Technologies
2N7002T UTC-2N7002T Datasheet
148Kb / 3P
   300 mAmps, 60 Volts N-CHANNEL POWER MOSFET
logo
ON Semiconductor
MMBF2201NT1 ONSEMI-MMBF2201NT1_06 Datasheet
57Kb / 4P
   Power MOSFET 300 mAmps, 20 Volts N-Channel SC-70/SOT-323
January, 2006 ??Rev. 4
MMBF2201NT1 ONSEMI-MMBF2201NT1 Datasheet
60Kb / 8P
   Power MOSFET 300 mAmps, 20 Volts N-Channel SC-70/SOT-323
November, 2000 ??Rev. 3
MMBF2202PT1 ONSEMI-MMBF2202PT1 Datasheet
79Kb / 6P
   Power MOSFET 300 mAmps, 20 Volts P-Channel SC-70/SOT-323
November, 2003 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com