Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC1488 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC1488
Description  QUAD MDTL LINE DRIVER EIA-232D
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1488 Datasheet(HTML) 4 Page - ON Semiconductor

  MC1488 Datasheet HTML 1Page - ON Semiconductor MC1488 Datasheet HTML 2Page - ON Semiconductor MC1488 Datasheet HTML 3Page - ON Semiconductor MC1488 Datasheet HTML 4Page - ON Semiconductor MC1488 Datasheet HTML 5Page - ON Semiconductor MC1488 Datasheet HTML 6Page - ON Semiconductor MC1488 Datasheet HTML 7Page - ON Semiconductor MC1488 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC1488
4
MOTOROLA ANALOG IC DEVICE DATA
TYPICAL CHARACTERISTICS
(TA = +25°C, unless otherwise noted.)
2.0
1.8
1.6
1.4
1.2
0.4
0.2
0.6
0.8
1.0
– 9.0
– 3.0
0
3.0
6.0
–12
9.0
12
– 6.0
0
VCC = VEE = ± 12 V
Vin, INPUT VOLTAGE (V)
VCC = VEE = ± 9.0 V
VCC = VEE = ± 6.0 V
Figure 7. Transfer Characteristics
versus Power Supply Voltage
VI
VO
3.0 k
IOS –
12
9.0
6.0
3.0
0
– 3.0
– 6.0
– 9.0
–12
125
IOS +
75
–55
0
25
T, TEMPERATURE (
°C)
Figure 8. Short Circuit Output Current
versus Temperature
VEE = 9.0 V
0.8 V
VI
1.9 V
VCC = 9.0 V
1000
1.0
100
10,000
1,000
CL, CAPACITANCE (pF)
10
10
100
1.0
Figure 9. Output Slew Rate
versus Load Capacitance
VI
VO
CL
12
0
– 4.0
– 8.0
–12
–16
–20
4.0
8.0
16
–16
–12
–8.0
12
–4.0
4.0
16
8.0
20
0
3.0 k
Ω LOAD LINE
VO, OUTPUT VOLTAGE (V)
VO
IOS
1.9 V
VCC = VEE = ± 9.0 V
0.8 V
VI
+
Figure 10. Output Voltage and
Current–Limiting Characteristics
25
4.0
6.0
8.0
10
12
14
–55
125
75
2.0
0
16
T, TEMPERATURE (
°C)
0
VEE
1
3.0 k
3.0 k
3.0 k
3.0 k
14
VCC
8
6
3
11
7
Figure 11. Maximum Operating Temperature
versus Power Supply Voltage


Similar Part No. - MC1488

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC1488 STMICROELECTRONICS-MC1488 Datasheet
323Kb / 12P
   RS232C QUAD LINE DRIVER
logo
Texas Instruments
MC1488 TI-MC1488 Datasheet
133Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
MC1488 TI-MC1488 Datasheet
531Kb / 15P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
logo
Motorola, Inc
MC1488 MOTOROLA-MC1488 Datasheet
323Kb / 12P
   RS-232C QUAD LINE DRIVER
logo
ON Semiconductor
MC1488 ONSEMI-MC1488 Datasheet
179Kb / 11P
   Quad Line EIA??32D Driver
October, 2006 ??Rev. 8
More results

Similar Description - MC1488

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC3488A ONSEMI-MC3488A Datasheet
105Kb / 6P
   DUAL EIA-423/EIA-232D DRIVER
1996 REV 2
MC1488 ONSEMI-MC1488_06 Datasheet
179Kb / 11P
   Quad Line EIA??32D Driver
October, 2006 ??Rev. 8
logo
Motorola, Inc
MC26C31 MOTOROLA-MC26C31 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
MC34C87 MOTOROLA-MC34C87 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
logo
ON Semiconductor
MC74172B ONSEMI-MC74172B Datasheet
193Kb / 14P
   Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
logo
Motorola, Inc
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC3488A ONSEMI-MC3488A_06 Datasheet
79Kb / 6P
   Dual EIA??23/EIA??32D Line Driver
July, 2006 ??Rev. 5
MC75172B ONSEMI-MC75172B Datasheet
180Kb / 12P
   QUAD EIA-485 LINE DRIVERS
1996 REV 1
MC1489 ONSEMI-MC1489_06 Datasheet
156Kb / 12P
   Quad Line EIA??32D Receivers
October, 2006 ??Rev. 10
logo
Motorola, Inc
MC26C32 MOTOROLA-MC26C32 Datasheet
115Kb / 4P
   Quad EIA-422-A Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com