Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9765 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9765
Description  750mW Audio Amplifiers with Headphone Amp, Microphone Preamp, and Input Mux
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9765 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9765 Datasheet HTML 3Page - Maxim Integrated Products MAX9765 Datasheet HTML 4Page - Maxim Integrated Products MAX9765 Datasheet HTML 5Page - Maxim Integrated Products MAX9765 Datasheet HTML 6Page - Maxim Integrated Products MAX9765 Datasheet HTML 7Page - Maxim Integrated Products MAX9765 Datasheet HTML 8Page - Maxim Integrated Products MAX9765 Datasheet HTML 9Page - Maxim Integrated Products MAX9765 Datasheet HTML 10Page - Maxim Integrated Products MAX9765 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
750mW Audio Amplifiers with Headphone Amp,
Microphone Preamp, and Input Mux
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(VDD = PVDD = 5V, BW = 22Hz to 22kHz, TA = +25°C, unless otherwise noted.)
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER (SPEAKER MODE)
OUTPUT POWER (W)
0.6
0.4
0.2
0.01
10
1
0.1
100
0.001
0
0.8
VDD = 5V
RL =4
AV = 4V/V
f = 20Hz
f = 1kHz
f = 10kHz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER (SPEAKER MODE)
OUTPUT POWER (W)
0.75
0.50
0.25
0.01
10
1
0.1
100
0.001
0
1.00
VDD = 3V
RL = 4
AV = 2V/V
f = 20Hz
f = 1kHz
f = 10kHz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER (SPEAKER MODE)
OUTPUT POWER (W)
0.75
0.50
0.25
0.01
10
1
0.1
100
0.001
01.00
VDD = 3V
RL = 4
AV = 4V/V
f = 20Hz
f = 1kHz
f = 10kHz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER (SPEAKER MODE)
OUTPUT POWER (W)
0.6
0.4
0.2
0.01
10
1
0.1
100
0.001
0
0.8
VDD = 5V
RL = 8
AV = 2V/V
f = 20Hz
f = 1kHz
f = 10kHz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER (SPEAKER MODE)
OUTPUT POWER (W)
0.6
0.4
0.2
0.01
10
1
0.1
100
0.001
00.8
VDD = 5V
RL = 8
AV = 4V/V
f = 20Hz
f = 1kHz
f = 10kHz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER (SPEAKER MODE)
OUTPUT POWER (W)
0.5
0.6
0.4
0.3
0.2
0.1
0.01
10
1
0.1
100
0.001
0
0.7
VDD = 3V
RL = 8
AV = 2V/V
f = 20Hz
f = 1kHz
f = 10kHz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER (SPEAKER MODE)
OUTPUT POWER (W)
0.5
0.6
0.4
0.3
0.2
0.1
0.01
10
1
0.1
100
0.001
00.7
VDD = 3V
RL = 8
AV = 4V/V
f = 20Hz
f = 1kHz
f = 10kHz
OUTPUT POWER vs. LOAD RESISTANCE
(SPEAKER MODE)
LOAD RESISTANCE (
Ω)
1k
100
10
200
1000
600
800
400
1200
0
010k
VCC = 5V
THD+N = 10%
THD+N = 1%
OUTPUT POWER vs. LOAD RESISTANCE
(SPEAKER MODE)
LOAD RESISTANCE (
Ω)
1k
100
10
100
200
800
900
500
600
700
300
400
1000
0
010k
VCC = 3V
THD+N = 10%
THD+N = 1%


Similar Part No. - MAX9765

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9765 MAXIM-MAX9765 Datasheet
833Kb / 33P
   750mW Audio Amplifiers with Headphone Amp, Microphone Preamp, and Input Mux
Rev 2; 3/07
MAX9765ETJ MAXIM-MAX9765ETJ Datasheet
833Kb / 33P
   750mW Audio Amplifiers with Headphone Amp, Microphone Preamp, and Input Mux
Rev 2; 3/07
MAX9765 MAXIM-MAX9765_07 Datasheet
833Kb / 33P
   750mW Audio Amplifiers with Headphone Amp, Microphone Preamp, and Input Mux
Rev 2; 3/07
More results

Similar Description - MAX9765

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9765 MAXIM-MAX9765_07 Datasheet
833Kb / 33P
   750mW Audio Amplifiers with Headphone Amp, Microphone Preamp, and Input Mux
Rev 2; 3/07
MAX9760 MAXIM-MAX9760 Datasheet
908Kb / 31P
   Stereo 3W Audio Power Amplifiers with Headphone Drive and Input Mux
Rev 0; 1/03
MAX9777 MAXIM-MAX9777 Datasheet
1Mb / 27P
   Stereo 3W Audio Power Amplifiers with Headphone Drive and Input Mux
19-0509; Rev 0; 4/06
logo
Texas Instruments
PCM2912PJT TI-PCM2912PJT Datasheet
712Kb / 32P
[Old version datasheet]   AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PCM2912 TI-PCM2912 Datasheet
813Kb / 32P
[Old version datasheet]   AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PCM2912A TI1-PCM2912A Datasheet
839Kb / 32P
[Old version datasheet]   AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
logo
National Semiconductor ...
LM4840 NSC-LM4840 Datasheet
786Kb / 19P
   Stereo 2W Audio Power Amplifiers with Digital Volume Control and Input Mux
LM4834 NSC-LM4834 Datasheet
443Kb / 12P
   1.75W Audio Power Amplifier with DC Volume Control and Microphone Preamp
LM4849 NSC-LM4849 Datasheet
690Kb / 19P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Input Mux
logo
Texas Instruments
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com