Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS2320 Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STS2320
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS2320 Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STS2320 Datasheet HTML 1Page - SamHop Microelectronics Corp. STS2320 Datasheet HTML 2Page - SamHop Microelectronics Corp. STS2320 Datasheet HTML 3Page - SamHop Microelectronics Corp. STS2320 Datasheet HTML 4Page - SamHop Microelectronics Corp. STS2320 Datasheet HTML 5Page - SamHop Microelectronics Corp. STS2320 Datasheet HTML 6Page - SamHop Microelectronics Corp. STS2320 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
20
N-Channel Enhancement Mode Field Effect Transistor
Oct .29 2004
V1.1
ABSOLUTE MAXIMUM RATINGS (TA=25 C unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
V
Gate-Source Voltage
VGS
V
Drain Current-Continuous @TJ=25 C
-Pulsed
ID
3.6
A
A
A
W
IDM
14
Drain-Source Diode Forward Current
IS
1.25
Maximum Power Dissipation
PD
Operating Junction and Storage
Temperature Range
TJ, TSTG
-55 to 150
C
THERMAL CHARACTERISTICS
Thermal Resistance, Junction-to-Ambient
RthJA
100
/W
C
STS2320
1.25
a
a
a
a
b
G
D
S
SOT-23
S
G
D
1
SamHop Microelectronics Corp.
PRODUCT SUMMARY
VDSS
ID
RDS(ON) ( m W ) Max
20V
3.6A
45@ VGS = 4.5V
65@ VGS =2.5V
FEATURES
Super high dense cell design for low RDS(ON).
Rugged and reliable.
SOT-23 package.
10


Similar Part No. - STS2320

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STS2321 SAMHOP-STS2321 Datasheet
623Kb / 7P
   P-Channel Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
STS2321 VBSEMI-STS2321 Datasheet
500Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - STS2320

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com