Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS1C1S250 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STS1C1S250
Description  N-CHANNEL 250V - 0.9Ohm - 0.75A SO-8 P-CHANNEL 250V - 2.1Ohm - 0.6A SO-8 MESH OVERLAY POWER MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1C1S250 Datasheet(HTML) 5 Page - STMicroelectronics

  STS1C1S250 Datasheet HTML 1Page - STMicroelectronics STS1C1S250 Datasheet HTML 2Page - STMicroelectronics STS1C1S250 Datasheet HTML 3Page - STMicroelectronics STS1C1S250 Datasheet HTML 4Page - STMicroelectronics STS1C1S250 Datasheet HTML 5Page - STMicroelectronics STS1C1S250 Datasheet HTML 6Page - STMicroelectronics STS1C1S250 Datasheet HTML 7Page - STMicroelectronics STS1C1S250 Datasheet HTML 8Page - STMicroelectronics STS1C1S250 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
STS1C1S250
Norm. Gate Thereshold Voltage vs Temp n-ch
Norm. On Resistance vs Temperature n-ch
Source-drainDiodeForwardCharacteristicsn-ch
Capacitance Variations n-ch
Gate Charge vs Gate-source Voltage n-ch
Normalized BVDSS vs Temperature n-ch


Similar Part No. - STS1C1S250

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
STS100 SSOUSA-STS100 Datasheet
130Kb / 4P
   Multifunction Telecommunications Switch
logo
STMicroelectronics
STS10DN3LH5 STMICROELECTRONICS-STS10DN3LH5 Datasheet
773Kb / 13P
   Very low switching gate charge
May 2009 Rev 1
STS10N3LH5 STMICROELECTRONICS-STS10N3LH5 Datasheet
778Kb / 13P
   N-channel 30 V, 0.019 廓, 10 A, SO-8 STripFET??V Power MOSFET
logo
VBsemi Electronics Co.,...
STS10N3LH5 VBSEMI-STS10N3LH5 Datasheet
1,006Kb / 9P
   N-Channel 20V (D-S) MOSFET
logo
STMicroelectronics
STS10NF30L STMICROELECTRONICS-STS10NF30L Datasheet
44Kb / 6P
   N - CHANNEL 30V - 0.011ohm - 10A SO-8 STripFET POWER MOSFET
More results

Similar Description - STS1C1S250

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD4NS25 STMICROELECTRONICS-STD4NS25 Datasheet
273Kb / 9P
   N-CHANNEL 250V - 0.9ohm - 4A DPAK/IPAK MESH OVERLAY??MOSFET
STP6NS25 STMICROELECTRONICS-STP6NS25 Datasheet
266Kb / 8P
   N-CHANNEL 250V - 0.9ohm - 6A TO-220 MESH OVERLAY??MOSFET
November 2002
STB8NS25 STMICROELECTRONICS-STB8NS25 Datasheet
427Kb / 9P
   N-CHANNEL 250V - 0.38ohm - 8A D2PAK MESH OVERLAY??MOSFET
logo
ON Semiconductor
MMDF4P03HD ONSEMI-MMDF4P03HD Datasheet
207Kb / 8P
   P-channel SO-8 Power MOSFET
August, 2006 ??Rev. 3
logo
STMicroelectronics
STB16NS25T4 STMICROELECTRONICS-STB16NS25T4 Datasheet
474Kb / 9P
   N-CHANNEL 250V - 0.23W - 16A D2PAK MESH OVERLAY??MOSFET
STB16NS25 STMICROELECTRONICS-STB16NS25 Datasheet
456Kb / 9P
   N-CHANNEL 250V - 0.23ohm - 16A D2PAK MESH OVERLAY??MOSFET
STD8NS25 STMICROELECTRONICS-STD8NS25 Datasheet
122Kb / 6P
   N-CHANNEL 250V - 0.38ohm - 8A DPAK MESH OVERLAY??MOSFET
logo
ON Semiconductor
MMSF5N02HD ONSEMI-MMSF5N02HD Datasheet
269Kb / 10P
   N-Channel SO-8 Power MOSFET
August, 2006 ??Rev. 7
MMDFS6N303 ONSEMI-MMDFS6N303 Datasheet
252Kb / 11P
   N-Channel SO-8 Power MOSFET
August, 2006 ??Rev. 3
logo
STMicroelectronics
STD4NS25T4 STMICROELECTRONICS-STD4NS25T4 Datasheet
288Kb / 9P
   N-CHANNEL 250V - 0.9W - 4A DPAK/IPAK MESH OVERLAY MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com