Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14557BFEL Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC14557BFEL
Description  1-to-64 Bit Variable Length Shift Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14557BFEL Datasheet(HTML) 3 Page - ON Semiconductor

  MC14557BFEL Datasheet HTML 1Page - ON Semiconductor MC14557BFEL Datasheet HTML 2Page - ON Semiconductor MC14557BFEL Datasheet HTML 3Page - ON Semiconductor MC14557BFEL Datasheet HTML 4Page - ON Semiconductor MC14557BFEL Datasheet HTML 5Page - ON Semiconductor MC14557BFEL Datasheet HTML 6Page - ON Semiconductor MC14557BFEL Datasheet HTML 7Page - ON Semiconductor MC14557BFEL Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC14557B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
VDD
– 55
_C
25
_C
125
_C
Characteristic
Symbol
VDD
Vdc
Min
Max
Min
Typ (4.)
Max
Min
Max
Unit
Output Voltage
“0” Level
Vin = VDD or 0
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
“1” Level
Vin = 0 or VDD
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage
“0” Level
(VO = 4.5 or 0.5 Vdc)
(VO = 9.0 or 1.0 Vdc)
(VO = 13.5 or 1.5 Vdc)
VIL
5.0
10
15
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Vdc
“1” Level
(VO = 0.5 or 4.5 Vdc)
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIH
5.0
10
15
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
IOH
5.0
5.0
10
15
– 3.0
– 0.64
– 1.6
– 4.2
– 2.4
– 0.51
– 1.3
– 3.4
– 4.2
– 0.88
– 2.25
– 8.8
– 1.7
– 0.36
– 0.9
– 2.4
mAdc
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOL
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.88
2.25
8.8
0.36
0.9
2.4
Input Current
Iin
15
±0.1
±0.00001
±0.1
±1.0
µAdc
Input Capacitance
(Vin = 0)
Cin
5.0
7.5
pF
Quiescent Current
(Per Package)
IDD
5.0
10
15
5.0
10
20
0.010
0.020
0.030
5.0
10
20
150
300
600
µAdc
Total Supply Current (5.) (6.)
(Dynamic plus Quiescent,
Per Package)
(CL = 50 pF on all outputs, all
buffers switching)
IT
5.0
10
15
IT = (1.75 µA/kHz) f + IDD
IT = (3.50 µA/kHz) f + IDD
IT = (5.25 µA/kHz) f + IDD
µAdc
4. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
5. The formulas given are for the typical characteristics only at 25
_C.
6. To calculate total supply current at loads other than 50 pF:
IT(CL) = IT(50 pF) + (CL – 50) Vfk
where: IT is in µA (per package), CL in pF, V = (VDD – VSS) in volts, f in kHz is input frequency, and k = 0.001.


Similar Part No. - MC14557BFEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14557BFEL ONSEMI-MC14557BFEL Datasheet
90Kb / 8P
   1-to-64 Bit Variable Length Shift Register
June, 2004 ??Rev. 5
MC14557BFELG ONSEMI-MC14557BFELG Datasheet
133Kb / 8P
   1-to-64 Bit Variable Length Shift Register
June, 2011 ??Rev. 6
More results

Similar Description - MC14557BFEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14557 ONSEMI-MC14557_04 Datasheet
90Kb / 8P
   1-to-64 Bit Variable Length Shift Register
June, 2004 ??Rev. 5
logo
Nexperia B.V. All right...
HEF4557B NEXPERIA-HEF4557B Datasheet
755Kb / 16P
   1-to-64 bit variable length shift register
Rev. 7 - 1 April 2016
logo
NXP Semiconductors
HEF4557B PHILIPS-HEF4557B Datasheet
78Kb / 7P
   1-to-64 bit variable length shift register
January 1995
logo
Motorola, Inc
MC14557B MOTOROLA-MC14557B Datasheet
206Kb / 6P
   1-TO-64 BIT VARIABLE LENGTH SHIFT REGISTER
logo
Hitachi Semiconductor
HD14557B HITACHI-HD14557B Datasheet
75Kb / 5P
   1-to-64-bit Variable Length Shift Register
logo
ON Semiconductor
MC14557B ONSEMI-MC14557B_11 Datasheet
133Kb / 8P
   1-to-64 Bit Variable Length Shift Register
June, 2011 ??Rev. 6
logo
Fairchild Semiconductor
TMC2011A FAIRCHILD-TMC2011A Datasheet
69Kb / 12P
   Variable-Length Shift Register
logo
Cadeka Microcircuits LL...
TMC2011A CADEKA-TMC2011A Datasheet
179Kb / 12P
   Variable-Length Shift Register
logo
LOGIC Devices Incorpora...
L10C11 LODEV-L10C11 Datasheet
66Kb / 6P
   4/8-bit Variable Length Shift Register
logo
Nippon Precision Circui...
SM5824N NPC-SM5824N Datasheet
143Kb / 6P
   Variable Length Static Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com