Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

97-3102A-20-15P Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 97-3102A-20-15P
Description  Circular 97 Series Threaded Connectors with Solder Contacts (MIL-C-5015 Type)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

97-3102A-20-15P Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  97-3102A-20-15P Datasheet HTML 1Page - List of Unclassifed Manufacturers 97-3102A-20-15P Datasheet HTML 2Page - List of Unclassifed Manufacturers 97-3102A-20-15P Datasheet HTML 3Page - List of Unclassifed Manufacturers 97-3102A-20-15P Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
More Product Available Online: www.digikey.com
Toll-Free: 1-800-344-4539 • Phone: 218-681-6674 • Fax: 218-681-3380
(T000)
000
194 (T032)
Shell Size/
No. of
Dimensions in Inches
Insert Arrange-
Contacts/
Digi-Key
Price Each
L
L1
N
Q
U
V Fitting
X
Y
Amphenol
ment No.
Size
Description
Part No.
1
10
50
Max.
Max.
Ref.
Max.
Ref.
Thread
Ref.
Ref.
Part No.
Straight Plugs with Solid Shells
10SL-3
3/16
Straight Plug w/Socket
97-3106A-10SL-3S-ND
12.00
8.40
6.24
97-3106A-10SL-3S
10SL-4
2/16
Straight Plug w/Socket
97-3106A-10SL-4S-ND
11.35
7.95
5.91
1-3/8
3/4
7/8
5/8-24
97-3106A-10SL-4S
12S-3
2/16
Straight Plug w/Pins
97-3106A-12S-3P-ND
10.40
7.28
5.41
1-7/16
25/32
1
5/8-24
97-3106A-12S-3P
Straight Plug w/Socket
97-3106A-12S-3S-ND
11.13
7.79
5.79
97-3106A-12S-3S
14S-1
3/16
Straight Plug w/Pins
97-3106A-14S-1P-ND
10.43
7.30
5.43
97-3106A-14S-1P
Straight Plug w/Socket
97-3106A-14S-1S-ND
12.30
8.61
6.40
97-3106A-14S-1S
14S-2
4/16
Straight Plug w/Pins
97-3106A-14S-2P-ND
10.38
7.27
5.40
1-15/32
7/8
1-1/8
3/4-20
97-3106A-14S-2P
Straight Plug w/Socket
97-3106A-14S-2S-ND
12.88
9.02
6.70
97-3106A-14S-2S
S
S
R
R
L
M
K
N
A
V
MS3100A Wall Mount Receptacle
Mounting Holes
.147 Dia. sizes
24,28.120 Dia.
all other sizes
Circular 97 Series Threaded Connectors
with Solder Contacts (MIL-C-5015 Type)
Low cost, general duty, non-environmental MIL-C-5015 type connectors. Available in either A solid or B split shell styles. Used extensively in the machine tool industry, welding industry and numerous other commercial
applications. • Single key/keyway polarization • Threaded coupling • Hard dielectric inserts made of diallyl-phthalate • Aluminum alloy components with a conductive cadmium plate finish and olive chromate after-treatment
• Contacts are solder type, silver plated with pre-tinned solder cups • Cable clamps are zinc alloy with olive drab/green chromate finish
MS3101A Cable Receptacle
MS3102A Box Mount Receptacle
MS3106E/F Straight Plug
MS3106A Straight Plug
MS3106R
Straight Plug
MS3102E/R
Straight Receptacle
CONTACT
LEGEND
Insert Patterns
(Front face of
pin insert shown.
Drawings not to
scale.)
SERVICE RATING:
INST
A
D
E
B
C
Limited Operating
DC
250
700
1250
1750
2450
4200
Voltages at Sea Level
AC(rms)
200
500
900
1250
1750
3000
TEST CURRENT: Contact Size 16 = 13 amperes, Contact Size 12 = 23 amperes
NOTE: Transients were not considered in calculating these values.
NOTE: Limiting operating voltage at 50,000 feet altitude are approx. 25% of the sea level values.
Insert Arrangement
Service Rating
10SL-3
A
18-10
A
18-11
A
18-12
A
18-16
C
18-19
A
20-4
D
20-29
A
22-14
A
22-19
A
24-7
A
28-11
A
28-16
A
28-21
A
22-22
24-11
14S-7
16-10
16-11
18-11
24-28
INST.
20-15
A
20-16
A
20-27
A
20-7
A,B,H,G = D
C,D,E,F = A
10SL-4
A
12S-3
A
14S-1
A
14S-2
INST.
14S-5
INST.
14S-6
INST.
16S-1
A
16S-8
A
18-4
D
18-8
A
18-1
B,C,F,G = A
all others = INST.
A
C
B
AB
B A
A
C
B
DA
C
B
E
B
D
C
A
E
A
D
C
B
F
A
E
F
G
D
C
B
A
E
D
C
B
C
B
A
D
E
F
G
H
I
J
CB
A
D
C
B
A
D
E
F
G
H
DA
CB
D
E
A
C
B
E
D
B
C
A
F
C
B
A
D
E F
G
H
K
J
B
C
A
D
A
B
C
D
E
F
G
H
B
C
A
D
E
F
G
A
B
C
D
E
F
G
H
I
A
B
C
D
E
F
G
H
I
J
K
L
M
N
A
B
C
D
E
F
G
H
J
L
K
M
P
N
T
S
R
A
B
C
D
E
F
G
H
J
L
K
M
N
P
A
B
C
D
E
F
G
H
J
L
K
M
N
P
O
I
A
B
C
D
E
F
G
H
J
L
K
M
N
U
TV
P
S
R
A
B
C
D
E
FG H J
L
K
M N
U
Z
T
Y
V
Q
P
S
X
R
W
A
B
C
D
E
F
G
H
J
L
K
M
N
U
W
X
T
V
I
P
S
R
A
B
C
D
E
F
G
H
J
L
K
M
N
U
T
V
Q
P
S
R
A B C
D
n
p
r
s
E
F G H
J
g
h
i
k m
L
K
M N
V
U
W X
Z
R
P
b
a
c
d
f
e
T
S
L
N
A
V
N
L
N
Q
V
MS3106A Straight Plug
(97 Series)
MS3108B Angle Plug (97 Series)
X
L1
U
V
Q
Sizes 10SL, 14S
V
L1
Q Y
U
Size 18
Shell is split longi-
tudinally for conve-
nient solder or in-
spection.
Front
shell is keyed to
allow the 90 degree
angle housing to be
rotated and locked
at any 45 degree
increment.
Underwriters Laboratories approved recognition
File E115497. Canadian Standard Association
Certification File LR69183
L1
M
K
N1
A
S
S
R
R
S
S
R
R
16
12
8
Panel Opening
O
Coupling
ring
ma-
chined from solid alu-
minum bar stock for
high tensile strength.
Mates with all types of
97 series receptacles.
Front shell includes
polarization keyway.
Solid shell. Threaded
backshell.
Mounting Holes
.147 Dia. sizes 24,28
.120 Dia. all other sizes
97 Series Plugs
(Continued)
L
K
NX
LK
N
M
LK
S
K
Z
L
M
N
B
A
A
B
C
D
AC
I
G
DF
E
H
B
C
A
B
A
B
C
A
B
A
B
C
D
E
S
S


Similar Part No. - 97-3102A-20-15P

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
97-3102A-20-21PW AMPHENOL-97-3102A-20-21PW Datasheet
1Mb / 44P
   Amphenol 97 Series Standard Cylindrical Connector
More results

Similar Description - 97-3102A-20-15P

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DMS3100A10SL-10PW DDK-DMS3100A10SL-10PW Datasheet
2Mb / 18P
   MIL-DTL-5015 Style Circular Connectors
logo
ITT Industries
5015 ITT-5015 Datasheet
645Kb / 15P
   MIL-C-5015 Connectors
CA3106R20-27PW ITT-CA3106R20-27PW Datasheet
634Kb / 15P
   MIL-C-5015 Connectors
logo
DDK Ltd.
DMS3106A10SL-29SW(D190) DDK-DMS3106A10SL-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
logo
Amphenol Corporation
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
   MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
logo
Hirose Electric
HMS08A18-10S-DT10D HIROSE-HMS08A18-10S-DT10D Datasheet
1Mb / 20P
   MS type Lower Profile Plug(Circular connector conforming to MIL-C-5015)
logo
Amphenol Corporation
MS3102R28-21PY AMPHENOL-MS3102R28-21PY Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3106F2222S AMPHENOL-MS3106F2222S Datasheet
1Mb / 53P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R14S-7P AMPHENOL-MS3102R14S-7P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical COnnectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com