Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M12S16161A-10TG Datasheet(PDF) 11 Page - Elite Semiconductor Memory Technology Inc.

Part # M12S16161A-10TG
Description  512K x 16Bit x 2Banks Synchronous DRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12S16161A-10TG Datasheet(HTML) 11 Page - Elite Semiconductor Memory Technology Inc.

Back Button M12S16161A-10TG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12S16161A-10TG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12S16161A-10TG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M12S16161A-10TG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M12S16161A-10TG Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M12S16161A-10TG Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. M12S16161A-10TG Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. M12S16161A-10TG Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. M12S16161A-10TG Datasheet HTML 15Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ESMT
M12S16161A
Elite Semiconductor Memory Technology Inc.
Publication Date : Jun. 2005
Revision : 1.0
11/28
Single Bit Read-Write-Read Cycle (Same Page) @CAS Latency=3, Burst Length=1
: D o n ' t C a r e
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
CL OC K
CK E
CS
RA S
CA S
AD DR
WE
DQ
DQ M
A1 0 / A P
t CH
t CL
t CC
Ro w A c t i v e
BA
*Note1
HIGH
t RCD
t SS
t SS
t SH
t SH
t SS
t SH
t SS
t SS
t SH
t SS
t SS
t SH
Ra
Ca
Cb
Cc
Rb
BS
BS
BS
BS
BS
BS
Ra
Qa
Db
Qc
Rb
Re a d
Wr i t e
Re a d
P r echar ge
Ro w A c t i ve
t RC
t RA S
t RP
t CCD
t RA C
*Note2
*Note2,3
*Note4
*Note2
*Note2,3
*Note 3
*Note 3
*Note2,3
t SH
t SL Z
t SA C
t OH
t SH
t SH
t SS
*Note4
*Note 3


Similar Part No. - M12S16161A-10TG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12S16161A-6BG ESMT-M12S16161A-6BG Datasheet
624Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A-6BIG ESMT-M12S16161A-6BIG Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A-6TG ESMT-M12S16161A-6TG Datasheet
624Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A-6TIG ESMT-M12S16161A-6TIG Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A-7BG ESMT-M12S16161A-7BG Datasheet
613Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
More results

Similar Description - M12S16161A-10TG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A_07 Datasheet
613Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A_0707 ESMT-M12S16161A_0707 Datasheet
624Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
M52D16161A ESMT-M52D16161A Datasheet
756Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_1 Datasheet
703Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M52S16161A ESMT-M52S16161A Datasheet
755Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M52D16161A ESMT-M52D16161A_09 Datasheet
876Kb / 32P
   512K x 16Bit x 2Banks Mobile Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com