Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1722A-18CZTTR Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC1722A-18CZTTR
Description  300mA Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1722A-18CZTTR Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC1722A-18CZTTR Datasheet HTML 1Page - Analog Intergrations Corporation AIC1722A-18CZTTR Datasheet HTML 2Page - Analog Intergrations Corporation AIC1722A-18CZTTR Datasheet HTML 3Page - Analog Intergrations Corporation AIC1722A-18CZTTR Datasheet HTML 4Page - Analog Intergrations Corporation AIC1722A-18CZTTR Datasheet HTML 5Page - Analog Intergrations Corporation AIC1722A-18CZTTR Datasheet HTML 6Page - Analog Intergrations Corporation AIC1722A-18CZTTR Datasheet HTML 7Page - Analog Intergrations Corporation AIC1722A-18CZTTR Datasheet HTML 8Page - Analog Intergrations Corporation AIC1722A-18CZTTR Datasheet HTML 9Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AIC1722A
SOT-89 MARKING
Part No.
CXA
PXA
Part No.
CXT
PXT
AIC1722A-18XXA
AL18
AL18P
AIC1722A-18XXT
BA18
BA18P
AIC1722A-20XXA
AL20
AL20P
AIC1722A-20XXT
BA20
BA20P
AIC1722A-25XXA
AL25
AL25P
AIC1722A-25XXT
BA25
BA25P
AIC1722A-27XXA
AL27
AL27P
AIC1722A-27XXT
BA27
BA27P
AIC1722A-30XXA
AL30
AL30P
AIC1722A-30XXT
BA30
BA30P
AIC1722A-33XXA
AL33
AL33P
AIC1722A-33XXT
BA33
BA33P
AIC1722A-35XXA
AL35
AL35P
AIC1722A-35XXT
BA35
BA35P
AIC1722A-37XXA
AL37
AL37P
AIC1722A-37XXT
BA37
BA37P
AIC1722A-38XXA
AL38
AL38P
AIC1722A-38XXT
BA38
BA38P
AIC1722A-50XXA
AL50
AL50P
AIC1722A-50XXT
BA50
BA50P
AIC1722A-52XXA
AL52
AL52P
AIC1722A-52XXT
BA52
BA52P
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage ...................................................…………..…….................. -0.3~8V
Operating Temperature Range …………….....………........…………................ -40
°C~ 85°C
Junction Temperature ……………………………………………………………………... 125
°C
Storage Temperature Range ....................……......................………............. -65
°C~150°C
Lead Temperature (Soldering. 10sec) …………………………………………………… 260
°C
Power Dissipation
SOT-89 Package ....…...…................. 0.5W
TO-92 Package .....…………............. 0.5W
SOT-23 Package.....…………............. 0.5W
Absolute Maximum Rating are those value beyond which the life of a device may be impaired.
TEST CIRCUIT
Refer to the TYPICAL APPLICATION CIRCUIT
3


Similar Part No. - AIC1722A-18CZTTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1722A-18XU AIC-AIC1722A-18XU Datasheet
250Kb / 13P
   300mA Low Dropout Linear Regulator
AIC1722A-18XXA AIC-AIC1722A-18XXA Datasheet
250Kb / 13P
   300mA Low Dropout Linear Regulator
More results

Similar Description - AIC1722A-18CZTTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
logo
Eutech Microelectronics...
EUP7968 EUTECH-EUP7968 Datasheet
212Kb / 9P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com