Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVM3A270K Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # TVM3A270K
Description  ZINC OXIDE VARISTOR 50 SERIES
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TVM3A270K Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button TVM3A270K Datasheet HTML 7Page - List of Unclassifed Manufacturers TVM3A270K Datasheet HTML 8Page - List of Unclassifed Manufacturers TVM3A270K Datasheet HTML 9Page - List of Unclassifed Manufacturers TVM3A270K Datasheet HTML 10Page - List of Unclassifed Manufacturers TVM3A270K Datasheet HTML 11Page - List of Unclassifed Manufacturers TVM3A270K Datasheet HTML 12Page - List of Unclassifed Manufacturers TVM3A270K Datasheet HTML 13Page - List of Unclassifed Manufacturers TVM3A270K Datasheet HTML 14Page - List of Unclassifed Manufacturers TVM3A270K Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
Rua Juquiá, 217
- Vila Antonieta
- S.B.C.
- Cep:09629-040
-
SP - Brasil
Tel: (11) 4367-7411
-
Fax: (11) 4367-7416
-
www.voltts.com.br
-
voltts@voltts.com.br
Pág. 11/43
SPECIFICATION
Max.
Max.
Max.
Varistor
Allowable
Clamping
Max.
Peak
Rated
Reference
Dimensions
Voltage
Voltage
Voltage
Energy
Current
Power
Capacitance
Part No
(8/20µs)
VlmA
AC rms
DC
Vp
Ip
10/1000
1time
2times
@1KHZ
T(max.)
(V)
(V)
(V)
(V)
(A)
(J)
(A)
(A)
(W)
(pf)
(mm)
TVR 14 180
18
11
14
36
10
4.0
1000
500
0.1
22000
4.3
TVR 14 220
22
14
18
43
10
5.0
1000
500
0.1
18000
4.5
TVR 14 270
27
17
22
53
10
6.0
1000
500
0.1
12000
4.7
TVR 14 330
33
20
26
65
10
7.5
1000
500
0.1
9000
4.9
TVR 14 390
39
25
31
77
10
8.6
1000
500
0.1
7800
4.4
TVR 14 470
47
30
38
93
10
10
1000
500
0.1
6600
4.5
TVR 14 560
56
35
45
110
10
11
1000
500
0.1
5400
4.7
TVR 14 680
68
40
56
135
10
14
1000
500
0.1
4500
5.0
TVR 14 820
82
50
65
135
50
22
4500
2500
0.6
2900
4.4
TVR 14 101
100
60
85
165
50
28
4500
2500
0.6
2400
4.6
TVR 14 121
120
75
100
200
50
32
4500
2500
0.6
2000
4.8
TVR 14 151
150
95
125
250
50
40
4500
2500
0.6
1600
5.1
TVR 14 181
180
115
150
300
50
52
4500
2500
0.6
1300
4.6
TVR 14 201
200
130
170
340
50
57
4500
2500
0.6
1000
4.7
TVR 14 221
220
140
180
360
50
60
4500
2500
0.6
1000
4.8
TVR 14 241
240
150
200
395
50
63
4500
2500
0.6
900
4.9
TVR 14 271
270
175
225
455
50
70
4500
2500
0.6
750
5.1
TVR 14 301
300
195
250
500
50
78
4500
2500
0.6
680
5.0
TVR 14 331
330
215
275
550
50
85
4500
2500
0.6
620
5.1
TVR 14 361
360
230
300
595
50
93
4500
2500
0.6
550
5.2
TVR 14 391
390
250
320
650
50
100
4500
2500
0.6
520
5.4
TVR 14 431
430
275
350
710
50
115
4500
2500
0.6
500
5.6
TVR 14 471
470
300
385
775
50
125
4500
2500
0.6
480
5.7
TVR 14 511
510
320
410
845
50
125
4500
2500
0.6
440
5.9
TVR 14 561
560
350
450
930
50
125
4500
2500
0.6
400
6.1
TVR 14 621
620
395
510
1020
50
125
4500
2500
0.6
330
6.4
TVR 14 681
680
420
560
1120
50
130
4500
2500
0.6
320
6.7
TVR 14 751
750
465
615
1235
50
143
4500
2500
0.6
310
7.0
TVR 14 821
820
510
670
1355
50
157
4500
2500
0.6
280
6.9
TVR 14 911
910
550
745
1500
50
175
4500
2500
0.6
250
7.3
TVR 14 102
1000
625
825
1650
50
190
4500
2500
0.6
230
7.6
TVR 14 112
1100
680
895
1815
50
213
4500
2500
0.6
210
8.1
DIMENSION
Unit: mm
Disc Ø
D max.
L min.
d nor.
P nor.
14
17
30
0.8±0.02
7.5±1
ZINC OXIDE VARISTOR 14Ø SERIES


Similar Part No. - TVM3A270K

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TVM36 TRANSKO-TVM36 Datasheet
162Kb / 1P
   CMOS MINIATURE SMD VCXO (3.2 x 2.5 x 1.2mm)
Rev. 0: Jan. 2020
More results

Similar Description - TVM3A270K

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TSV SUNTAN-TSV_17 Datasheet
316Kb / 9P
   ZINC OXIDE VARISTOR
logo
RFE international
14N470K RFE-14N470K Datasheet
4Mb / 6P
   Zinc Oxide Varistor
logo
Suntan Capacitors
TSV SUNTAN-TSV Datasheet
1Mb / 11P
   ZINC OXIDE VARISTOR
logo
Ceramate Technical
SMV0402E CERAMATE-SMV0402E Datasheet
252Kb / 9P
   Zinc Oxide
SMV0402M CERAMATE-SMV0402M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1210A CERAMATE-SMV1210A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0402A CERAMATE-SMV0402A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0603E CERAMATE-SMV0603E Datasheet
251Kb / 9P
   Zinc Oxide
SMV0805M CERAMATE-SMV0805M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1206A CERAMATE-SMV1206A Datasheet
250Kb / 9P
   Zinc Oxide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com