Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F498GPF Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB90F498GPF
Description  16-bit Proprietary Microcontroller
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F498GPF Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB90F498GPF Datasheet HTML 1Page - Fujitsu Component Limited. MB90F498GPF Datasheet HTML 2Page - Fujitsu Component Limited. MB90F498GPF Datasheet HTML 3Page - Fujitsu Component Limited. MB90F498GPF Datasheet HTML 4Page - Fujitsu Component Limited. MB90F498GPF Datasheet HTML 5Page - Fujitsu Component Limited. MB90F498GPF Datasheet HTML 6Page - Fujitsu Component Limited. MB90F498GPF Datasheet HTML 7Page - Fujitsu Component Limited. MB90F498GPF Datasheet HTML 8Page - Fujitsu Component Limited. MB90F498GPF Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
DS07-13713-3E
FUJITSU SEMICONDUCTOR
DATA SHEET
16-bit Proprietary Microcontroller
CMOS
F2MC-16LX MB90495G Series
MB90497G/F497G/F498G/V495G
s DESCRIPTION
The MB90495G Series is a general-purpose, high-performance 16-bit microcontroller. It was designed for devices
like consumer electronics, which require high-speed, real-time process control. This series features an on-chip
full-CAN interface.
In addition to being backwards compatible with the F2MC* family architecture, the instruction set has been ex-
panded to add support for high-level language instructions, expanded addressing mode, and enhanced multiply/
divide and bit processing instructions. A 32-bit accumulator is also provided, making it possible to process long
word (32-bit) data.
The MB90495G Series peripheral resources include on chip 8/10-bit A/D converter, UART (SCI) 0/1, 8/16-bit
PPG timer, 16-bit I/O timer (16-bit free-run timer, input capture 0, 1, 2, 3 (ICU) ) , and CAN controller.
* : F2MC is abbreviation for Fujitsu Flexible Microcontroller. F2MC is a registered trademark of Fujitsu Limited.
s FEATURES
• Models that support
+125 °C
•Clock
•Built-in PLL clock multiplier circuit
•Choose 1/2 oscillation clock or
×1 to ×4 multiplied oscillation clock (for a 4-MHz oscillation clock, 4 to 16 MHz)
machine (PLL) clock
(Continued)
s PACKAGES
64-pin plastic QFP
64-pin plastic LQFP
(FPT-64P-M06)
(FPT-64P-M09)


Similar Part No. - MB90F498GPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F498GPF FUJITSU-MB90F498GPF Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
MB90F498GPF FUJITSU-MB90F498GPF Datasheet
565Kb / 96P
   16-bit Proprietary Microcontroller
MB90F498GPFM FUJITSU-MB90F498GPFM Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90F498GPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com