Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F498G Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB90F498G
Description  16-bit Proprietary Microcontroller
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F498G Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB90F498G Datasheet HTML 5Page - Fujitsu Component Limited. MB90F498G Datasheet HTML 6Page - Fujitsu Component Limited. MB90F498G Datasheet HTML 7Page - Fujitsu Component Limited. MB90F498G Datasheet HTML 8Page - Fujitsu Component Limited. MB90F498G Datasheet HTML 9Page - Fujitsu Component Limited. MB90F498G Datasheet HTML 10Page - Fujitsu Component Limited. MB90F498G Datasheet HTML 11Page - Fujitsu Component Limited. MB90F498G Datasheet HTML 12Page - Fujitsu Component Limited. MB90F498G Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
MB90495G Series
9
(Continued)
(Continued)
Pin No.
Pin Name
Circuit
Type
Description
M06
M09
38 to
41
37 to
40
P14 to P17
D
General-purpose I/O port.
Only enabled in single-chip mode.
PPG0 to
PPG3
Functions as output pin of PPG timer 01, 23. Only valid if output configu-
ration is enabled.
AD12 to
AD15
I/O pin for upper 4-bit of external address data bus.
Only enabled during external bus mode.
42
41
P20
D
General-purpose I/O port.
When the bits of high address control register (HACR) are set to “1” in ex-
ternal bus mode, these pins function as general purpose I/O ports.
TIN0
Functions as event input pin of TIN0 reload timer 0.
Set this to input port.
A16
Output pin of external address bus (A16) .
Only valid when the bits of high address control register (HACR) are set
to “0” in external bus mode.
43
42
P21
D
General-purpose I/O port.
When the bits of high address control register (HACR) are set to “1” in ex-
ternal bus mode, these pins function as general purpose I/O ports.
TOT0
Functions as event output pin of TOT0 reload timer 0.
Only valid if output configuration enabled.
A17
Output pin of external address bus (A17) .
Only valid when the bits of high address control register (HACR) are set
to “0” in external bus mode.
44
43
P22
D
General-purpose I/O port.
When the bits of high address control register (HACR) are set to “1” in ex-
ternal bus mode, these pins function as general purpose I/O ports.
TIN1
Functions as event input pin of TIN1 reload timer 1.
Set this to input port.
A18
Output pin of external address bus (A18) .
Only valid when the bits of high address control register (HACR) are set
to “0” in external bus mode.
45
44
P23
D
General-purpose I/O port.
When the bits of high address control register (HACR) are set to “1” in ex-
ternal bus mode, these pins function as general purpose I/O ports.
TOT1
Functions as event output pin for TOT1 reload timer 1.
Only valid if output configuration enabled.
A19
Output pin for external address bus (A19) .
Only valid when the bits of high address control register (HACR) are set
to “0” in external bus mode.


Similar Part No. - MB90F498G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F498G FUJITSU-MB90F498G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
MB90F498G FUJITSU-MB90F498G Datasheet
565Kb / 96P
   16-bit Proprietary Microcontroller
MB90F498GPF FUJITSU-MB90F498GPF Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
MB90F498GPF FUJITSU-MB90F498GPF Datasheet
565Kb / 96P
   16-bit Proprietary Microcontroller
MB90F498GPFM FUJITSU-MB90F498GPFM Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90F498G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com