Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90497G Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB90497G
Description  16-bit Proprietary Microcontroller
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90497G Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB90497G Datasheet HTML 1Page - Fujitsu Component Limited. MB90497G Datasheet HTML 2Page - Fujitsu Component Limited. MB90497G Datasheet HTML 3Page - Fujitsu Component Limited. MB90497G Datasheet HTML 4Page - Fujitsu Component Limited. MB90497G Datasheet HTML 5Page - Fujitsu Component Limited. MB90497G Datasheet HTML 6Page - Fujitsu Component Limited. MB90497G Datasheet HTML 7Page - Fujitsu Component Limited. MB90497G Datasheet HTML 8Page - Fujitsu Component Limited. MB90497G Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 92 page
background image
MB90495G Series
3
(Continued)
• CAN Controller : 1 channel
•CAN specifications conform to versions 2.0A and 2.0B
•8 on-chip message buffers
•Forwarding rate 10 Kbps to 1 Mbps (with 16-MHz machine clock)
• UART0 (SCI) /UART1 (SCI) : 2 channels
•All with full duplex double buffer
•Use clock-asynchronous or clock-synchronous serial forwarding
• DTP/external interrupt : 8 channels
•A module for launching extended intelligent I/O service (EI2OS) and generating external interrupts through
external output
• Delayed interrupt generation module
•Generates interrupt requests for switching tasks
• 8/10-bit A/D converter : 8 channels
•Switch between 8-bit and 10-bit resolution
•Launch through external trigger input
•Conversion time : 6.13
µs (with 16-MHz machine clock, including sampling time)
• Program batch function
•2-address pointer ROM correction
• Clock output function


Similar Part No. - MB90497G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90497G FUJITSU-MB90497G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
MB90497G FUJITSU-MB90497G Datasheet
565Kb / 96P
   16-bit Proprietary Microcontroller
MB90497GPF FUJITSU-MB90497GPF Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
MB90497GPF FUJITSU-MB90497GPF Datasheet
565Kb / 96P
   16-bit Proprietary Microcontroller
MB90497GPFM FUJITSU-MB90497GPFM Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90497G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com