Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14541BFEL Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC14541BFEL
Description  Programmable Timer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14541BFEL Datasheet(HTML) 1 Page - ON Semiconductor

  MC14541BFEL Datasheet HTML 1Page - ON Semiconductor MC14541BFEL Datasheet HTML 2Page - ON Semiconductor MC14541BFEL Datasheet HTML 3Page - ON Semiconductor MC14541BFEL Datasheet HTML 4Page - ON Semiconductor MC14541BFEL Datasheet HTML 5Page - ON Semiconductor MC14541BFEL Datasheet HTML 6Page - ON Semiconductor MC14541BFEL Datasheet HTML 7Page - ON Semiconductor MC14541BFEL Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2000
March, 2000 – Rev. 6
1
Publication Order Number:
MC14541B/D
MC14541B
Programmable Timer
The MC14541B programmable timer consists of a 16–stage binary
counter, an integrated oscillator for use with an external capacitor and
two resistors, an automatic power–on reset circuit, and output control
logic.
Timing is initialized by turning on power, whereupon the power–on
reset is enabled and initializes the counter, within the specified VDD
range. With the power already on, an external reset pulse can be
applied. Upon release of the initial reset command, the oscillator will
oscillate with a frequency determined by the external RC network. The
16–stage counter divides the oscillator frequency (fosc) with the nth
stage frequency being fosc/2n.
Available Outputs 28, 210, 213 or 216
Increments on Positive Edge Clock Transitions
Built–in Low Power RC Oscillator (± 2% accuracy over temperature
range and
± 20% supply and ± 3% over processing at < 10 kHz)
Oscillator May Be Bypassed if External Clock Is Available (Apply
external clock to Pin 3)
External Master Reset Totally Independent of Automatic Reset
Operation
Operates as 2n Frequency Divider or Single Transition Timer
Q/Q Select Provides Output Logic Level Flexibility
Reset (auto or master) Disables Oscillator During Resetting to
Provide No Active Power Dissipation
Clock Conditioning Circuit Permits Operation with Very Slow Clock
Rise and Fall Times
Automatic Reset Initializes All Counters On Power Up
Supply Voltage Range = 3.0 Vdc to 18 Vdc with Auto Reset
Supply Voltage Range = Disabled (Pin 5 = VDD)
Supply Voltage Range = 8.5 Vdc to 18 Vdc with Auto Reset
Supply Voltage Range = Enabled (Pin 5 = VSS)
MAXIMUM RATINGS (Voltages Referenced to VSS) (Note 2.)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage Range
– 0.5 to +18.0
V
Vin, Vout
Input or Output Voltage Range
(DC or Transient)
– 0.5 to VDD + 0.5
V
Iin
Input Current (DC or Transient)
±10 (per Pin)
mA
Iout
Output Current (DC or Transient)
±45 (per Pin)
mA
PD
Power Dissipation,
per Package (Note 3.)
500
mW
TA
Ambient Temperature Range
– 55 to +125
°C
Tstg
Storage Temperature Range
– 65 to +150
°C
TL
Lead Temperature
(8–Second Soldering)
260
°C
2. Maximum Ratings are those values beyond which damage to the device
may occur.
3. Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
http://onsemi.com
A
= Assembly Location
WL or L
= Wafer Lot
YY or Y
= Year
WW or W = Work Week
Device
Package
Shipping
ORDERING INFORMATION
MC14541BCP
PDIP–14
2000/Box
MC14541BD
SOIC–14
55/Rail
MC14541BDR2
SOIC–14
2500/Tape & Reel
1. For ordering information on the EIAJ version of
the SOIC packages, please contact your local
ON Semiconductor representative.
MC14541BDTR2
TSSOP–14 2500/Tape & Reel
MC14541BDT
TSSOP–14
96/Rail
MC14541BF
SOEIAJ–14
See Note 1.
This device contains protection circuitry to guard
against damage due to high static voltages or electric
fields. However, precautions must be taken to avoid ap-
plications of any voltage higher than maximum rated
voltages to this high–impedance circuit. For proper
operation, Vin and Vout should be constrained to the
range VSS v (Vin or Vout) v VDD.
Unused inputs must always be tied to an appropriate
logic voltage level (e.g., either VSS or VDD). Unused out-
puts must be left open.
MC14541BFEL
SOEIAJ–14
See Note 1.
MARKING
DIAGRAMS
1
14
PDIP–14
P SUFFIX
CASE 646
MC14541BCP
AWLYYWW
SOIC–14
D SUFFIX
CASE 751A
TSSOP–14
DT SUFFIX
CASE 948G
1
14
14541B
AWLYWW
14
541B
ALYW
1
14
SOEIAJ–14
F SUFFIX
CASE 965
1
14
MC14541B
AWLYWW


Similar Part No. - MC14541BFEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14541BFEL ONSEMI-MC14541BFEL Datasheet
163Kb / 10P
   Programmable Timer
October, 2006 ??Rev. 10
MC14541BFELG ONSEMI-MC14541BFELG Datasheet
163Kb / 10P
   Programmable Timer
October, 2006 ??Rev. 10
MC14541BFELG ONSEMI-MC14541BFELG Datasheet
142Kb / 9P
   Programmable Timer
July, 2014 ??Rev. 14
More results

Similar Description - MC14541BFEL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
   Programmable timer
January 1995
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
   Programmable Timer
logo
SELEC Controls Pvt. Ltd
XT532 SELEC-XT532 Datasheet
135Kb / 2P
   PROGRAMMABLE TIMER
logo
Motorola, Inc
MC14536B MOTOROLA-MC14536B Datasheet
333Kb / 13P
   PROGRAMMABLE TIMER
logo
Unisonic Technologies
CD4541 UTC-CD4541_12 Datasheet
262Kb / 7P
   PROGRAMMABLE TIMER
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC Datasheet
77Kb / 8P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B_06 Datasheet
150Kb / 14P
   Programmable Timer
April, 2006 ??Rev. 9
logo
System Logic Semiconduc...
SL4541B SLS-SL4541B Datasheet
47Kb / 5P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B Datasheet
294Kb / 16P
   Programmable Timer
March, 2000 ??Rev. 5
logo
STMicroelectronics
HCC4536B STMICROELECTRONICS-HCC4536B Datasheet
351Kb / 17P
   PROGRAMMABLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com