Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL10354QCG Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

Part # ZL10354QCG
Description  Diversity Enabled Nordig Unified DVB-T COFDM Terrestrial Demodulator for PC-TV and Hand-held Digital TV (DTV)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL10354QCG Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

  ZL10354QCG Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL10354QCG Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL10354QCG Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL10354QCG Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL10354QCG Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL10354QCG Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL10354QCG Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL10354QCG Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL10354QCG Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1
Zarlink Semiconductor Inc.
Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc.
Copyright 2005, Zarlink Semiconductor Inc. All Rights Reserved.
Features
Compliant with ETSI 300 744 DVB-T, Unified
Nordig and DTG performance specifications
Diversity enabled multi-tuner solution.
High performance with fast fully blind acquisition
and tracking capability
Low power consumption: less than 0.32 W, and
eco-friendly standby and sleep modes
Single 8 MHz SAW filter for 6, 7 & 8 MHz OFDM
Superior single frequency network performance
Fast AGC to track out signal fades
Advanced Doppler tracking capability
Enhanced frequency capture range to include
triple offsets
External 4 MHz clock or single low-cost
20.48 MHz crystal, tolerance up to +/-200 ppm
Automatic mode (2 K/8 K), guard and spectral
inversion detection
Very low driver software overhead due to on-chip
state-machine control
Novel RF level detect facility via a separate ADC
Pre and post Viterbi-decoder bit error rates, and
uncorrectable block count
Applications
Digital terrestrial set-top boxes
Integrated digital televisions
Personal video recorders
PC-TV receivers
Portable applications
Description
The ZL10354 is a superior fourth generation fully
compliant ETSI ETS300 744 COFDM demodulator that
exceeds, with margin, the performance requirements
of
all
known
DVB-T
digital
terrestrial
television
standards, including Unified Nordig and DTG.
September 2005
Ordering Information
ZL10354QCG
64 Pin LQFP
Trays, Bake & Drypack
ZL10354QCG1
64 Pin LQFP*
Trays, Bake & Drypack
ZL10354QCF
64 Pin LQFP
Trays, Bake & Drypack
ZL10354QCF1
64 Pin LQFP*
Trays, Bake & Drypack
*Pb Free Matte Tin
-
40°C to +85°C
ZL10354
Diversity Enabled Nordig Unified DVB-T
COFDM Terrestrial Demodulator for
PC-TV and Hand-held Digital TV (DTV)
Data Sheet
Figure 1 - Block Diagram


Similar Part No. - ZL10354QCG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL10353 ZARLINK-ZL10353 Datasheet
451Kb / 25P
   Fully Compliant NorDig Unified COFDM Digital Terrestrial TV (DTV) Demodulator
ZL10353QCF ZARLINK-ZL10353QCF Datasheet
451Kb / 25P
   Fully Compliant NorDig Unified COFDM Digital Terrestrial TV (DTV) Demodulator
ZL10353QCF1 ZARLINK-ZL10353QCF1 Datasheet
451Kb / 25P
   Fully Compliant NorDig Unified COFDM Digital Terrestrial TV (DTV) Demodulator
ZL10353QCG ZARLINK-ZL10353QCG Datasheet
451Kb / 25P
   Fully Compliant NorDig Unified COFDM Digital Terrestrial TV (DTV) Demodulator
ZL10353QCG1 ZARLINK-ZL10353QCG1 Datasheet
451Kb / 25P
   Fully Compliant NorDig Unified COFDM Digital Terrestrial TV (DTV) Demodulator
More results

Similar Description - ZL10354QCG

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
CE6353 INTEL-CE6353 Datasheet
478Kb / 26P
   Nordig Unified DVB-T COFDM Terrestrial Demodulator for PC-TV and Hand-held Digital TV (DTV)
logo
Zarlink Semiconductor I...
ZL10355 ZARLINK-ZL10355 Datasheet
456Kb / 26P
   Nordig Unified DVB-T COFDM Terrestrial Demodulator for PC-TV and Hand-held Digital TV(DTV)
ZL10353 ZARLINK-ZL10353 Datasheet
451Kb / 25P
   Fully Compliant NorDig Unified COFDM Digital Terrestrial TV (DTV) Demodulator
logo
List of Unclassifed Man...
PS20353 ETC2-PS20353 Datasheet
2Mb / 27P
   Nordig Unified DVB-T COFDM Terrestrial Demodulator
PS20355 ETC2-PS20355 Datasheet
2Mb / 25P
   Nordig Unified DVB-T COFDM
logo
Skyworks Solutions Inc.
SI2168-D60 SKYWORKS-SI2168-D60 Datasheet
37Kb / 2P
   DVB-T2/T/C Digital TV Demodulator
November 28, 2021
logo
Silicon Laboratories
SI2168-B40 SILABS-SI2168-B40 Datasheet
141Kb / 2P
   DVB-T2/T/C Digital TV Demodulator
SI2168-D60 SILABS-SI2168-D60 Datasheet
65Kb / 2P
   DVB-T2/T/C Digital TV Demodulator
logo
List of Unclassifed Man...
PS20230 ETC2-PS20230 Datasheet
1Mb / 26P
   COFDM demodulator with USB interface for PC-TV
logo
Silicon Laboratories
SI21682-D60 SILABS-SI21682-D60 Datasheet
162Kb / 2P
   Dual DVB-T2/T/C Digital TV Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com